![]() |
Electronic Components Datasheet Search |
|
MCP3201 Datasheet(PDF) 19 Page - Microchip Technology |
|
|
MCP3201 Datasheet(HTML) 19 Page - Microchip Technology |
19 / 36 page ![]() © 2008 Microchip Technology Inc. DS21290E-page 19 MCP3201 5.0 SERIAL COMMUNICATIONS Communication with the device is done using a standard SPI-compatible serial interface. Initiating communication with the MCP3201 device begins with the CS going low. If the device was powered up with the CS pin low, it must be brought high and back low to initiate communication. The device will begin to sample the analog input on the first rising edge after CS goes low. The sample period will end in the falling edge of the second clock, at which time the device will output a low null bit. The next 12 clocks will output the result of the conversion with MSB first, as shown in Figure 5-1. Data is always output from the device on the falling edge of the clock. If all 12 data bits have been transmitted and the device continues to receive clocks while the CS is held low, the device will output the conversion result LSB first, as shown in Figure 5-2. If more clocks are provided to the device while CS is still low (after the LSB first data has been transmitted), the device will clock out zeros indefinitely. FIGURE 5-1: Communication with MCP3201 device using MSB first Format. FIGURE 5-2: Communication with MCP3201 device using LSB first Format. CS CLK D OUT tCYC POWER DOWN TSUCS TSAMPLE tCONV tDATA** * After completing the data transfer, if further clocks are applied with CS low, the A/D Converter will output LSB first data, followed by zeros indefinitely. See Figure 5-2 below. ** tDATA: during this time, the bias current and the comparator power down and the reference input becomes a high-impedance node, leaving the CLK running to clock out the LSB-first data or zeros. TCSH NULL BIT B11 B10 B9 B8 B7 B6 B5 B4 B3 B2 B1 B0* HI-Z HI-Z B11 B10 B9 B8 NULL BIT CS CLK D OUT tCYC POWER DOWN tSUCS tSAMPLE tCONV tDATA** * After completing the data transfer, if further clocks are applied with CS low, the A/D Converter will output zeros indefinitely. ** tDATA: during this time, the bias current and the comparator power down and the reference input becomes a high-impedance node, leaving the CLK running to clock out the LSB-first data or zeros. tCSH NULL BIT B11B10B9 B8 B7 B6 B5 B4 B3 B2 B1 B0 HI-Z B1 B2 B3 B4 B5 B6 B7 B8 B9 B10B11* HI-Z |
Similar Part No. - MCP3201_08 |
|
Similar Description - MCP3201_08 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |