Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP3201 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP3201
Description  2.7V 12-Bit A/D Converter with SPI Serial Interface
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3201 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP3201_08 Datasheet HTML 7Page - Microchip Technology MCP3201_08 Datasheet HTML 8Page - Microchip Technology MCP3201_08 Datasheet HTML 9Page - Microchip Technology MCP3201_08 Datasheet HTML 10Page - Microchip Technology MCP3201_08 Datasheet HTML 11Page - Microchip Technology MCP3201_08 Datasheet HTML 12Page - Microchip Technology MCP3201_08 Datasheet HTML 13Page - Microchip Technology MCP3201_08 Datasheet HTML 14Page - Microchip Technology MCP3201_08 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
© 2008 Microchip Technology Inc.
DS21290E-page 11
MCP3201
Note:
Unless otherwise indicated, VDD = VREF = 5V, VSS = 0V, fSAMPLE = 100 ksps, fCLK = 16*fSAMPLE, TA = +25°C.
FIGURE 2-25:
Effective Number of Bits
(ENOB) vs. VREF.
FIGURE 2-26:
Spurious Free Dynamic
Range (SFDR) vs. Input Frequency.
FIGURE 2-27:
Frequency Spectrum of
10 kHz input (Representative Part).
FIGURE 2-28:
Effective Number of Bits
(ENOB) vs. Input Frequency.
FIGURE 2-29:
Power Supply Rejection
(PSR) vs. Ripple Frequency.
FIGURE 2-30:
Frequency Spectrum of
1 kHz input (Representative Part, VDD = 2.7V).
9.00
9.25
9.50
9.75
10.00
10.25
10.50
10.75
11.00
11.25
11.50
11.75
12.00
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VREF (V)
VDD = VREF = 2.7V
FSAMPLE = 50 ksps
VDD = VREF = 5V
FSAMPLE =100 ksps
0
10
20
30
40
50
60
70
80
90
100
110
100
Input Frequency (kHz)
VDD = VREF = 2.7V
FSAMPLE = 50 ksps
VDD = VREF = 5V, FSAMPLE = 100 ksps
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
10000
20000
30000
40000
50000
Frequency (Hz)
VDD = VREF = 5V
FSAMPLE = 100 ksps
FINPUT = 9.985kHz
4096 points
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
12.0
1
10
100
Input Frequency (kHz)
VDD = 2.7V
FSAMPLE = 50 ksps
VDD = 5V
FSAMPLE = 100 ksps
-80
-70
-60
-50
-40
-30
-20
-10
0
1
10
100
1000
10000
Ripple Frequency (kHz)
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
5000
10000
15000
20000
25000
Frequency (Hz)
VDD = VREF = 2.7V
FSAMPLE = 50 ksps
FINPUT = 998.76 Hz
4096 points


Similar Part No. - MCP3201_08

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3201 MICROCHIP-MCP3201_07 Datasheet
489Kb / 28P
   2.7V 12-Bit A/D Converter with SPI Serial Interface
2007
More results

Similar Description - MCP3201_08

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3201 MICROCHIP-MCP3201_07 Datasheet
489Kb / 28P
   2.7V 12-Bit A/D Converter with SPI Serial Interface
2007
MCP3201 MICROCHIP-MCP3201 Datasheet
377Kb / 20P
   2.7V 12-Bit A/D Converter with SPI Serial Interface
1999
MCP3202 MICROCHIP-MCP3202 Datasheet
386Kb / 20P
   2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
1999
MCP3202 MICROCHIP-MCP3202_08 Datasheet
606Kb / 32P
   2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
2008
MCP3202 MICROCHIP-MCP3202_06 Datasheet
523Kb / 28P
   2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
2006
MCP3001 MICROCHIP-MCP3001_07 Datasheet
453Kb / 28P
   2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2007
MCP3001 MICROCHIP-MCP3001 Datasheet
597Kb / 28P
   2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2001
MCP3002 MICROCHIP-MCP3002 Datasheet
1Mb / 34P
   2.7V Dual Channel 10-Bit A/D Converter with SPI Serial Interface
Revision E November 2011
MCP3002 MICROCHIP-MCP3002_08 Datasheet
585Kb / 34P
   2.7V Dual Channel 10-Bit A/D Converter with SPI Serial Interface
2008
MCP3002 MICROCHIP-MCP3002_07 Datasheet
439Kb / 28P
   2.7V Dual Channel 10-Bit A/D Converter with SPI??Serial Interface
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com