Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP3201 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP3201
Description  2.7V 12-Bit A/D Converter with SPI Serial Interface
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3201 Datasheet(HTML) 1 Page - Microchip Technology

  MCP3201_08 Datasheet HTML 1Page - Microchip Technology MCP3201_08 Datasheet HTML 2Page - Microchip Technology MCP3201_08 Datasheet HTML 3Page - Microchip Technology MCP3201_08 Datasheet HTML 4Page - Microchip Technology MCP3201_08 Datasheet HTML 5Page - Microchip Technology MCP3201_08 Datasheet HTML 6Page - Microchip Technology MCP3201_08 Datasheet HTML 7Page - Microchip Technology MCP3201_08 Datasheet HTML 8Page - Microchip Technology MCP3201_08 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
© 2008 Microchip Technology Inc.
DS21290E-page 1
MCP3201
Features
• 12-bit resolution
• ±1 LSB max DNL
• ±1 LSB max INL (MCP3201-B)
• ±2 LSB max INL (MCP3201-C)
• On-chip sample and hold
• SPI serial interface (modes 0,0 and 1,1)
• Single supply operation: 2.7V - 5.5V
• 100 ksps maximum sampling rate at VDD = 5V
• 50 ksps maximum sampling rate at VDD = 2.7V
• Low power CMOS technology
• 500 nA typical standby current, 2 µA maximum
• 400 µA maximum active current at 5V
• Industrial temp range: -40°C to +85°C
• 8-pin MSOP, PDIP, SOIC and TSSOP packages
Applications
• Sensor Interface
• Process Control
• Data Acquisition
• Battery Operated Systems
Functional Block Diagram
Description
The Microchip Technology Inc. MCP3201 device is a
successive approximation 12-bit Analog-to-Digital
(A/D) Converter with on-board sample and hold
circuitry. The device provides a single pseudo-differen-
tial input. Differential Nonlinearity (DNL) is specified at
±1 LSB, and Integral Nonlinearity (INL) is offered in
±1 LSB (MCP3201-B) and ±2 LSB (MCP3201-C)
versions. Communication with the device is done using
a simple serial interface compatible with the SPI
protocol. The device is capable of sample rates of up to
100 ksps at a clock rate of 1.6 MHz. The MCP3201
device operates over a broad voltage range (2.7V -
5.5V). Low-current design permits operation with
typical standby and active currents of only 500 nA and
300 µA, respectively. The device is offered in 8-pin
MSOP, PDIP, TSSOP and 150 mil SOIC packages.
Package Types
Comparator
Sample
and
Hold
12-Bit SAR
DAC
Control Logic
CS/SHDN
VREF
IN+
IN-
VSS
VDD
CLK
DOUT
Shift
Register
VREF
IN+
IN–
VSS
VDD
CLK
DOUT
CS/SHDN
1
2
3
4
8
7
6
5
MSOP, PDIP, SOIC, TSSOP
2.7V 12-Bit A/D Converter with SPI Serial Interface


Similar Part No. - MCP3201_08

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3201 MICROCHIP-MCP3201_07 Datasheet
489Kb / 28P
   2.7V 12-Bit A/D Converter with SPI Serial Interface
2007
More results

Similar Description - MCP3201_08

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3201 MICROCHIP-MCP3201_07 Datasheet
489Kb / 28P
   2.7V 12-Bit A/D Converter with SPI Serial Interface
2007
MCP3201 MICROCHIP-MCP3201 Datasheet
377Kb / 20P
   2.7V 12-Bit A/D Converter with SPI Serial Interface
1999
MCP3202 MICROCHIP-MCP3202 Datasheet
386Kb / 20P
   2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
1999
MCP3202 MICROCHIP-MCP3202_08 Datasheet
606Kb / 32P
   2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
2008
MCP3202 MICROCHIP-MCP3202_06 Datasheet
523Kb / 28P
   2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
2006
MCP3001 MICROCHIP-MCP3001_07 Datasheet
453Kb / 28P
   2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2007
MCP3001 MICROCHIP-MCP3001 Datasheet
597Kb / 28P
   2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2001
MCP3002 MICROCHIP-MCP3002 Datasheet
1Mb / 34P
   2.7V Dual Channel 10-Bit A/D Converter with SPI Serial Interface
Revision E November 2011
MCP3002 MICROCHIP-MCP3002_08 Datasheet
585Kb / 34P
   2.7V Dual Channel 10-Bit A/D Converter with SPI Serial Interface
2008
MCP3002 MICROCHIP-MCP3002_07 Datasheet
439Kb / 28P
   2.7V Dual Channel 10-Bit A/D Converter with SPI??Serial Interface
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com