Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP3201 Datasheet(PDF) 33 Page - Microchip Technology

Part # MCP3201
Description  2.7V 12-Bit A/D Converter with SPI Serial Interface
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3201 Datasheet(HTML) 33 Page - Microchip Technology

Back Button MCP3201_08 Datasheet HTML 28Page - Microchip Technology MCP3201_08 Datasheet HTML 29Page - Microchip Technology MCP3201_08 Datasheet HTML 30Page - Microchip Technology MCP3201_08 Datasheet HTML 31Page - Microchip Technology MCP3201_08 Datasheet HTML 32Page - Microchip Technology MCP3201_08 Datasheet HTML 33Page - Microchip Technology MCP3201_08 Datasheet HTML 34Page - Microchip Technology MCP3201_08 Datasheet HTML 35Page - Microchip Technology MCP3201_08 Datasheet HTML 36Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
© 2008 Microchip Technology Inc.
DS21290E-page 33
MCP3201
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device
MCP3201:
12-Bit A/D Converter w/SPI Interface
MCP3201T:
12-Bit A/D Converter w/SPI Interface
(Tape and Reel)
Grade
B:
= ± LSB max INL (MSOP and TSSOP not available)
C:
= ± LSB max INL
Temperature Range
I
= -40°C to+85°C(Industrial)
Package
MS
= Plastic Micro Small Outline (MSOP), 8-lead
P
= Plastic DIP (300 mil Body), 8-lead
SN
= Plastic SOIC (150 mil Body), 8-lead
ST
= Plastic TSSOP (4.4 mm), 8-lead
Examples:
a)
MCP3201-BI/P:
B Grade,
Industrial Temperature,
8LD PDIP package.
b)
MCP3201-BI/SN:
B Grade,
Industrial Temperature,
8LD SOIC package.
c)
MCP3201-CI/P:
C Grade,
Industrial Temperature,
8LD PDIP package.
d)
MCP3201-CI/MS:
C Grade,
Industrial Temperature,
8LD MSOP package.
e)
MCP3201-CI/SN:
C Grade,
Industrial Temperature,
8LD SOIC package.
f)
MCP3201-CI/ST:
C Grade,
Industrial Temperature,
8LD TSSOP package.
g)
MCP3201T-BI/SN: Tape and Reel,B Grade,
Industrial Temperature,
8LD SOIC package.
h)
MCP3201T-CI/MS: Tape and Reel, C Grade,
Industrial Temperature,
8LD MSOP package.
i)
MCP3201T-CI/SN: Tape and Reel, C Grade,
Industrial Temperature,
8LD SOIC package.
j)
MCP3201T-CI/ST: Tape and Reel, C Grade,
Industrial Temperature,
8LD TSSOP package.
PART NO.
X
/XX
X
Grade
Package
Temperature
Range
Device


Similar Part No. - MCP3201_08

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3201 MICROCHIP-MCP3201_07 Datasheet
489Kb / 28P
   2.7V 12-Bit A/D Converter with SPI Serial Interface
2007
More results

Similar Description - MCP3201_08

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3201 MICROCHIP-MCP3201_07 Datasheet
489Kb / 28P
   2.7V 12-Bit A/D Converter with SPI Serial Interface
2007
MCP3201 MICROCHIP-MCP3201 Datasheet
377Kb / 20P
   2.7V 12-Bit A/D Converter with SPI Serial Interface
1999
MCP3202 MICROCHIP-MCP3202 Datasheet
386Kb / 20P
   2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
1999
MCP3202 MICROCHIP-MCP3202_08 Datasheet
606Kb / 32P
   2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
2008
MCP3202 MICROCHIP-MCP3202_06 Datasheet
523Kb / 28P
   2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
2006
MCP3001 MICROCHIP-MCP3001_07 Datasheet
453Kb / 28P
   2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2007
MCP3001 MICROCHIP-MCP3001 Datasheet
597Kb / 28P
   2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2001
MCP3002 MICROCHIP-MCP3002 Datasheet
1Mb / 34P
   2.7V Dual Channel 10-Bit A/D Converter with SPI Serial Interface
Revision E November 2011
MCP3002 MICROCHIP-MCP3002_08 Datasheet
585Kb / 34P
   2.7V Dual Channel 10-Bit A/D Converter with SPI Serial Interface
2008
MCP3002 MICROCHIP-MCP3002_07 Datasheet
439Kb / 28P
   2.7V Dual Channel 10-Bit A/D Converter with SPI??Serial Interface
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com