Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSG3XAT1C1E Datasheet(PDF) 1 Page - OptoSupply International

Part # OSG3XAT1C1E
Description  5x5x1.3mm Tops 1 Power Cyan LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSG3XAT1C1E Datasheet(HTML) 1 Page - OptoSupply International

  OSG3XAT1C1E Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VER A.0
5
5x
x5
5x
x1
1..3
3m
mm
m T
To
op
pss 1
1 P
Po
ow
we
er
r C
Cy
ya
an
n
L
LE
ED
D
OSG3XAT1C1E
Features
Outline Dimension
Highest luminous flux
Super energy efficiency
Very long operating life (up to 100K hours)
Superior ESD protection
No UV
Applications
Read lights (car, bus, aircraft)
Portable (flashlight, bicycle)
Bollards / Security / Garden
Traffic signaling / Beacons
In door / Out door Commercial lights
Automotive Ext
1
2.2
4.2
1.3
5
Cathode(-)
Anode(+)
(2.9)
Back View
Unite:mm
Tolerance:±0.20
0~+0.07 Max
Absolute Maximum Rating
(Ta=25℃)
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
400
mA
Pulse Forward Current*
IFP
500
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
1600
mW
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40~ +100
Lead Soldering Temperature
Tsol
260
/5sec
-
*Pulse width Max.10ms Duty ratio max 1/10
0
0
Electrical -Optical Characteristics
(Ta=25℃)
Forward Operating Current (DC)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=350mA
3.0
3.3
4.0
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Domi. Wavelength
λD
IF=350mA
500
505
510
nm
Luminous Flux
Φ
v
IF=350mA
-
70
100
lm
50% Power Angle
1/2
IF=350mA
-
120
-
deg
400
350
300
250
0
50
100
150
200
025
50
75
125
100
RJ-A=60
/W
RJ-A=50
/W
RJ-A
=40
/W
RJ-A=30
/W
Ambient Temperature, TA ()
Note: Don’t drive at rated current more than 5s without heat sink for Tops 1 emitter series.
LED & Application Technologies


Similar Part No. - OSG3XAT1C1E

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSG3XAT3C1E OPTOSUPPLY-OSG3XAT3C1E Datasheet
107Kb / 1P
   5x5x1.3mm Tops 3 Power Cyan LED
More results

Similar Description - OSG3XAT1C1E

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSG3XAT3C1E OPTOSUPPLY-OSG3XAT3C1E Datasheet
107Kb / 1P
   5x5x1.3mm Tops 3 Power Cyan LED
OSR5XAT1C1E OPTOSUPPLY-OSR5XAT1C1E Datasheet
106Kb / 1P
   5x5x1.3mm Tops 1 Power Red LED
OSW4XAT1C1E OPTOSUPPLY-OSW4XAT1C1E Datasheet
106Kb / 1P
   5x5x1.3mm Tops 1 Power Cool White LED
OSG5XAT1C1E OPTOSUPPLY-OSG5XAT1C1E Datasheet
106Kb / 1P
   5x5x1.3mm Tops 1 Power Pure GreenLED
OSB5XATHC1E OPTOSUPPLY-OSB5XATHC1E Datasheet
105Kb / 1P
   5x5x1.3mm Tops H Power Blue LED
OSY5XAT3C1E OPTOSUPPLY-OSY5XAT3C1E Datasheet
107Kb / 1P
   5x5x1.3mm Tops 3 Power Amber LED
OSR5XAT3C1E OPTOSUPPLY-OSR5XAT3C1E Datasheet
107Kb / 1P
   5x5x1.3mm Tops 3 Power Red LED
OSTCXBSGC1EVER.1 OPTOSUPPLY-OSTCXBSGC1EVER.1 Datasheet
120Kb / 1P
   5x5x1.3mm tops h power pure green & red &blue led
OSTCWBTHC1E_VER.A.1 OPTOSUPPLY-OSTCWBTHC1E_VER.A.1 Datasheet
125Kb / 1P
   5x5x1.3mm tops h power pure green & red &blue led
OSW4XAT1C1S OPTOSUPPLY-OSW4XAT1C1S Datasheet
111Kb / 1P
   Tops 1 Power LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com