Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSG3XAE1E1E Datasheet(PDF) 1 Page - OptoSupply International

Part # OSG3XAE1E1E
Description  Xeon 1 Power Cyan LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSG3XAE1E1E Datasheet(HTML) 1 Page - OptoSupply International

  OSG3XAE1E1E Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
X
Xe
eo
on
n 1
1 P
Po
ow
we
er
r C
Cy
ya
an
n L
LE
ED
D
OSG3XAE1E1E
Features
Outline Dimension
Highest luminous flux
Super energy efficiency
Very long operating life (up to 100K hours)
Superior ESD protection
No UV
Applications
Read lights (car, bus, aircraft)
Portable (flashlight, bicycle)
Bollards / Security / Garden
Traffic signaling / Beacons
In door / Out door Commercial lights
Automotive Ext
Absolute Maximum Rating
(Ta=25℃)
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
400
mA
Pulse Forward Current*
IFP
500
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
1600
mW
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40~ +100
Lead Soldering Temperature
Tsol
260
/5sec
-
*Pulse width Max.10ms Duty ratio max 1/10
0
0
Electrical -Optical Characteristics
(Ta=25℃)
Forward Operating Current (DC)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=350mA
3.0
3.3
4.0
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Domi. Wavelength
λD
IF=350mA
500
505
510
nm
Luminous Flux
Φ
v
IF=350mA
-
70
100
lm
50% Power Angle
1/2
IF=350mA
-
140
-
deg
400
350
300
250
0
50
100
150
200
025
50
75
125
100
RJ-A=60
/W
RJ-A=50
/W
RJ-A
=40
/W
RJ-A=30
/W
Ambient Temperature, TA ()
Note: Don’t drive at rated current more than 5s without heat sink for Xeon 1 emitter series.
LED & Application Technologies
Unit:mm
Tolerances are for reference only


Similar Part No. - OSG3XAE1E1E

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSG3XAE3E1E OPTOSUPPLY-OSG3XAE3E1E Datasheet
110Kb / 1P
   Xeon 3 Power Cyan LED
More results

Similar Description - OSG3XAE1E1E

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSG3XAE3E1E OPTOSUPPLY-OSG3XAE3E1E Datasheet
110Kb / 1P
   Xeon 3 Power Cyan LED
OSG3XAC1C1E OPTOSUPPLY-OSG3XAC1C1E Datasheet
118Kb / 1P
   9.2x8x1.92mm Commercial 1 Power Cyan LED
OSG3XAT1C1E OPTOSUPPLY-OSG3XAT1C1E Datasheet
106Kb / 1P
   5x5x1.3mm Tops 1 Power Cyan LED
OSW4XME1C1S OPTOSUPPLY-OSW4XME1C1S Datasheet
116Kb / 1P
   Xeon 1 Power LED
OSXXXNE1E1S OPTOSUPPLY-OSXXXNE1E1S Datasheet
110Kb / 1P
   Xeon 1 Power LED
OSXXXME1C1S OPTOSUPPLY-OSXXXME1C1S_11 Datasheet
119Kb / 1P
   Xeon 1 Power LED
logo
Lite-On Technology Corp...
LOPL-E011C LITEON-LOPL-E011C Datasheet
188Kb / 12P
   1W Cyan Power LED
logo
OptoSupply Internationa...
OSR5XAE1E1E OPTOSUPPLY-OSR5XAE1E1E Datasheet
110Kb / 1P
   Xeon 1 Power Red LED
OSY5XME1C1E OPTOSUPPLY-OSY5XME1C1E Datasheet
164Kb / 1P
   Xeon 1 Power Yellow LED
OSR5XME1C1E OPTOSUPPLY-OSR5XME1C1E_11 Datasheet
150Kb / 2P
   Xeon 1 Power Red LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com