Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSG3XAC3C1E Datasheet(PDF) 1 Page - OptoSupply International

Part # OSG3XAC3C1E
Description  9.2x8x1.92mm Commercial 3 Power Cyan LED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSG3XAC3C1E Datasheet(HTML) 1 Page - OptoSupply International

  OSG3XAC3C1E Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VER A.0
9
9..2
2x
x8
8x
x1
1..9
92
2m
mm
m C
Co
om
mm
me
er
rc
ciia
all 3
3 P
Po
ow
we
er
r C
Cy
ya
an
n
L
LE
ED
D
OSG3XAC3C1E
Features
Outline Dimension
Highest luminous flux
Super energy efficiency
Very long operating life (up to 100K hours)
Superior ESD protection
No UV
Applications
Read lights (car, bus, aircraft)
Portable (flashlight, bicycle)
Bollards / Security / Garden
Traffic signaling / Beacons
In door / Out door Commercial lights
Automotive Ext
0.7
5.7
1.5
0.6
Back View
Anode
Cathode
Unite:mm
Tolerance: 0.30
0.10
2
Absolute Maximum Rating
(Ta=25℃)
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
800
mA
Pulse Forward Current*
IFP
1000
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
3200
mW
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40~ +100
Lead Soldering Temperature
Tsol
260
/5sec
-
*Pulse width Max.10ms Duty ratio max 1/10
0
0
Electrical -Optical Characteristics
(Ta=25℃)
Forward Operating Current (DC)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=700mA
3.0
3.3
4.0
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Domi. Wavelength
λD
IF=700mA
500
505
510
nm
Luminous Flux
Φ
v
IF=700mA
-
130
180
lm
50% Power Angle
1/2
IF=700mA
-
120
-
deg
0
025
50
75
125
Ambient Temperature, TA ()
100
100
200
300
400
500
600
700
800
RJ-A=30
/W
RJ-A=25
/W
RJ-A
=20
/W
RJ-A=15
/W
Note: Don’t drive at rated current more than 5s without heat sink for Commercial 3 emitter series.
LED & Application Technologies


Similar Part No. - OSG3XAC3C1E

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSG3XAC1C1E OPTOSUPPLY-OSG3XAC1C1E Datasheet
118Kb / 1P
9.2x8x1.92mm Commercial 1 Power Cyan LED
More results

Similar Description - OSG3XAC3C1E

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSB5XACHC1E OPTOSUPPLY-OSB5XACHC1E Datasheet
117Kb / 1P
9.2x8x1.92mm Commercial H Power Blue LED
OSG3XAC1C1E OPTOSUPPLY-OSG3XAC1C1E Datasheet
118Kb / 1P
9.2x8x1.92mm Commercial 1 Power Cyan LED
OSG3XAE3E1E OPTOSUPPLY-OSG3XAE3E1E Datasheet
110Kb / 1P
Xeon 3 Power Cyan LED
OSG5XAC3C1E OPTOSUPPLY-OSG5XAC3C1E Datasheet
119Kb / 1P
9.2x8x1.92mm Commercial 3 Power Pure Green LED
OSM5XAC3C1E OPTOSUPPLY-OSM5XAC3C1E Datasheet
119Kb / 1P
9.2x8x1.92mm Commercial 3 Power Warm White LED
OSR5XAC1C1E OPTOSUPPLY-OSR5XAC1C1E Datasheet
118Kb / 1P
9.2x8x1.92mm Commercial 1 Power Red LED
OSR5XACHC1E OPTOSUPPLY-OSR5XACHC1E Datasheet
117Kb / 1P
9.2x8x1.92mm Commercial H Power Red LED
OSW4XAC3C1E OPTOSUPPLY-OSW4XAC3C1E Datasheet
119Kb / 1P
9.2x8x1.92mm Commercial 3 Power Cool White LED
OSY5XAC1C1E OPTOSUPPLY-OSY5XAC1C1E Datasheet
118Kb / 1P
9.2x8x1.92mm Commercial 1 Power Amber LED
OSY5XACHC1E OPTOSUPPLY-OSY5XACHC1E Datasheet
117Kb / 1P
9.2x8x1.92mm Commercial 1 Power Amber LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com