Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSG3XAC1C1E Datasheet(PDF) 1 Page - OptoSupply International

Part # OSG3XAC1C1E
Description  9.2x8x1.92mm Commercial 1 Power Cyan LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSG3XAC1C1E Datasheet(HTML) 1 Page - OptoSupply International

  OSG3XAC1C1E Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VER A.0
9
9..2
2x
x8
8x
x1
1..9
92
2m
mm
m C
Co
om
mm
me
er
rc
ciia
all 1
1 P
Po
ow
we
er
r C
Cy
ya
an
n L
LE
ED
D
OSG3XAC1C1E
Features
Outline Dimension
Highest luminous flux
Super energy efficiency
Very long operating life (up to 100K hours)
Superior ESD protection
No UV
Applications
Read lights (car, bus, aircraft)
Portable (flashlight, bicycle)
Bollards / Security / Garden
Traffic signaling / Beacons
In door / Out door Commercial lights
Automotive Ext
0.7
5.7
1.5
0.6
Back View
Anode
Cathode
Unite:mm
Tolerance: 0.30
0.10
2
Absolute Maximum Rating
(Ta=25℃)
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
400
mA
Pulse Forward Current*
IFP
500
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
1600
mW
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40~ +100
Lead Soldering Temperature
Tsol
260
/5sec
-
*Pulse width Max.10ms Duty ratio max 1/10
0
0
Electrical -Optical Characteristics
(Ta=25℃)
Forward Operating Current (DC)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=350mA
3.0
3.3
4.0
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Domi. Wavelength
λD
IF=350mA
500
505
510
nm
Luminous Flux
Φ
v
IF=350mA
-
70
100
lm
50% Power Angle
1/2
IF=350mA
-
120
-
deg
400
350
300
250
0
50
100
150
200
025
50
75
125
100
RJ-A=60
/W
RJ-A=50
/W
RJ-A
=40
/W
RJ-A=30
/W
Ambient Temperature, TA ()
Note: Don’t drive at rated current more than 5s without heat sink for Commercial 1 Power emitter series.
LED & Application Technologies


Similar Part No. - OSG3XAC1C1E

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSG3XAC3C1E OPTOSUPPLY-OSG3XAC3C1E Datasheet
119Kb / 1P
   9.2x8x1.92mm Commercial 3 Power Cyan LED
More results

Similar Description - OSG3XAC1C1E

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSG3XAC3C1E OPTOSUPPLY-OSG3XAC3C1E Datasheet
119Kb / 1P
   9.2x8x1.92mm Commercial 3 Power Cyan LED
OSR5XAC1C1E OPTOSUPPLY-OSR5XAC1C1E Datasheet
118Kb / 1P
   9.2x8x1.92mm Commercial 1 Power Red LED
OSY5XACHC1E OPTOSUPPLY-OSY5XACHC1E Datasheet
117Kb / 1P
   9.2x8x1.92mm Commercial 1 Power Amber LED
OSY5XAC1C1E OPTOSUPPLY-OSY5XAC1C1E Datasheet
118Kb / 1P
   9.2x8x1.92mm Commercial 1 Power Amber LED
OSW4XAC1C1E OPTOSUPPLY-OSW4XAC1C1E Datasheet
118Kb / 1P
   9.2x8x1.92mm Commercial 1 Power Cool White LED
OSG5XAC1C1E OPTOSUPPLY-OSG5XAC1C1E Datasheet
118Kb / 1P
   9.2x8x1.92mm Commercial 1 Power Pure Green LED
OSM5XAC1C1E OPTOSUPPLY-OSM5XAC1C1E Datasheet
118Kb / 1P
   9.2x8x1.92mm Commercial 1 Power Warm White LED
OSR5XACHC1E OPTOSUPPLY-OSR5XACHC1E Datasheet
117Kb / 1P
   9.2x8x1.92mm Commercial H Power Red LED
OSTCXBC1C1E OPTOSUPPLY-OSTCXBC1C1E Datasheet
92Kb / 1P
   9.2x8x1.92mm Commercial 1 Power Pure Green &Red & Bllue LED
OSG3XAE1E1E OPTOSUPPLY-OSG3XAE1E1E Datasheet
109Kb / 1P
   Xeon 1 Power Cyan LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com