Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP3202 Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP3202
Description  2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3202 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP3202_08 Datasheet HTML 6Page - Microchip Technology MCP3202_08 Datasheet HTML 7Page - Microchip Technology MCP3202_08 Datasheet HTML 8Page - Microchip Technology MCP3202_08 Datasheet HTML 9Page - Microchip Technology MCP3202_08 Datasheet HTML 10Page - Microchip Technology MCP3202_08 Datasheet HTML 11Page - Microchip Technology MCP3202_08 Datasheet HTML 12Page - Microchip Technology MCP3202_08 Datasheet HTML 13Page - Microchip Technology MCP3202_08 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
MCP3202
DS21034E-page 10
© 2008 Microchip Technology Inc.
Note:
Unless otherwise indicated, VDD = 5V, VSS = 0V, fSAMPLE = 100 ksps, fCLK = 18* fSAMPLE, TA = +25°C.
FIGURE 2-19:
Gain Error vs. Temperature.
FIGURE 2-20:
Signal-to-Noise Ratio
(SNR) vs. Input Frequency.
FIGURE 2-21:
Total Harmonic Distortion
(THD) vs. Input Frequency.
FIGURE 2-22:
Offset Error vs.
Temperature.
FIGURE 2-23:
Signal-to-Noise and
Distortion (SINAD) vs. Input Frequency.
FIGURE 2-24:
Signal-to-Noise and
Distortion (SINAD) vs. Signal Level.
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
-50
-25
0
255075
100
Temperature (°C)
VDD = 5V
fSAMPLE = 100
VDD = 2.7V
fSAMPLE = 50 ksps
0
10
20
30
40
50
60
70
80
90
100
110
100
Input Frequency (kHz)
VDD = 2.7V
fSAMPLE = 50 ksps
VDD = 5V
fSAMPLE = 100 ksps
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
110
100
Input Frequency (kHz)
VDD = 2.7V
fSAMPLE = 50 ksps
VDD = 5V
fSAMPLE = 100 ksps
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-50
-25
0
25
50
75
100
Temperature (°C)
VDD = 5V
fSAMPLE = 100 ksps
VDD = 2.7V
fSAMPLE = 50 ksps
0
10
20
30
40
50
60
70
80
90
100
1
10
100
Input Frequency (kHz)
VDD = 2.7V
fSAMPLE = 50 ksps
VDD = 5V
fSAMPLE = 100 ksps
0
10
20
30
40
50
60
70
80
-40-35
-30-25
-20-15
-10
-5
0
Input Signal Level (dB)
VDD = 2.7V
fSAMPLE = 50 ksps
VDD = 5V
fSAMPLE = 100 ksps


Similar Part No. - MCP3202_08

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3202 MICROCHIP-MCP3202_06 Datasheet
523Kb / 28P
   2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
2006
More results

Similar Description - MCP3202_08

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3202 MICROCHIP-MCP3202 Datasheet
386Kb / 20P
   2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
1999
MCP3202 MICROCHIP-MCP3202_06 Datasheet
523Kb / 28P
   2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
2006
MCP3201 MICROCHIP-MCP3201_07 Datasheet
489Kb / 28P
   2.7V 12-Bit A/D Converter with SPI Serial Interface
2007
MCP3201 MICROCHIP-MCP3201_08 Datasheet
713Kb / 36P
   2.7V 12-Bit A/D Converter with SPI Serial Interface
2008
MCP3201 MICROCHIP-MCP3201 Datasheet
377Kb / 20P
   2.7V 12-Bit A/D Converter with SPI Serial Interface
1999
MCP3002 MICROCHIP-MCP3002 Datasheet
1Mb / 34P
   2.7V Dual Channel 10-Bit A/D Converter with SPI Serial Interface
Revision E November 2011
MCP3002 MICROCHIP-MCP3002_08 Datasheet
585Kb / 34P
   2.7V Dual Channel 10-Bit A/D Converter with SPI Serial Interface
2008
MCP3002 MICROCHIP-MCP3002_07 Datasheet
439Kb / 28P
   2.7V Dual Channel 10-Bit A/D Converter with SPI??Serial Interface
2007
MCP3001 MICROCHIP-MCP3001_07 Datasheet
453Kb / 28P
   2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2007
MCP3001 MICROCHIP-MCP3001 Datasheet
597Kb / 28P
   2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com