Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC735LP5 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC735LP5
Description  MMIC VCO w/ DIVIDE-BY-4 10.5 - 12.2 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC735LP5 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC735LP5 Datasheet HTML 1Page - Hittite Microwave Corporation HMC735LP5 Datasheet HTML 2Page - Hittite Microwave Corporation HMC735LP5 Datasheet HTML 3Page - Hittite Microwave Corporation HMC735LP5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC735LP5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC735LP5 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12
12 - 219
The circuit board used in the final application should
use RF circuit design techniques. Signal lines should
have 50 ohm impedance while the package ground
leads and backside ground paddle should be con-
nected directly to the ground plane similar to that
shown. A sufficient number of via holes should be
used to connect the top and bottom ground planes.
The evaluation circuit board shown is available from
Hittite upon request.
Evaluation PCB
List of Materials for Evaluation PCB 110227 [1]
Item
Description
J1 - J4
PCB Mount SMA RF Connector
J5 - J6
2 mm DC Header
C1 - C3
100 pF Capacitor, 0402 Pkg.
C4
1,000 pF Capacitor, 0402 Pkg.
C5 - C7
2.2 μF Tantalum Capacitor
U1
HMC735LP5(E) VCO
PCB [2]
110225 Eval Board
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350 or Arlon 25FR
HMC735LP5 / 735LP5E
v03.0609
MMIC VCO w/ DIVIDE-BY-4
10.5 - 12.2 GHz


Similar Part No. - HMC735LP5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC735LP5 HITTITE-HMC735LP5 Datasheet
438Kb / 6P
   MMIC VCO w/ DIVIDE-BY-4 10.5 - 12.2 GHz
HMC735LP5E HITTITE-HMC735LP5E Datasheet
438Kb / 6P
   MMIC VCO w/ DIVIDE-BY-4 10.5 - 12.2 GHz
HMC735LP5 HITTITE-HMC735LP5_10 Datasheet
438Kb / 6P
   MMIC VCO w/ DIVIDE-BY-4 10.5 - 12.2 GHz
More results

Similar Description - HMC735LP5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC735LP5 HITTITE-HMC735LP5_10 Datasheet
438Kb / 6P
   MMIC VCO w/ DIVIDE-BY-4 10.5 - 12.2 GHz
HMC734LP5 HITTITE-HMC734LP5_10 Datasheet
447Kb / 6P
   MMIC VCO w/ DIVIDE-BY-4 8.6 - 10.2 GHz
HMC734LP5 HITTITE-HMC734LP5 Datasheet
262Kb / 6P
   MMIC VCO w/ DIVIDE-BY-4 8.6 - 10.2 GHz
logo
Analog Devices
HMC533LP4 AD-HMC533LP4 Datasheet
348Kb / 6P
   MMIC VCO w/ DIVIDE-BY-16
logo
Hittite Microwave Corpo...
HMC533LP4 HITTITE-HMC533LP4 Datasheet
353Kb / 8P
   MMIC VCO w/ DIVIDE-BY-16, 23.8 - 24.8 GHz
HMC533LP4 HITTITE-HMC533LP4_09 Datasheet
245Kb / 6P
   MMIC VCO w/ DIVIDE-BY-16, 23.8 - 24.8 GHz
HMC529LP5 HITTITE-HMC529LP5_11 Datasheet
439Kb / 6P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 12.4 - 13.4 GHz
HMC583LP5 HITTITE-HMC583LP5 Datasheet
323Kb / 8P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 11.5 - 12.8 GHz
logo
Analog Devices
HMC514LP5 AD-HMC514LP5 Datasheet
398Kb / 6P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 11.17 - 12.02 GHz
logo
Hittite Microwave Corpo...
HMC530LP5 HITTITE-HMC530LP5 Datasheet
320Kb / 8P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 9.5 - 10.8 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com