Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC735LP5 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC735LP5
Description  MMIC VCO w/ DIVIDE-BY-4 10.5 - 12.2 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC735LP5 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC735LP5 Datasheet HTML 1Page - Hittite Microwave Corporation HMC735LP5 Datasheet HTML 2Page - Hittite Microwave Corporation HMC735LP5 Datasheet HTML 3Page - Hittite Microwave Corporation HMC735LP5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC735LP5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC735LP5 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12
12 - 216
Outline Drawing
NOTES:
1. LEADFRAME MATERIAL: COPPER ALLOY
2. DIMENSIONS ARE IN INCHES [MILLIMETERS]
3. LEAD SPACING TOLERANCE IS NON-CUMULATIVE.
4. PAD BURR LENGTH SHALL BE 0.15mm MAXIMUM.
PAD BURR HEIGHT SHALL BE 0.05mm MAXIMUM.
5. PACKAGE WARP SHALL NOT EXCEED 0.05mm.
6. ALL GROUND LEADS AND GROUND PADDLE MUST BE
SOLDERED TO PCB RF GROUND.
7. REFER TO HITTITE APPLICATION NOTE FOR SUGGESTED LAND PATTERN.
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking
[3]
HMC735LP5
Low Stress Injection Molded Plastic
Sn/Pb Solder
MSL3
[1]
H735
XXXX
HMC735LP5E
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL3
[2]
H735
XXXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information
Divide-by-4 Frequency
vs. Tuning Voltage, Vcc = +5V
Divide-by-4 Output Power
vs. Tuning Voltage, Vcc = +5V
HMC735LP5 / 735LP5E
v03.0609
MMIC VCO w/ DIVIDE-BY-4
10.5 - 12.2 GHz
1
1.5
2
2.5
3
3.5
4
0
123
456
7
8
9
10
11
12
13
+25C
+85C
-40C
TUNING VOLTAGE (V)
-7
-6
-5
-4
-3
-2
-1
0
123
456
7
8
9
10
11
12
13
+25C
+85C
-40C
TUNING VOLTAGE (V)


Similar Part No. - HMC735LP5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC735LP5 HITTITE-HMC735LP5 Datasheet
438Kb / 6P
MMIC VCO w/ DIVIDE-BY-4 10.5 - 12.2 GHz
HMC735LP5E HITTITE-HMC735LP5E Datasheet
438Kb / 6P
MMIC VCO w/ DIVIDE-BY-4 10.5 - 12.2 GHz
HMC735LP5 HITTITE-HMC735LP5_10 Datasheet
438Kb / 6P
MMIC VCO w/ DIVIDE-BY-4 10.5 - 12.2 GHz
More results

Similar Description - HMC735LP5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC533LP4 HITTITE-HMC533LP4 Datasheet
353Kb / 8P
MMIC VCO w/ DIVIDE-BY-16, 23.8 - 24.8 GHz
HMC583LP5 HITTITE-HMC583LP5 Datasheet
323Kb / 8P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 11.5 - 12.8 GHz
HMC530LP5 HITTITE-HMC530LP5 Datasheet
320Kb / 8P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 9.5 - 10.8 GHz
HMC734LP5 HITTITE-HMC734LP5 Datasheet
262Kb / 6P
MMIC VCO w/ DIVIDE-BY-4 8.6 - 10.2 GHz
HMC529LP5 HITTITE-HMC529LP5_11 Datasheet
439Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 12.4 - 13.4 GHz
HMC533LP4 HITTITE-HMC533LP4_09 Datasheet
245Kb / 6P
MMIC VCO w/ DIVIDE-BY-16, 23.8 - 24.8 GHz
HMC734LP5 HITTITE-HMC734LP5_10 Datasheet
447Kb / 6P
MMIC VCO w/ DIVIDE-BY-4 8.6 - 10.2 GHz
HMC735LP5 HITTITE-HMC735LP5_10 Datasheet
438Kb / 6P
MMIC VCO w/ DIVIDE-BY-4 10.5 - 12.2 GHz
logo
Analog Devices
HMC533LP4 AD-HMC533LP4 Datasheet
348Kb / 6P
MMIC VCO w/ DIVIDE-BY-16
HMC514LP5 AD-HMC514LP5 Datasheet
398Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 11.17 - 12.02 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com