Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS58049-95-20A Datasheet(PDF) 1 Page - Glenair, Inc.

Part # MS58049-95-20A
Description  Flange Mount Receptacle Connector
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

MS58049-95-20A Datasheet(HTML) 1 Page - Glenair, Inc.

  MS58049-95-20A Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2008 Glenair, Inc.
E-Mail: sales@glenair.com
G-35
G
MS85049/95
3/4 Perimeter Nut Plate for
Flange Mount Receptacle Connector
TABLE I
Shell Size
Thread
UNJC-3B
A
± .003 (0.1)
B
± .015 (0.4)
C
+ .015 (.4)
- .000 (.0)
D
± .030 (0.8)
E
± .031 (0.8)
3A
4-40
.625
(15.9)
.940
(23.5)
.641
(16.3)
.136
(3.5)
.325
(8.3)
7A
4-40
.719
(18.3)
1.034
(25.9)
.688
(17.5)
.136
(3.5)
.433
(11.0)
8A
4-40
.594
(15.1)
.900
(22.4)
.570
(14.5)
.136
(3.5)
.308
(7.8)
10A
4-40
.719
(18.3)
1.034
(25.9)
.720
(18.3)
.136
(3.5)
.433
(11.0)
10B
6-32
.812
(20.6)
1.202
(33.3)
.749
(19.0)
.136
(3.5)
.433
(11.0)
12A
4-40
.812
(20.6)
1.119
(28.0)
.855
(21.7)
.136
(3.5)
.530
(13.5)
12B
6-32
.938
(23.8)
1.327
(30.1)
.938
(23.8)
.153
(3.9)
.530
(13.5)
14A
4-40
.906
(23.0)
1.213
(30.4)
.984
(25.0)
.136
(3.5)
.624
(15.8)
14B
6-32
1.031
(26.2)
1.421
(35.7)
1.031
(26.2)
.153
(3.9)
.624
(15.8)
16A
4-40
.969
(24.6)
1.285
(32.5)
1.094
(27.8)
.136
(3.5)
.687
(17.4)
16B
6-32
1.125
(28.6)
1.515
(38.1)
1.125
(28.6)
.153
(3.9)
.687
(17.4)
18A
4-40
1.062
(27.0)
1.421
(35.7)
1.220
(31.0)
.136
(3.5)
.780
(19.8)
18B
6-32
1.203
(30.6)
1.593
(40.1)
1.234
(31.3)
.153
(3.9)
.780
(19.8)
19A
4-40
.906
(23.0)
1.207
(30.3)
.953
(24.2)
.136
(3.5)
.620
(15.7)
20A
4-40
1.156
(29.4)
1.550
(39.0)
1.345
(34.2)
.136
(3.5)
.874
(22.2)
20B
6-32
1.297
(32.9)
1.703
(42.9)
1.359
(34.5)
.153
(3.9)
.865
(22.0)
22A
4-40
1.250
(31.8)
1.680
(42.3)
1.478
(37.5)
.136
(3.5)
.968
(24.6)
22B
6-32
1.375
(34.9)
1.753
(44.1)
1.483
(37.7)
.153
(3.9)
.907
(23.0)
24A
4-40
1.500
(38.1)
1.908
(48.0)
1.560
(39.6)
.153
(3.9)
1.000
(25.4)
24B
6-32
1.375
(34.9)
1.800
(45.3)
1.595
(40.5)
.153
(3.9)
1.031
(26.2)
25A
6-32
1.500
(38.1)
1.908
(48.0)
1.658
(42.1)
.153
(3.9)
1.125
(28.6)
27A
4-40
.969
(24.6)
1.270
(31.9)
1.094
(27.8)
.136
(3.5)
.683
(17.3)
28A
6-32
1.562
(39.7)
2.015
(50.8)
1.820
(46.2)
.153
(3.9)
1.125
(28.6)
32A
6-32
1.750
(44.5)
2.327
(58.7)
2.062
(52.4)
.153
(3.9)
1.188
(30.2)
36A
6-32
1.938
(49.2)
2.515
(63.5)
2.312
(58.7)
.153
(3.9)
1.375
(34.9)
37A
4-40
1.187
(30.1)
1.515
(38.1)
1.281
(32.5)
.136
(3.5)
.874
(22.2)
61A
4-40
1.437
(36.5)
1.827
(46.0)
1.594
(40.5)
.136
(3.5)
1.602
(40.7)
Shell Size and Class
M85049/95 - 10A - A
A - Primer Coat Required
Basic Number
.040 (1.02)
±.003 (0.8)
Nut, Self-Locking, Clinch
MIL-N-45938 Type, 4 Places
D
B
B
A
A
E


Similar Part No. - MS58049-95-20A

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
MS5803-01BA TEC-MS5803-01BA Datasheet
493Kb / 19P
   High resolution module, 10cm
MS5803-02BA TEC-MS5803-02BA Datasheet
484Kb / 19P
   High resolution module, 20cm
MS5803-02BA01 TEC-MS5803-02BA01 Datasheet
484Kb / 19P
   High resolution module, 20cm
MS5803-05BA TEC-MS5803-05BA Datasheet
467Kb / 19P
   High resolution module, 30cm
MS5803-14BA TEC-MS5803-14BA Datasheet
485Kb / 19P
   High resolution module, 0.2 mbar
More results

Similar Description - MS58049-95-20A

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MS85049-96-3-A GLENAIR-MS85049-96-3-A Datasheet
225Kb / 1P
   Flange Mount Receptacle Connector
900-010NF25-1P1 GLENAIR-900-010NF25-1P1 Datasheet
244Kb / 1P
   Receptacle, Flange Mount
900-012NF225-1P1 GLENAIR-900-012NF225-1P1 Datasheet
288Kb / 2P
   Receptacle, Flange Mount
logo
Amphenol Corporation
AT04-08PB-L012 AMPHENOL-AT04-08PB-L012 Datasheet
430Kb / 4P
   8P RECEPTACLE, FLANGE MOUNT
A1
logo
Glenair, Inc.
237-133 GLENAIR-237-133 Datasheet
273Kb / 2P
   Square Flange Mount Receptacle
249-002-19H GLENAIR-249-002-19H Datasheet
336Kb / 2P
   Conductive Gasket for Flange Mount Receptacle Connector
230-016FT-106P GLENAIR-230-016FT-106P Datasheet
331Kb / 2P
   Hermetic Receptacle, Narrow Flange Mount
180_091_T7 GLENAIR-180_091_T7 Datasheet
383Kb / 2P
   Square Flange Wall Mount Receptacle
180_091_H7 GLENAIR-180_091_H7 Datasheet
360Kb / 2P
   Square Flange Wall Mount Receptacle
GC443-ANF01-35A GLENAIR-GC443-ANF01-35A Datasheet
395Kb / 2P
   In-Line/Flange Mount Receptacle
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com