Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM42-0039 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # AM42-0039
Description  2 Watt C-Band VSAT Power Amplifier 5.9 - 7.1 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AM42-0039 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  AM42-0039 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AM42-0039 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AM42-0039 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
2 Watt C-Band VSAT Power Amplifier
5.9 - 7.1 GHz
Rev. V5
AM42-0039
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Lead-Free CR-15
† Reference Application Note M538 for lead-free solder reflow
recommendations.
Application Schematic
4,5,6
4. Apply -2 volts to pin 5 or 6 (VGG), prior to applying +8 volts to
pins 1 or 10 (VDD). Adjust VGG for typical drain current.
5. External DC blocking capacitors required on the RF ports.
6. For optimum IP3 performance, VDD bypass capacitors should
be placed within 0.5 inches of the VDD leads.
RF Out
8
RF In
3
1.0 µF
VGG
5 or 6
GND
2,4,9
100 pF
100 pF
VDD
1 or 10
1.0 µF
0.01 µF
AM42-0039
VDET
7


Similar Part No. - AM42-0039

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM42-0039 MACOM-AM42-0039 Datasheet
40Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 2W 6.40 - 7.025 GHz
AM42-0039 MACOM-AM42-0039 Datasheet
77Kb / 3P
   2Watt C-Band VSAT Power Amplifier 5.9-7.1GHz
logo
M/A-COM Technology Solu...
AM42-0039 MA-COM-AM42-0039 Datasheet
83Kb / 3P
   2 Watt C-Band VSAT Power Amplifier
logo
Tyco Electronics
AM42-0039 MACOM-AM42-0039_1 Datasheet
77Kb / 3P
   2Watt C-Band VSAT Power Amplifier 5.9-7.1GHz
logo
M/A-COM Technology Solu...
AM42-0039 MA-COM-AM42-0039_15 Datasheet
611Kb / 4P
   2 Watt C-Band VSAT Power Amplifier
More results

Similar Description - AM42-0039

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AM42-0046 MA-COM-AM42-0046 Datasheet
129Kb / 3P
   4 Watt Extended C-Band VSAT Power Amplifier 5.9 - 7.1 GHz
logo
Tyco Electronics
AM42-0046 MACOM-AM42-0046 Datasheet
189Kb / 3P
   4 Watt Extended C-Band VSAT Power Amplifier 5.9 - 7.1 GHz
logo
M/A-COM Technology Solu...
AM42-0039 MA-COM-AM42-0039_15 Datasheet
611Kb / 4P
   2 Watt C-Band VSAT Power Amplifier
AM42-0039 MA-COM-AM42-0039 Datasheet
83Kb / 3P
   2 Watt C-Band VSAT Power Amplifier
logo
Tyco Electronics
AM42-0039 MACOM-AM42-0039_1 Datasheet
77Kb / 3P
   2Watt C-Band VSAT Power Amplifier 5.9-7.1GHz
logo
Qorvo, Inc
TGA2753-SM QORVO-TGA2753-SM Datasheet
908Kb / 15P
   5.9 ??7.1 GHz Power Amplifier
September 2020
logo
Tyco Electronics
AM42-0040 MACOM-AM42-0040 Datasheet
40Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 2W 5.9 - 6.4 GHz
logo
M/A-COM Technology Solu...
AM42-0040 MA-COM-AM42-0040 Datasheet
109Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 2.0 W 5.9 - 6.4 GHz
logo
List of Unclassifed Man...
TAG-1035 ETC1-TAG-1035 Datasheet
492Kb / 2P
   5.8 to 6.4 GHz GaAs MMIC VSAT (C-BAND) Power Amplifier
logo
TriQuint Semiconductor
TGA2706-SM TRIQUINT-TGA2706-SM Datasheet
613Kb / 16P
   2 Watt C-Band Packaged Power Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com