Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M24758-6-16-A Datasheet(PDF) 1 Page - Glenair, Inc.

Part # M24758-6-16-A
Description  Conduit-to-Pipe Fittings
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

M24758-6-16-A Datasheet(HTML) 1 Page - Glenair, Inc.

  M24758-6-16-A Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
71-7
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
M24758/6 Conduit-to-Pipe Fittings
1. The function of the M24758/6 fitting is to terminate flexible shielding conduit with a reusable fitting having an
external tapered pipe thread.
2. Metric dimensions (mm) are indicated in parentheses.
3. For complete dimensions see applicable Military Specification.
M24758/6-16-A
Basic Part No.
Conduit Size Code
Material Designator:
A = Aluminum
B = Brass
C = CRES 316
Conduit
Size
Code
02
03
04
05
06
08
10
12
16
20
24
TABLE I
A
Thread
(Class 2A)
0.250 - 18.00 NPT
0.375 - 18.00 NPT
0.500 - 14.00 NPT
0.750 - 14.00 NPT
0.750 - 14.00 NPT
1.000 - 11.50 NPT
1.250 - 11.50 NPT
1.500 - 11.50 NPT
2.000 - 11.50 NPT
2.500 - 8.00 NPT
3.000 - 8.00 NPT
D
Dia
(Minimum)
.250
(6.4)
.370
(9.4)
.500 (12.7)
.620 (15.7)
.750 (19.1)
1.000 (25.4)
1.250 (31.8)
1.500 (38.1)
2.000 (50.8)
2.500 (63.5)
3.000 (76.2)
L
Cone
Length
±.06
(15.2)
.750 (19.1)
.750 (19.1)
.750 (19.1)
.750 (19.1)
.750 (19.1)
1.000 (25.4)
1.000 (25.4)
1.000 (25.4)
1.000 (25.4)
1.000 (25.4)
1.000 (25.4)
M
Dia
(Maximum)
.930 (23.6)
1.120 (28.4)
1.250 (31.8)
1.430 (36.3)
1.620 (41.1)
1.810 (46.0)
2.180 (55.4)
2.560 (65.0)
3.060 (77.7)
3.680 (93.5)
4.380 (111.3)
P
Dia
(Minimum)
.750 (19.1)
.870 (22.1)
.960 (24.4)
1.180 (30.0)
1.370 (34.8)
1.500 (38.1)
1.810 (46.0)
2.120 (53.8)
2.620 (66.5)
3.250 (82.6)
3.870 (98.3)
L
Tapered Sleeve
Conduit
M Dia
Coupling Nut
Straight Knurl,
Medium Coarse
D Dia
A Thread
(Ext NPT)
Body
P


Similar Part No. - M24758-6-16-A

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M24758-02-01 GLENAIR-M24758-02-01 Datasheet
122Kb / 2P
   Adapter
M24758-02-02 GLENAIR-M24758-02-02 Datasheet
122Kb / 2P
   Adapter
M24758-02-03 GLENAIR-M24758-02-03 Datasheet
122Kb / 2P
   Adapter
M24758-02-04 GLENAIR-M24758-02-04 Datasheet
122Kb / 2P
   Adapter
M24758-02-05 GLENAIR-M24758-02-05 Datasheet
122Kb / 2P
   Adapter
More results

Similar Description - M24758-6-16-A

ManufacturerPart #DatasheetDescription
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
8500 HEYCO-8500_V01 Datasheet
143Kb / 1P
   Heyco-Flex™ Quick Twist Conduit Fittings
H8501 HEYCO-H8501 Datasheet
144Kb / 1P
   Heyco® Nylon Conduit Fittings - Straight-Thru
8398 HEYCO-8398 Datasheet
130Kb / 1P
   Heyco-Flex™ Liquid Tight Conduit Fittings
8423 HEYCO-8423 Datasheet
109Kb / 1P
   Heyco-Flex™ Liquid Tight Conduit Fittings
8515 HEYCO-8515 Datasheet
136Kb / 1P
   Heyco-Flex™ Quick Twist Conduit Fittings
8382 HEYCO-8382 Datasheet
179Kb / 1P
   Heyco-Flex™ Liquid Tight Conduit Fittings
8500 HEYCO-8500 Datasheet
151Kb / 1P
   Heyco-Flex™ Quick Twist Conduit Fittings
4028 HEYCO-4028 Datasheet
156Kb / 1P
   Heyco-Flex™ VI Liquid Tight Conduit Fittings
9786 HEYCO-9786 Datasheet
142Kb / 1P
   Heyco-Flex™ Zinc Die-Cast Liquid Tight Conduit Fittings
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com