Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

192220 Datasheet(PDF) 1 Page - OSA Opto Light GmbH

Part # 192220
Description  GaAsP / GaP LED Chips
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH

192220 Datasheet(HTML) 1 Page - OSA Opto Light GmbH

  192220 Datasheet HTML 1Page - OSA Opto Light GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2004
OSA Opto Light GmbH — Tel. +49-(0)30-65 76 26 83 — Fax +49-(0)30-65 76 26 81 — contact@osa-opto.com
TSN-RED
Item No.: 192220
1.
This specification applies to GaAsP / GaP LED Chips
2.
Structure
2.1
Mesa structure
2.2
Electrodes
p-side (anode)
Au alloy
n-side (cathode)
Au alloy
3.
Outlines (dimensions in microns)
Wire bond contacts can also be circular or square
4.
Electrical and optical characteristics (T=25°C)
Parameter
Symbol
Conditions
min
typ
max
Unit
Forward voltage
VF
IF = 20 mA
2,05
2,50
V
Reverse current
IR
VR = 5 V
10
µA
Luminous intensity *
IV
IF = 20 mA
3,0
4,0
mcd
Peak wavelength
λ
P
IF = 20 mA
650
nm
* On request, wafers will be delivered according to luminous intensity classes
Brightness measurement at OSA on gold plate
5.
Packing
Dice on adhesive film with 1) wire bond side on top
2) back contact on top
6.
Labeling
Type
Lot No.
IV typ
Quantity
min
max
p-Electrode
270
p-Diffusion
n-Substrate GaP
n-Epitaxy GaAsP
n-Epitaxy GaAsP
n-Electrode
265
265
120


Similar Part No. - 192220

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
19222 FESTO-19222 Datasheet
85Kb / 2P
   ISO cylinder
More results

Similar Description - 192220

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
180622 OSA-180622 Datasheet
54Kb / 1P
   GaAsP / GaP LED Chips
190210 OSA-190210 Datasheet
53Kb / 1P
   GaAsP / GaP LED Chips
170220 OSA-170220 Datasheet
53Kb / 1P
   GaAsP / GaP LED Chips
170210 OSA-170210 Datasheet
53Kb / 1P
   GaAsP / GaP LED Chips
170622 OSA-170622 Datasheet
53Kb / 1P
   GaAsP / GaP LED Chips
180220 OSA-180220 Datasheet
53Kb / 1P
   GaAsP / GaP LED Chips
190220 OSA-190220 Datasheet
53Kb / 1P
   GaAsP / GaP LED Chips
190622 OSA-190622 Datasheet
53Kb / 1P
   GaAsP / GaP LED Chips
161210 OSA-161210 Datasheet
53Kb / 1P
   GaP / GaP LED Chips
163230 OSA-163230 Datasheet
54Kb / 1P
   GaP / GaP LED Chips
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com