Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

710-320XM03 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 710-320XM03
Description  Composite Split Junction Fitting
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

710-320XM03 Datasheet(HTML) 1 Page - Glenair, Inc.

  710-320XM03 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
C-18
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2009 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
710-320
Composite Split Junction Fitting
Straight with 45° Branch Configuration
B Dia
Typ
C
45° Typ.
End A
End C
End B
A Thread - Typ.
D
RFI/EMI
Tongue &
Groove Joint
45°
E
.500
(12.7)
Max
Adapter
Shape optional
Adapter
B Dia
.500 (12.7)
.750 (19.1)
1.000 (25.4)
1.250 (31.8)
1.625 (41.3)
.281 (7.1)
.375 (9.5)
End
No.
01
02
03
04
05
06
07
A Thread
Unified
.750 - 20
1.000 - 20
1.312 - 18
1.500 - 18
2.000 - 18
.500 - 20
.625 - 24
TABLE I: END ORDER NUMBER AND DIMENSIONS
C Max
2.250 (57.2)
2.500 (63.5)
2.875 (73.0)
3.125 (79.4)
3.625 (92.1)
1.750 (44.5)
2.062 (52.4)
D Max
3.000 (76.2)
3.375 (85.7)
4.000 (101.6)
4.375 (111.1)
5.125 (130.2)
2.625 (66.7)
2.750 (69.9)
Weight in
Pounds Max.
.093
.132
.192
.235
.347
.034
.047
E Max
1.125 (28.6)
1.188 (30.2)
1.333 (33.9)
1.458 (37.0)
1.708 (43.4)
1.000 (25.4)
1.062 (27.0)
Finish Symbol
(See Table II)
710-320 XM 03 04 05
Basic Part
Number
End A Fitting
(See Table I)
End B Fitting
(See Table I)
End C Fitting
(See Table I)
TABLE II
Symbol
Finish Description
XB
No Plating - Black Color (Non-Condctive Finish)
XM
2000 Hour Corrosion Resistant Electroless Nickel
XMT
2000 Hour Corrosion Resistant Ni-PTFE, Nickel-
Fluorocarbon Polymer. 1000 Hour GreyTM
XO
No Plating - Brown Color (Non-Conductive Finish)
XW
2000 Hour Corrosion Resistant Cadmium/Olive
Drab over Electroless Nickel
APPLICATION NOTES
Metric dimensions (mm) are in parentheses and are for
1.
reference only.
Transitions mate to 710S269, S270 and S271 adapters.
2.
When all ends are identical, insert only one dash
3.
number. When multiple dash numbers are ordered,
transition size will be determined by the largest. Adapter
may be supplied on smaller entries. Letter to follow
entry will be supplied with adapters.


Similar Part No. - 710-320XM03

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
710-320XM GLENAIR-710-320XM Datasheet
39Kb / 1P
   Composite Split Junction Fitting
More results

Similar Description - 710-320XM03

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
710-320XM GLENAIR-710-320XM Datasheet
39Kb / 1P
   Composite Split Junction Fitting
710-321XM03 GLENAIR-710-321XM03 Datasheet
227Kb / 1P
   Composite Split Junction Fitting
710-319XM03 GLENAIR-710-319XM03 Datasheet
233Kb / 1P
   Composite Split Junction Fitting
710-321XM GLENAIR-710-321XM Datasheet
36Kb / 1P
   Composite Split Junction Fitting
710-318XM03 GLENAIR-710-318XM03 Datasheet
227Kb / 1P
   Composite Split Junction Fitting
710-318XM03 GLENAIR-710-318XM03_03 Datasheet
35Kb / 1P
   Composite Split "T" Junction Fitting
710-319XM GLENAIR-710-319XM Datasheet
40Kb / 1P
   Composite Split "Y" Junction Fitting
712S269XM GLENAIR-712S269XM Datasheet
261Kb / 1P
   Composite Shrink Boot Conduit Fitting
712-877 GLENAIR-712-877 Datasheet
207Kb / 2P
   Composite Junction Box Adapter
712S270XM GLENAIR-712S270XM Datasheet
255Kb / 1P
   Composite EMI/RFI Single Shield Termination Conduit Fitting
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com