Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

620ES050M16 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 620ES050M16
Description  Strain Relief
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

620ES050M16 Datasheet(HTML) 1 Page - Glenair, Inc.

  620ES050M16 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 62 - Page 18
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 20053 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
CONNECTOR
DESIGNATOR
E
DIRECT
COUPLING
F
Max
.742 (18.8)
.873 (22.2)
.972 (24.7)
1.078 (27.4)
1.242 (31.5)
1.345 (34.2)
1.472 (37.4)
1.597 (40.6)
1.724 (43.8)
Basic Part No.
Finish (Table II)
Shell Size
620ES050 M 16
1. Cable Entry is defined as the accommodation entry for
the wire bundle or cable. Dimensions are not intended for
inspection criteria.
2. Metric dimensions (mm) are indicated in parentheses.
G Dia
± .030
(0.8)
.186
(4.7)
.270
(6.9)
.450 (11.4)
.460 (11.7)
.610 (15.5)
.690 (17.5)
.816 (20.7)
.940 (23.9)
1.066 (27.1)
E
Max
.950 (24.1)
.950 (24.1)
.950 (24.1)
1.185 (30.1)
1.185 (30.1)
1.185 (30.1)
1.185 (30.1)
1.185 (30.1)
1.185 (30.1)
Shell
Size
08
10
12
14
16
18
20
22
24
A Thread
(Table I)
C (Table I)
E
(Table III)
F
(Table III)
G
TABLE III: CABLE ENTRY
See inside back cover fold-out or pages 13 and 14 for Tables I and II.
G
620ES050
Strain Relief
Direct Coupling - Straight


Similar Part No. - 620ES050M16

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
620 ZETEX-620 Datasheet
240Kb / 6P
   SuperSOT??80V NPN SILICON LOW SATURATION TRANSISTOR
logo
Oscilent Corporation
620 OSCILENT-620 Datasheet
146Kb / 2P
   Low Profile
logo
ebm-papst
620 EBMPAPST-620 Datasheet
375Kb / 3P
   DC axial fans
620 EBMPAPST-620 Datasheet
704Kb / 3P
   DC axial fans
620 EBMPAPST-620 Datasheet
345Kb / 3P
   DC axial fans
More results

Similar Description - 620ES050M16

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
620AA002 GLENAIR-620AA002 Datasheet
28Kb / 1P
   Strain Relief
620AS046 GLENAIR-620AS046 Datasheet
39Kb / 1P
   Strain Relief
620DS054M GLENAIR-620DS054M Datasheet
162Kb / 1P
   Strain Relief
620AS001Z116 GLENAIR-620AS001Z116 Datasheet
38Kb / 1P
   Strain Relief
M85049-43-3N GLENAIR-M85049-43-3N Datasheet
73Kb / 1P
   Strain Relief
M85049-45-A8 GLENAIR-M85049-45-A8 Datasheet
73Kb / 1P
   Strain Relief
MS27558-1 GLENAIR-MS27558-1 Datasheet
72Kb / 1P
   Strain Relief
620FS048 GLENAIR-620FS048 Datasheet
303Kb / 1P
   Strain Relief
620GA051 GLENAIR-620GA051 Datasheet
30Kb / 1P
   Strain Relief
620FB049 GLENAIR-620FB049 Datasheet
288Kb / 1P
   Strain Relief
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com