Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

620FB049 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 620FB049
Description  Strain Relief
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

620FB049 Datasheet(HTML) 1 Page - Glenair, Inc.

  620FB049 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2008 Glenair, Inc.
E-Mail: sales@glenair.com
G-25
G
Cable
Entry
A Thread
(Table I)
E (Table I)
E
(Table III)
F (Table III)
Drain Holes,
3 Places
Anti-Rotation
Device
620-049
Strain Relief
Self-Locking Rotatable Coupling - 45°
Product Series
Shell Size
620 F B 049 M 16 D
Connector
Designator
Finish
Basic Part No.
Angle and Profile
B - 45°
Drain Hole Option
(Omit for None)
APPLICATION NOTES
1. Cable range is defined as the
accommodation range for the wire
bundle or cable. Dimensions shown
are not intended for inspection criteria.
2. Metric dimensions (mm) are indicated
in parentheses.
TABLE III: CABLE ENTRY
Shell
Size
E
Max
F
Max
Cable Range
Closed
Open
08/09 1.536 (39.0)
.730 (18.5)
.125 (3.2)
.204 (5.2)
10/11 1.566 (39.8)
.810 (20.6)
.187 (4.7)
.286 (7.3)
12/13 1.646 (41.8)
.870 (22.1)
.291 (7.4)
.416 (10.6)
14/15 1.686 (42.8)
.930 (23.6)
.351 (8.9)
.476 (12.1)
16/17 1.796 (45.6)
.990 (25.1)
.501 (12.7)
.626 (15.9)
18/19 1.906 (48.4)
1.110(28.2)
.518 (13.2)
.706 (17.9)
20/21 1.956 (49.7) 1.170 (29.7)
.581 (14.8)
.831 (21.1)
22/23 1.996 (50.7) 1.240 (31.5)
.644 (16.4)
.956 (24.3)
24/25 2.046 (52.0) 1.300 (33.0)
.706 (17.9) 1.081 (27.5)
CONNECTOR
DESIGNATOR
MIL-DTL-38999 Series I, II (F)
MIL-DTL-38999 Series III and IV (H)
F-H
SELF-LOCKING
ROTATABLE
COUPLING
TABLE II: FINISHES
Symbol
Finish
B
Cadmium Plate, Olive Drab
C
Anodize, Black
GB
Black Anodize, Hard Coat
M
Electroless Nickel
N
Cad Plate, Olive Drab over
Electroless Nickel
NF
Cadmium Plate, Olive Drab over
Electroless Nickel
MT
Ni-PTFE 1000 Hour GreyTM
Nickel Fluorocarbon Polymer
Z1
Stainless Steel Passivate
ZN
Zinc-Nickel


Similar Part No. - 620FB049

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
620FB049 GLENAIR-620FB049 Datasheet
26Kb / 1P
   Strain Relief
More results

Similar Description - 620FB049

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
620AA002 GLENAIR-620AA002 Datasheet
28Kb / 1P
   Strain Relief
620AS046 GLENAIR-620AS046 Datasheet
39Kb / 1P
   Strain Relief
620DS054M GLENAIR-620DS054M Datasheet
162Kb / 1P
   Strain Relief
620AS001Z116 GLENAIR-620AS001Z116 Datasheet
38Kb / 1P
   Strain Relief
M85049-43-3N GLENAIR-M85049-43-3N Datasheet
73Kb / 1P
   Strain Relief
M85049-45-A8 GLENAIR-M85049-45-A8 Datasheet
73Kb / 1P
   Strain Relief
MS27558-1 GLENAIR-MS27558-1 Datasheet
72Kb / 1P
   Strain Relief
620FS048 GLENAIR-620FS048 Datasheet
303Kb / 1P
   Strain Relief
620GA051 GLENAIR-620GA051 Datasheet
30Kb / 1P
   Strain Relief
620ES050M16 GLENAIR-620ES050M16 Datasheet
28Kb / 1P
   Strain Relief
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com