Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

620AA002 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 620AA002
Description  Strain Relief
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

620AA002 Datasheet(HTML) 1 Page - Glenair, Inc.

  620AA002 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 62 - Page 13
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
Product Series
Connector Designator
Angular Function
A = 90
Basic Part No.
STAINLESS STEEL
CONNECTOR
DESIGNATOR
A
ROTATABLE
COUPLING
620 A A 002 U 16 D
See inside back cover fold-out or page 14 for Table I.
A Thread
(Table I)
C
(Table I)
E
(Table III)
H-Drain Holes,
4 Places,
90° Apart
Cable
Entry
Drain Hole Option
(Omit for None)
Shell Size
Finish
Z1 = Passivate
U = Black Cadmium
F
(Table III)
F (Table III)
G
(Table III)
620-002
Strain Relief
Stainless Steel - Rotatable Coupling - 90°
Closed
.125
(3.2)
.187
(4.7)
.291
(7.4)
.351
(8.9)
.501 (12.7)
.518 (13.2)
.581 (14.8)
.644 (16.4)
.706 (17.9)
.750 (19.1)
F
Max
.808 (20.5)
.867 (22.0)
.929 (23.6)
.992 (25.2)
1.056 (26.8)
1.233 (31.3)
1.296 (32.9)
1.358 (34.5)
1.420 (36.1)
1.634 (41.5)
1. Cable Entry is defined as the accommodation entry for the wire bundle or cable.
Dimensions are not intended for inspection criteria.
2. Metric dimensions (mm) are indicated in parentheses.
E
Max
.704 (17.9)
.786 (20.0)
.979 (24.9)
1.039 (26.4)
1.188 (30.2)
1.300 (33.0)
1.425 (36.2)
1.550 (39.4)
1.675 (42.5)
1.813 (46.1)
Shell
Size
08
10
12
14
16
18
20
22
24
28
Open
.204
(5.2)
.286
(7.3)
.416 (10.6)
.476 (12.1)
.626 (15.9)
.706 (17.9)
.831 (21.1)
.956 (24.3)
1.081 (27.5)
1.187 (30.1)
Cable Entry
H
Max
.125
(3.2)
.125
(3.2)
.188
(4.8)
.188
(4.8)
.188
(4.8)
.188
(4.8)
.188
(4.8)
.188
(4.8)
.188
(4.8)
.188
(4.8)
G
Max
.752 (19.1)
.832 (21.1)
.988 (25.1)
1.046 (26.6)
1.319 (33.5)
1.451 (36.9)
1.551 (39.4)
1.653 (42.0)
1.775 (45.1)
2.020 (51.3)
TABLE III: CABLE ENTRY


Similar Part No. - 620AA002

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
620AA002U16D GLENAIR-620AA002U16D Datasheet
28Kb / 1P
   Strain Relief
620AA002Z116D GLENAIR-620AA002Z116D Datasheet
28Kb / 1P
   Strain Relief
More results

Similar Description - 620AA002

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
620AS046 GLENAIR-620AS046 Datasheet
39Kb / 1P
   Strain Relief
620DS054M GLENAIR-620DS054M Datasheet
162Kb / 1P
   Strain Relief
620AS001Z116 GLENAIR-620AS001Z116 Datasheet
38Kb / 1P
   Strain Relief
M85049-43-3N GLENAIR-M85049-43-3N Datasheet
73Kb / 1P
   Strain Relief
M85049-45-A8 GLENAIR-M85049-45-A8 Datasheet
73Kb / 1P
   Strain Relief
MS27558-1 GLENAIR-MS27558-1 Datasheet
72Kb / 1P
   Strain Relief
620FS048 GLENAIR-620FS048 Datasheet
303Kb / 1P
   Strain Relief
620GA051 GLENAIR-620GA051 Datasheet
30Kb / 1P
   Strain Relief
620FB049 GLENAIR-620FB049 Datasheet
288Kb / 1P
   Strain Relief
620ES050M16 GLENAIR-620ES050M16 Datasheet
28Kb / 1P
   Strain Relief
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com