Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VRE304 Datasheet(PDF) 3 Page - Cirrus Logic

Part # VRE304
Description  Precision Voltage Reference
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

VRE304 Datasheet(HTML) 3 Page - Cirrus Logic

  VRE304 Datasheet HTML 1Page - Cirrus Logic VRE304 Datasheet HTML 2Page - Cirrus Logic VRE304 Datasheet HTML 3Page - Cirrus Logic VRE304 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
P r o d u c t I n n o v a t i o n F r o m
VRE304
VRE304DS
3
2.TYPICalPERFORMaNCECuRVES
Temperature oC
VRE304A
VOUT vs. TEMPERATURE
VOUT vs. TEMPERATURE
Temperature oC
VRE304C
QUIESCENT CURRENT VS. TEMP
Temperature oC
JUNCTION TEMP. RISE VS. OUTPUT CURRENT
Output Current (mA)
PSRR VS. FREQUENCY
Frequency (Hz)
3.ThEORYOFOPERaTION
The following discussion refers to the block diagram in Figure 1. A FET current source is used to bias a 6.3 V zener
diode. The zener voltage is divided by the resistor network R1 and R2. This voltage is then applied to the noninvert-
ing input of the operational amplifier which amplifies the voltage to produce a 4.5 V output. The gain is determined
by the resistor networks R3 and R4: G=1 + R4/R3. The 6.3 V zener diode is used because it is the most stable
diode over time and temperature.
The current source provides a closely regulated zener current, which determines the slope of the references’ volt-
age vs. temperature function. By trimming the zener current a lower drift over temperature can be achieved. But
since the voltage vs. temperature function is nonlinear this compensation technique is not well suited for wide tem-
perature ranges.
A nonlinear compensation network of thermistors and resistors is used in the VRE series voltage references. This
proprietary network eliminates most of the nonlinearity in the voltage vs. temperature function. By adjusting the
slope, a very stable voltage is produced over wide temperature ranges.
This network is less than 2% of the overall network resistance so it has a negligible effect on long term stability.


Similar Part No. - VRE304

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRE304 ETC1-VRE304 Datasheet
330Kb / 5P
Low Cost Precision Reference
VRE304 ETC-VRE304 Datasheet
2Mb / 41P
Low Cost Precision Reference
VRE304-6 ETC-VRE304-6 Datasheet
2Mb / 41P
Low Cost Precision Reference
VRE304-6A ETC-VRE304-6A Datasheet
2Mb / 41P
Low Cost Precision Reference
VRE304-6B ETC-VRE304-6B Datasheet
2Mb / 41P
Low Cost Precision Reference
More results

Similar Description - VRE304

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
Precision Voltage Reference
VRE310 CIRRUS-VRE310 Datasheet
602Kb / 5P
Precision Voltage Reference
VRE205 CIRRUS-VRE205_10 Datasheet
641Kb / 4P
Precision Voltage Reference
logo
DATEL, Inc.
PVR-1540SM DATEL-PVR-1540SM Datasheet
98Kb / 1P
Precision Voltage Reference
PVR-1533SM DATEL-PVR-1533SM Datasheet
98Kb / 1P
Precision Voltage Reference
PVR-1515SM DATEL-PVR-1515SM Datasheet
98Kb / 1P
Precision Voltage Reference
PVR-0540SM DATEL-PVR-0540SM Datasheet
91Kb / 1P
Precision Voltage Reference
logo
National Semiconductor ...
LM169 NSC-LM169 Datasheet
262Kb / 14P
Precision Voltage Reference
logo
Burr-Brown (TI)
REF102 BURR-BROWN-REF102 Datasheet
182Kb / 9P
Precision VOLTAGE REFERENCE
logo
Cirrus Logic
VRE302 CIRRUS-VRE302_1 Datasheet
708Kb / 5P
Precision Voltage Reference
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com