Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VRE304 Datasheet(PDF) 1 Page - Cirrus Logic

Part # VRE304
Description  Precision Voltage Reference
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

VRE304 Datasheet(HTML) 1 Page - Cirrus Logic

  VRE304 Datasheet HTML 1Page - Cirrus Logic VRE304 Datasheet HTML 2Page - Cirrus Logic VRE304 Datasheet HTML 3Page - Cirrus Logic VRE304 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
P r o d u c t I n n o v a t i o n F r o m
VRE304
VRE304DS

DESCRIPTION
The VRE304 is a low cost, high precision +4.5 V refer-
ence. Available in an industry standard 8-pin surface
mount package, the device is ideal for upgrading sys-
tems that use lower performance references.
The device provides ultrastable +4.5 V output with
±0.45 mV (.01%) initial accuracy and a temperature
coefficient of 0.6 ppm/°C. This improvement in accu-
racy is made possible by a unique, patented multipoint
laser compensation technique. Significant improve-
ments have been made in other performance param-
eters as well, including initial accuracy, warm-up drift,
line regulation, and long-term stability.
For enhanced performance, the VRE304 has an exter-
nal trim option for users who want less than 0.01% ini-
tial error. For ultra low noise applications, an external
capacitor can be attached between the noise reduction
pin and the ground pin. A reference ground pin is pro-
vided to eliminate socket contact resistance errors.
FEaTuRES
♦ +4.5 V Output, ± 0.450 mV (.01%)
♦ Temperature Drift: 0.6 ppm/ºC
♦ Low Noise: 3μV
p-p (0.1-10Hz)
♦ Industry Standard Pinout: 8-Pin Surface Mount
Package
♦ Excellent Line Regulation: 6 ppm/V Typical
♦ Output Trim Capability
aPPlICaTIONS
The VRE304 is recommended for use as a refer-
ence for 14, 16, or 18 bit D/A converters which re-
quire an external precision reference. The device
is also ideal for calibrating scale factor on high
resolution A/D converters. The VRE304 offers su-
perior performance over monolithic references.
Precision Voltage Reference
VRE304
P r o d u c t I n n o v a t i o n F r o m
Figure.BlOCKDIaGRaM
Copyright © Cirrus Logic, Inc. 2009
(All Rights Reserved)
http://www.cirrus.com
MaR2009
APEX − VRE304DSREVE
Model
InitialError
(mV)
Temp.Coeff.
(ppm/ºC)
Temp.Range
(ºC)
VRE304A
VRE304C
±0.45
±0.90
0.6
2.0
0ºC to +70ºC
0ºC to +70ºC
SElECTIONGuIDE
8-pinSurfaceMount
PackageStyleGD


Similar Part No. - VRE304

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRE304 ETC1-VRE304 Datasheet
330Kb / 5P
Low Cost Precision Reference
VRE304 ETC-VRE304 Datasheet
2Mb / 41P
Low Cost Precision Reference
VRE304-6 ETC-VRE304-6 Datasheet
2Mb / 41P
Low Cost Precision Reference
VRE304-6A ETC-VRE304-6A Datasheet
2Mb / 41P
Low Cost Precision Reference
VRE304-6B ETC-VRE304-6B Datasheet
2Mb / 41P
Low Cost Precision Reference
More results

Similar Description - VRE304

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM169 NSC-LM169 Datasheet
262Kb / 14P
Precision Voltage Reference
logo
Burr-Brown (TI)
REF102 BURR-BROWN-REF102 Datasheet
182Kb / 9P
Precision VOLTAGE REFERENCE
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
Precision Voltage Reference
VRE310 CIRRUS-VRE310 Datasheet
602Kb / 5P
Precision Voltage Reference
VRE205 CIRRUS-VRE205_10 Datasheet
641Kb / 4P
Precision Voltage Reference
VRE302 CIRRUS-VRE302_1 Datasheet
708Kb / 5P
Precision Voltage Reference
logo
DATEL, Inc.
PVR-1515SM DATEL-PVR-1515SM Datasheet
98Kb / 1P
Precision Voltage Reference
PVR-0540SM DATEL-PVR-0540SM Datasheet
91Kb / 1P
Precision Voltage Reference
PVR-1540SM DATEL-PVR-1540SM Datasheet
98Kb / 1P
Precision Voltage Reference
PVR-1533SM DATEL-PVR-1533SM Datasheet
98Kb / 1P
Precision Voltage Reference
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com