Electronic Components Datasheet Search |
|
CS8421-CNZ Datasheet(PDF) 12 Page - Cirrus Logic |
|
|
CS8421-CNZ Datasheet(HTML) 12 Page - Cirrus Logic |
12 / 38 page 12 DS641F2 CS8421 DIGITAL FILTER CHARACTERISTICS 3. The equation for the group delay through the sample-rate converter is (56.581 / Fsi) + (55.658 / Fso). For example, if the input sample rate is 192 kHz and the output sample rate is 96 kHz, the group delay through the sample-rate converter is (56.581/192,000) + (55.658/96,000) =.875 milliseconds. DC ELECTRICAL CHARACTERISTICS (GND = 0 V; all voltages with respect to 0 V.) 4. Power Down Mode is defined as RST = LOW with all clocks and data lines held static, except when a crystal is attached across XTI-XTO, in which case the crystal will begin oscillating. 5. Normal operation is defined as RST = HI. Parameter Min Typ Max Units Passband (Upsampling or Downsampling) - - 0.4535*Fso Hz Passband Ripple - - ±0.007 dB Stopband 0.5465*Fso - - Hz Stopband Attenuation 125 - - dB Group Delay (Note 3) ms Parameters Symbol Min Typ Max Units Power-Down Mode (Note 4) Supply Current in power-down VD (Oscillator attached to XTI-XTO) VL = 3.3 V VL = 5.0 V 50 100 200 μA μA μA Supply Current in power-down VD (Crystal attached to XTI-XTO) VL = 3.3 V VL = 5.0 V 100 1.5 4 μA mA mA Normal Operation (Note 5) Supply Current at 48 kHz Fsi and Fso VD (Oscillator attached to XTI-XTO) VL = 3.3 V VL = 5.0 V 24 2.5 4 mA mA mA Supply Current at 192 kHz Fsi and Fso VD (Oscillator attached to XTI-XTO) VL = 3.3 V VL = 5.0 V 80 8 13 mA mA mA Supply Current at 48 kHz Fsi and Fso VD (Crystal attached to XTI-XTO) VL = 3.3 V VL = 5.0 V 24 3 7 mA mA mA Supply Current at 192 kHz Fsi and Fso VD (Crystal attached to XTI-XTO) VL = 3.3 V VL = 5.0 V 80 4 6.5 mA mA mA |
Similar Part No. - CS8421-CNZ |
|
Similar Description - CS8421-CNZ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |