Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M12L128168A Datasheet(PDF) 5 Page - Elite Semiconductor Memory Technology Inc.

Part # M12L128168A
Description  2M x 16 Bit x 4 Banks Synchronous DRAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M12L128168A Datasheet(HTML) 5 Page - Elite Semiconductor Memory Technology Inc.

  M12L128168A Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. M12L128168A Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M12L128168A Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M12L128168A Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M12L128168A Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M12L128168A Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M12L128168A Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M12L128168A Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M12L128168A Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
ESMT
M12L128168A
Operation temperature condition -40
°C ~85°C
Elite Semiconductor Memory Technology Inc.
Publication Date: Oct. 2007
Revision: 1.2
5/43
AC OPERATING TEST CONDITIONS
(VDD = 3.3V ± 0.3V,TA = -40 to 85 C
° )
Parameter
Value
Unit
Input levels (Vih/Vil)
2.4/0.4
V
Input timing measurement reference level
1.4
V
Input rise and fall-time
tr/tf = 1/1
ns
Output timing measurement reference level
1.4
V
Output load condition
See Fig. 2
(Fig. 1) DC Output Load Circuit
(Fig. 2) AC Output Load Circuit
OPERATING AC PARAMETER
(AC operating conditions unless otherwise noted)
Version
Parameter
Symbol
-5
-6
-7
Unit
Note
Row active to row active delay
tRRD(min)
10
12
14
ns
1
RAS to CAS delay
tRCD(min)
15
18
20
ns
1
Row precharge time
tRP(min)
15
18
20
ns
1
tRAS(min)
38
40
42
ns
1
Row active time
tRAS(max)
100
us
@ Operating
tRC(min)
53
58
63
ns
1
Row cycle time
@ Auto refresh
tRFC(min)
55
60
70
ns
1,5
Last data in to col. address delay
tCDL(min)
1
tCK
2
Last data in to row precharge
tRDL(min)
2
tCK
2
Last data in to burst stop
tBDL(min)
1
tCK
2
Refresh period (4,096 rows)
tREF(max)
64
ms
6
Output
870
VOH (DC) =2.4V , IOH = -2 mA
VOL (DC) =0.4V , IOL = 2 mA
Output
50pF
Z0 =50
50pF
50
Vtt = 1.4V
3.3V
1200


Similar Part No. - M12L128168A

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12L128168A ESMT-M12L128168A Datasheet
808Kb / 44P
2M x 16 Bit x 4 Banks Synchronous DRAM
M12L128168A ESMT-M12L128168A Datasheet
786Kb / 43P
2M x 16 Bit x 4 Banks Synchronous DRAM
M12L128168A ESMT-M12L128168A Datasheet
673Kb / 45P
2M x 16 Bit x 4 Banks Synchronous DRAM
M12L128168A-2N ESMT-M12L128168A-2N Datasheet
692Kb / 46P
JEDEC standard 3.3V power supply
M12L128168A-5BG ESMT-M12L128168A-5BG Datasheet
673Kb / 45P
2M x 16 Bit x 4 Banks Synchronous DRAM
More results

Similar Description - M12L128168A

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
ADS7616A4A A-DATA-ADS7616A4A Datasheet
565Kb / 8P
Synchronous DRAM(2M X 16 Bit X 4 Banks)
Rev 1.0 April, 2001
VDS7616A4A A-DATA-VDS7616A4A Datasheet
576Kb / 8P
Synchronous DRAM(2M X 16 Bit X 4 Banks)
Rev 1.0 April, 2001
logo
AMIC Technology
A43L3616 AMICC-A43L3616 Datasheet
865Kb / 41P
2M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12L128168A ESMT-M12L128168A Datasheet
808Kb / 44P
2M x 16 Bit x 4 Banks Synchronous DRAM
M12L128168A ESMT-M12L128168A_06 Datasheet
786Kb / 43P
2M x 16 Bit x 4 Banks Synchronous DRAM
M12S128168A ESMT-M12S128168A Datasheet
960Kb / 44P
2M x 16 Bit x 4 Banks Synchronous DRAM
M12L128168A ESMT-M12L128168A_09 Datasheet
673Kb / 45P
2M x 16 Bit x 4 Banks Synchronous DRAM
M52D128168A ESMT-M52D128168A_1 Datasheet
1Mb / 47P
2M x 16 Bit x 4 Banks Synchronous DRAM
M52S128168A ESMT-M52S128168A_08 Datasheet
1Mb / 47P
2M x 16 Bit x 4 Banks Synchronous DRAM
logo
AMIC Technology
A43L3616A AMICC-A43L3616A Datasheet
635Kb / 41P
2M x 16 Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com