Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M12L128168A Datasheet(PDF) 4 Page - Elite Semiconductor Memory Technology Inc.

Part # M12L128168A
Description  2M x 16 Bit x 4 Banks Synchronous DRAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M12L128168A Datasheet(HTML) 4 Page - Elite Semiconductor Memory Technology Inc.

  M12L128168A Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. M12L128168A Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M12L128168A Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M12L128168A Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M12L128168A Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M12L128168A Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M12L128168A Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M12L128168A Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M12L128168A Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
ESMT
M12L128168A
Operation temperature condition -40
°C ~85°C
Elite Semiconductor Memory Technology Inc.
Publication Date: Oct. 2007
Revision: 1.2
4/43
DC CHARACTERISTICS
Recommended operating condition unless otherwise noted,TA = -40 to 85 C
°
Version
Parameter
Symbol
Test Condition
CAS
Latency
-5
-6
-7
Unit
Note
Operating Current
(One Bank Active)
ICC1
Burst Length = 1, tRC ≥ tRC(min), IOL = 0 mA
170
160
140
mA
1,2
ICC2P
CKE
VIL(max), tcc = tCK(MIN)
2
Precharge Standby Current
in power-down mode
ICC2PS
CKE & CLK
VIL (max), tCC = ∞
2
mA
ICC2N
CKE
VIH(min), CS ≥ VIH(min), tCC = tCK(MIN)
Input signals are changed one time during 2tck
45
Precharge Standby Current
in non power-down mode
ICC2NS
CKE
VIH(min), CLK VIL(max), tcc =
input signals are stable
25
mA
ICC3P
CKE
VIL(max), tCC = tCK(MIN)
6
Active Standby Current
in power-down mode
ICC3PS
CKE & CLK
VIL(max), tCC = ∞
6
mA
ICC3N
CKE
VIH(min), CS VIH(min), tCC=15ns
Input signals are changed one time during 2clks
All other pins
VDD-0.2V or ≤ 0.2V
55
mA
Active Standby Current
in non power-down mode
(One Bank Active)
ICC3NS
CKE
≥ VIH(min), CLK ≤ VIL(max), tCC = ∞
input signals are stable
35
mA
Operating Current
(Burst Mode)
ICC4
IOL = 0 mA, Page Burst, 2 Banks activated
280
210
180
mA
1,2
Refresh Current
ICC5
tRC tRC(min)
280
210
180
mA
Self Refresh Current
ICC6
CKE
0.2V
2
mA
Note :
1. Measured with outputs open.
2. Input signals are changed one time during 2 CLKS.


Similar Part No. - M12L128168A

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12L128168A ESMT-M12L128168A Datasheet
808Kb / 44P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M12L128168A ESMT-M12L128168A Datasheet
786Kb / 43P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M12L128168A ESMT-M12L128168A Datasheet
673Kb / 45P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M12L128168A-2N ESMT-M12L128168A-2N Datasheet
692Kb / 46P
   JEDEC standard 3.3V power supply
M12L128168A-5BG ESMT-M12L128168A-5BG Datasheet
673Kb / 45P
   2M x 16 Bit x 4 Banks Synchronous DRAM
More results

Similar Description - M12L128168A

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A43L3616 AMICC-A43L3616 Datasheet
865Kb / 41P
   2M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12L128168A ESMT-M12L128168A_06 Datasheet
786Kb / 43P
   2M x 16 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
ADS7616A4A A-DATA-ADS7616A4A Datasheet
565Kb / 8P
   Synchronous DRAM(2M X 16 Bit X 4 Banks)
Rev 1.0 April, 2001
logo
Elite Semiconductor Mem...
M12L128168A ESMT-M12L128168A_09 Datasheet
673Kb / 45P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M52S128168A ESMT-M52S128168A_08 Datasheet
1Mb / 47P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M12L128168A ESMT-M12L128168A Datasheet
808Kb / 44P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M52D128168A ESMT-M52D128168A_1 Datasheet
1Mb / 47P
   2M x 16 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
VDS7616A4A A-DATA-VDS7616A4A Datasheet
576Kb / 8P
   Synchronous DRAM(2M X 16 Bit X 4 Banks)
Rev 1.0 April, 2001
logo
AMIC Technology
A43L3616A AMICC-A43L3616A Datasheet
635Kb / 41P
   2M x 16 Bit x 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12S128168A ESMT-M12S128168A Datasheet
960Kb / 44P
   2M x 16 Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com