Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M12L128168A Datasheet(PDF) 3 Page - Elite Semiconductor Memory Technology Inc.

Part # M12L128168A
Description  2M x 16 Bit x 4 Banks Synchronous DRAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M12L128168A Datasheet(HTML) 3 Page - Elite Semiconductor Memory Technology Inc.

  M12L128168A Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. M12L128168A Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M12L128168A Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M12L128168A Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M12L128168A Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M12L128168A Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M12L128168A Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M12L128168A Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M12L128168A Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
ESMT
M12L128168A
Operation temperature condition -40
°C ~85°C
Elite Semiconductor Memory Technology Inc.
Publication Date: Oct. 2007
Revision: 1.2
3/43
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Voltage on any pin relative to VSS
VIN, VOUT
-1.0 ~ 4.6
V
Voltage on VDD supply relative to VSS
VDD, VDDQ
-1.0 ~ 4.6
V
Storage temperature
TSTG
-55 ~ +150
C
°
Power dissipation
PD
1
W
Short circuit current
IOS
50
mA
Note :
Permanent device damage may occur if ABSOLUTE MAXIMUM RATING are exceeded.
Functional operation should be restricted to recommended operating condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
DC OPERATING CONDITION
Recommended operating conditions (Voltage referenced to VSS = 0V, TA = -40 to 85 C
° )
Parameter
Symbol
Min
Typ
Max
Unit
Note
Supply voltage
VDD, VDDQ
3.0
3.3
3.6
V
Input logic high voltage
VIH
2.0
3.0
VDD+0.3
V
1
Input logic low voltage
VIL
-0.3
0
0.8
V
2
Output logic high voltage
VOH
2.4
-
-
V
IOH = -2mA
Output logic low voltage
VOL
-
-
0.4
V
IOL = 2mA
Input leakage current
IIL
-5
-
5
μ A
3
Output leakage current
IOL
-5
-
5
μ A
4
Note:
1. VIH(max) = 4.6V AC for pulse width ≤ 10ns acceptable.
2. VIL(min) = -1.5V AC for pulse width ≤ 10ns acceptable.
3. Any input 0V
≤ VIN VDD + 0.3V, all other pins are not under test = 0V.
4. Dout is disabled , 0V
VOUT VDD.
CAPACITANCE
(VDD = 3.3V, TA = 25 C
° , f = 1MHZ)
Parameter
Symbol
Min
Max
Unit
Input capacitance (A0 ~ A11, A13 ~ A12)
CIN1
2.5
4
pF
Input capacitance
(CLK, CKE, CS , RAS , CAS , WE & L(U)DQM)
CIN2
2.5
4
pF
Data input/output capacitance (DQ0 ~ DQ15)
COUT
2
6.5
pF


Similar Part No. - M12L128168A

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12L128168A ESMT-M12L128168A Datasheet
808Kb / 44P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M12L128168A ESMT-M12L128168A Datasheet
786Kb / 43P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M12L128168A ESMT-M12L128168A Datasheet
673Kb / 45P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M12L128168A-2N ESMT-M12L128168A-2N Datasheet
692Kb / 46P
   JEDEC standard 3.3V power supply
M12L128168A-5BG ESMT-M12L128168A-5BG Datasheet
673Kb / 45P
   2M x 16 Bit x 4 Banks Synchronous DRAM
More results

Similar Description - M12L128168A

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A43L3616 AMICC-A43L3616 Datasheet
865Kb / 41P
   2M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12L128168A ESMT-M12L128168A_06 Datasheet
786Kb / 43P
   2M x 16 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
ADS7616A4A A-DATA-ADS7616A4A Datasheet
565Kb / 8P
   Synchronous DRAM(2M X 16 Bit X 4 Banks)
Rev 1.0 April, 2001
logo
Elite Semiconductor Mem...
M12L128168A ESMT-M12L128168A_09 Datasheet
673Kb / 45P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M52S128168A ESMT-M52S128168A_08 Datasheet
1Mb / 47P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M12L128168A ESMT-M12L128168A Datasheet
808Kb / 44P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M52D128168A ESMT-M52D128168A_1 Datasheet
1Mb / 47P
   2M x 16 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
VDS7616A4A A-DATA-VDS7616A4A Datasheet
576Kb / 8P
   Synchronous DRAM(2M X 16 Bit X 4 Banks)
Rev 1.0 April, 2001
logo
AMIC Technology
A43L3616A AMICC-A43L3616A Datasheet
635Kb / 41P
   2M x 16 Bit x 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12S128168A ESMT-M12S128168A Datasheet
960Kb / 44P
   2M x 16 Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com