Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M12L128168A Datasheet(PDF) 2 Page - Elite Semiconductor Memory Technology Inc.

Part # M12L128168A
Description  2M x 16 Bit x 4 Banks Synchronous DRAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M12L128168A Datasheet(HTML) 2 Page - Elite Semiconductor Memory Technology Inc.

  M12L128168A Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. M12L128168A Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M12L128168A Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M12L128168A Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M12L128168A Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M12L128168A Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M12L128168A Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M12L128168A Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M12L128168A Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
ESMT
M12L128168A
Operation temperature condition -40
°C ~85°C
Elite Semiconductor Memory Technology Inc.
Publication Date: Oct. 2007
Revision: 1.2
2/43
BLOCK DIAGRAM
PIN DESCRIPTION
PIN
NAME
INPUT FUNCTION
CLK
System Clock
Active on the positive going edge to sample all inputs
CS
Chip Select
Disables or enables device operation by masking or enabling all
inputs except CLK , CKE and L(U)DQM
CKE
Clock Enable
Masks system clock to freeze operation from the next clock cycle.
CKE should be enabled at least one cycle prior new command.
Disable input buffers for power down in standby.
A0 ~ A11
Address
Row / column address are multiplexed on the same pins.
Row address : RA0~RA11, column address : CA0~CA8
A12 , A13
Bank Select Address
Selects bank to be activated during row address latch time.
Selects bank for read / write during column address latch time.
RAS
Row Address Strobe
Latches row addresses on the positive going edge of the CLK with
RAS low. (Enables row access & precharge.)
CAS
Column Address Strobe
Latches column address on the positive going edge of the CLK with
CAS low. (Enables column access.)
WE
Write Enable
Enables write operation and row precharge.
Latches data in starting from CAS , WE active.
L(U)DQM
Data Input / Output Mask
Makes data output Hi-Z, tSHZ after the clock and masks the output.
Blocks data input when L(U)DQM active.
DQ0 ~ DQ15
Data Input / Output
Data inputs / outputs are multiplexed on the same pins.
VDD / VSS
Power Supply / Ground
Power and ground for the input buffers and the core logic.
VDDQ / VSSQ
Data Output Power / Ground
Isolated power supply and ground for the output buffers to provide
improved noise immunity.
N.C
No Connection
This pin is recommended to be left No Connection on the device.
L(U)DQM
DQ
Mode
Register
Column
Address
Buffer
&
Counter
Row
Address
Buffer
&
Refresh
Counter
Bank D
Bank A
Bank B
Bank C
Sense Amplifier
Column Decoder
Data Control Circuit
Address
Clock
Generator
CLK
CKE
CS
RAS
CAS
WE


Similar Part No. - M12L128168A

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12L128168A ESMT-M12L128168A Datasheet
808Kb / 44P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M12L128168A ESMT-M12L128168A Datasheet
786Kb / 43P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M12L128168A ESMT-M12L128168A Datasheet
673Kb / 45P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M12L128168A-2N ESMT-M12L128168A-2N Datasheet
692Kb / 46P
   JEDEC standard 3.3V power supply
M12L128168A-5BG ESMT-M12L128168A-5BG Datasheet
673Kb / 45P
   2M x 16 Bit x 4 Banks Synchronous DRAM
More results

Similar Description - M12L128168A

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A43L3616 AMICC-A43L3616 Datasheet
865Kb / 41P
   2M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12L128168A ESMT-M12L128168A_06 Datasheet
786Kb / 43P
   2M x 16 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
ADS7616A4A A-DATA-ADS7616A4A Datasheet
565Kb / 8P
   Synchronous DRAM(2M X 16 Bit X 4 Banks)
Rev 1.0 April, 2001
logo
Elite Semiconductor Mem...
M12L128168A ESMT-M12L128168A_09 Datasheet
673Kb / 45P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M52S128168A ESMT-M52S128168A_08 Datasheet
1Mb / 47P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M12L128168A ESMT-M12L128168A Datasheet
808Kb / 44P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M52D128168A ESMT-M52D128168A_1 Datasheet
1Mb / 47P
   2M x 16 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
VDS7616A4A A-DATA-VDS7616A4A Datasheet
576Kb / 8P
   Synchronous DRAM(2M X 16 Bit X 4 Banks)
Rev 1.0 April, 2001
logo
AMIC Technology
A43L3616A AMICC-A43L3616A Datasheet
635Kb / 41P
   2M x 16 Bit x 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12S128168A ESMT-M12S128168A Datasheet
960Kb / 44P
   2M x 16 Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com