Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M12L128168A Datasheet(PDF) 14 Page - Elite Semiconductor Memory Technology Inc.

Part # M12L128168A
Description  2M x 16 Bit x 4 Banks Synchronous DRAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M12L128168A Datasheet(HTML) 14 Page - Elite Semiconductor Memory Technology Inc.

Back Button M12L128168A Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. M12L128168A Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. M12L128168A Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. M12L128168A Datasheet HTML 13Page - Elite Semiconductor Memory Technology Inc. M12L128168A Datasheet HTML 14Page - Elite Semiconductor Memory Technology Inc. M12L128168A Datasheet HTML 15Page - Elite Semiconductor Memory Technology Inc. M12L128168A Datasheet HTML 16Page - Elite Semiconductor Memory Technology Inc. M12L128168A Datasheet HTML 17Page - Elite Semiconductor Memory Technology Inc. M12L128168A Datasheet HTML 18Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
ESMT
M12L128168A
Operation temperature condition -40
°C ~85°C
Elite Semiconductor Memory Technology Inc.
Publication Date: Oct. 2007
Revision: 1.2
14/43
Write command
( CS , CAS , WE = Low, RAS = High)
If the mode register is in the burst write mode, this command sets the burst start
address given by the column address to begin the burst write operation. The first
write data in burst can be input with this command with subsequent data on following
clocks.
Read command
( CS , CAS = Low, RAS , WE = High)
Read data is available after CAS latency requirements have been met.
This command sets the burst start address given by the column address.
CBR (auto) refresh command
( CS , RAS , CAS = Low, WE , CKE = High)
This command is a request to begin the CBR refresh operation. The refresh
address is generated internally.
Before executing CBR refresh, all banks must be precharged.
After this cycle, all banks will be in the idle (precharged) state and ready for a
row activate command.
During tRC period (from refresh command to refresh or activate command), the
M12L128168A cannot accept any other command.
CLK
CLK
CKE
CKE
CS
CS
RAS
RAS
WE
WE
A12, A13
(Bank select)
A12, A13
(Bank select)
A10
A10
Add
Add
CAS
CAS
H
H
Col.
Fig. 4 Column address and
write command
Fig. 5 Column address and
read command
CLK
CKE
CS
RAS
WE
A12, A13
(Bank select)
A10
Add
CAS
H
Fig. 6 Auto refresh command
Col.


Similar Part No. - M12L128168A

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12L128168A ESMT-M12L128168A Datasheet
808Kb / 44P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M12L128168A ESMT-M12L128168A Datasheet
786Kb / 43P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M12L128168A ESMT-M12L128168A Datasheet
673Kb / 45P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M12L128168A-2N ESMT-M12L128168A-2N Datasheet
692Kb / 46P
   JEDEC standard 3.3V power supply
M12L128168A-5BG ESMT-M12L128168A-5BG Datasheet
673Kb / 45P
   2M x 16 Bit x 4 Banks Synchronous DRAM
More results

Similar Description - M12L128168A

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A43L3616 AMICC-A43L3616 Datasheet
865Kb / 41P
   2M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12L128168A ESMT-M12L128168A_06 Datasheet
786Kb / 43P
   2M x 16 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
ADS7616A4A A-DATA-ADS7616A4A Datasheet
565Kb / 8P
   Synchronous DRAM(2M X 16 Bit X 4 Banks)
Rev 1.0 April, 2001
logo
Elite Semiconductor Mem...
M12L128168A ESMT-M12L128168A_09 Datasheet
673Kb / 45P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M52S128168A ESMT-M52S128168A_08 Datasheet
1Mb / 47P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M12L128168A ESMT-M12L128168A Datasheet
808Kb / 44P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M52D128168A ESMT-M52D128168A_1 Datasheet
1Mb / 47P
   2M x 16 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
VDS7616A4A A-DATA-VDS7616A4A Datasheet
576Kb / 8P
   Synchronous DRAM(2M X 16 Bit X 4 Banks)
Rev 1.0 April, 2001
logo
AMIC Technology
A43L3616A AMICC-A43L3616A Datasheet
635Kb / 41P
   2M x 16 Bit x 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12S128168A ESMT-M12S128168A Datasheet
960Kb / 44P
   2M x 16 Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com