Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M12L128168A Datasheet(PDF) 12 Page - Elite Semiconductor Memory Technology Inc.

Part # M12L128168A
Description  2M x 16 Bit x 4 Banks Synchronous DRAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M12L128168A Datasheet(HTML) 12 Page - Elite Semiconductor Memory Technology Inc.

Back Button M12L128168A Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M12L128168A Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. M12L128168A Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. M12L128168A Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. M12L128168A Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. M12L128168A Datasheet HTML 13Page - Elite Semiconductor Memory Technology Inc. M12L128168A Datasheet HTML 14Page - Elite Semiconductor Memory Technology Inc. M12L128168A Datasheet HTML 15Page - Elite Semiconductor Memory Technology Inc. M12L128168A Datasheet HTML 16Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
ESMT
M12L128168A
Operation temperature condition -40
°C ~85°C
Elite Semiconductor Memory Technology Inc.
Publication Date: Oct. 2007
Revision: 1.2
12/43
DEVICE OPERATIONS (Continued)
AUTO REFRESH
The storage cells of SDRAM need to be refreshed every 64ms
to maintain data. An auto refresh cycle accomplishes refresh of
a single row of storage cells. The internal counter increments
automatically on every auto refresh cycle to refresh all the
rows. An auto refresh command is issued by asserting low on
CS , RAS and CAS with high on CKE and WE . The auto
refresh command can only be asserted with all banks being in
idle state and the device is not in power down mode (CKE is
high in the previous cycle). The time required to complete the
auto refresh operation is specified by tRFC(min). The minimum
number of clock cycles required can be calculated by driving
tRFC with clock cycle time and them rounding up to the next
higher integer. The auto refresh command must be followed by
NOP’s until the auto refresh operation is completed. The auto
refresh is the preferred refresh mode when the SDRAM is
being used for normal data transactions. The auto refresh
cycle can be performed once in 15.6us.
SELF REFRESH
The self refresh is another refresh mode available in the
SDRAM. The self refresh is the preferred refresh mode for
data retention and low power operation of SDRAM. In self
refresh mode, the SDRAM disables the internal clock and
all the input buffers except CKE. The refresh addressing
and timing is internally generated to reduce power
consumption.
The self refresh mode is entered from all banks idle state
by asserting low on CS , RAS , CAS and CKE with
high on WE . Once the self refresh mode is entered, only
CKE state being low matters, all the other inputs including
clock are ignored to remain in the refresh.
The self refresh is exited by restarting the external clock
and then asserting high on CKE. This must be followed by
NOP’s for a minimum time of tRFC before the SDRAM
reaches idle state to begin normal operation. It is
recommended to use burst 4096 auto refresh cycles
immediately before and after self refresh.


Similar Part No. - M12L128168A

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12L128168A ESMT-M12L128168A Datasheet
808Kb / 44P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M12L128168A ESMT-M12L128168A Datasheet
786Kb / 43P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M12L128168A ESMT-M12L128168A Datasheet
673Kb / 45P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M12L128168A-2N ESMT-M12L128168A-2N Datasheet
692Kb / 46P
   JEDEC standard 3.3V power supply
M12L128168A-5BG ESMT-M12L128168A-5BG Datasheet
673Kb / 45P
   2M x 16 Bit x 4 Banks Synchronous DRAM
More results

Similar Description - M12L128168A

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A43L3616 AMICC-A43L3616 Datasheet
865Kb / 41P
   2M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12L128168A ESMT-M12L128168A_06 Datasheet
786Kb / 43P
   2M x 16 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
ADS7616A4A A-DATA-ADS7616A4A Datasheet
565Kb / 8P
   Synchronous DRAM(2M X 16 Bit X 4 Banks)
Rev 1.0 April, 2001
logo
Elite Semiconductor Mem...
M12L128168A ESMT-M12L128168A_09 Datasheet
673Kb / 45P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M52S128168A ESMT-M52S128168A_08 Datasheet
1Mb / 47P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M12L128168A ESMT-M12L128168A Datasheet
808Kb / 44P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M52D128168A ESMT-M52D128168A_1 Datasheet
1Mb / 47P
   2M x 16 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
VDS7616A4A A-DATA-VDS7616A4A Datasheet
576Kb / 8P
   Synchronous DRAM(2M X 16 Bit X 4 Banks)
Rev 1.0 April, 2001
logo
AMIC Technology
A43L3616A AMICC-A43L3616A Datasheet
635Kb / 41P
   2M x 16 Bit x 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12S128168A ESMT-M12S128168A Datasheet
960Kb / 44P
   2M x 16 Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com