Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M12L128168A Datasheet(PDF) 10 Page - Elite Semiconductor Memory Technology Inc.

Part # M12L128168A
Description  2M x 16 Bit x 4 Banks Synchronous DRAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M12L128168A Datasheet(HTML) 10 Page - Elite Semiconductor Memory Technology Inc.

Back Button M12L128168A Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M12L128168A Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M12L128168A Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M12L128168A Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. M12L128168A Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. M12L128168A Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. M12L128168A Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. M12L128168A Datasheet HTML 13Page - Elite Semiconductor Memory Technology Inc. M12L128168A Datasheet HTML 14Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
ESMT
M12L128168A
Operation temperature condition -40
°C ~85°C
Elite Semiconductor Memory Technology Inc.
Publication Date: Oct. 2007
Revision: 1.2
10/43
DEVICE OPERATIONS
CLOCK (CLK)
The clock input is used as the reference for all SDRAM
operations. All operations are synchronized to the positive
going edge of the clock. The clock transitions must be
monotonic between VIL and VIH. During operation with CKE
high all inputs are assumed to be in valid state (low or high) for
the duration of setup and hold time around positive edge of the
clock for proper functionality and Icc specifications.
CLOCK ENABLE(CKE)
The clock enable (CKE) gates the clock onto SDRAM. If CKE
goes low synchronously with clock (set-up and hold time same
as other inputs), the internal clock suspended from the next
clock cycle and the state of output and burst address is frozen
as long as the CKE remains low. All other inputs are ignored
from the next clock cycle after CKE goes low. When all banks
are in the idle state and CKE goes low synchronously with
clock, the SDRAM enters the power down mode from the next
clock cycle. The SDRAM remains in the power down mode
ignoring the other inputs as long as CKE remains low. The
power down exit is synchronous as the internal clock is
suspended. When CKE goes high at least “1CLK + tSS” before
the high going edge of the clock, then the SDRAM becomes
active from the same clock edge accepting all the input
commands.
BANK ADDRESSES (A13~A12)
This SDRAM is organized as four independent banks of
2,097,152 words x 16 bits memory arrays. The A13~A12
inputs are latched at the time of assertion of RAS and CAS
to select the bank to be used for the operation. The banks
addressed A13~A12 are latched at bank active, read, write,
mode register set and precharge operations.
ADDRESS INPUTS (A0~A11)
The 21 address bits are required to decode the 2,097,152
word locations are multiplexed into 12 address input pins
(A0~A11). The 12 row addresses are latched along with RAS
and A13~A12 during bank active command. The 9 bit column
addresses are latched along with CAS , WE and A13~A12
during read or with command.
NOP and DEVICE DESELECT
When RAS , CAS and WE are high , The SDRAM
performs no operation (NOP). NOP does not initiate any new
operation, but is needed to complete operations which require
more than single clock cycle like bank activate, burst read,
auto refresh, etc. The device deselect is also a NOP and is
entered by asserting CS high. CS high disables the
command decoder so that RAS , CAS , WE and all the
address inputs are ignored.
POWER-UP
1.Apply power and start clock, Attempt to maintain CKE =
“H”, DQM = “H” and the other pins are NOP condition at
the inputs.
2.Maintain stable power, stable clock and NOP input
condition for minimum of 200us.
3.Issue precharge commands for both banks of the
devices.
4.Issue 2 or more auto-refresh commands.
5.Issue a mode register set command to initialize the
mode register.
cf.) Sequence of 4 & 5 is regardless of the order.
The device is now ready for normal operation.
MODE REGISTER SET (MRS)
The mode register stores the data for controlling the
various operating modes of SDRAM. It programs the CAS
latency, burst type, burst length, test mode and various
vendor specific options to make SDRAM useful for variety
of different applications. The default value of the mode
register is not defined, therefore the mode register must
be written after power up to operate the SDRAM. The
mode register is written by asserting low on CS , RAS ,
CAS and WE (The SDRAM should be in active mode
with CKE already high prior to writing the mode register).
The state of address pins A0~A11 and A13~A12 in the
same cycle as CS , RAS , CAS and WE going low is
the data written in the mode register. Two clock cycles is
required to complete the write in the mode register. The
mode register contents can be changed using the same
command and clock cycle requirements during operation
as long as all banks are in the idle state. The mode
register is divided into various fields into depending on
functionality. The burst length field uses A0~A2, burst type
uses A3, CAS latency (read latency from column address)
use A4~A6, vendor specific options or test mode use
A7~A8, A10/AP~A11 and A13~A12. The write burst length
is programmed using A9. A7~A8, A10/AP~A11 and
A13~A12 must be set to low for normal SDRAM
operation. Refer to the table for specific codes for various
burst length, burst type and CAS latencies.
BANK ACTIVATE
The bank activate command is used to select a random
row in an idle bank. By asserting low on
RAS and CS
with desired row and bank address, a row access is
initiated. The read or write operation can occur after a
time delay of tRCD(min) from the time of bank activation. tRCD
is the internal timing parameter of SDRAM, therefore it is
dependent on operating clock frequency. The minimum
number of clock cycles required between bank activate
and read or write command should be calculated by


Similar Part No. - M12L128168A

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12L128168A ESMT-M12L128168A Datasheet
808Kb / 44P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M12L128168A ESMT-M12L128168A Datasheet
786Kb / 43P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M12L128168A ESMT-M12L128168A Datasheet
673Kb / 45P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M12L128168A-2N ESMT-M12L128168A-2N Datasheet
692Kb / 46P
   JEDEC standard 3.3V power supply
M12L128168A-5BG ESMT-M12L128168A-5BG Datasheet
673Kb / 45P
   2M x 16 Bit x 4 Banks Synchronous DRAM
More results

Similar Description - M12L128168A

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A43L3616 AMICC-A43L3616 Datasheet
865Kb / 41P
   2M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12L128168A ESMT-M12L128168A_06 Datasheet
786Kb / 43P
   2M x 16 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
ADS7616A4A A-DATA-ADS7616A4A Datasheet
565Kb / 8P
   Synchronous DRAM(2M X 16 Bit X 4 Banks)
Rev 1.0 April, 2001
logo
Elite Semiconductor Mem...
M12L128168A ESMT-M12L128168A_09 Datasheet
673Kb / 45P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M52S128168A ESMT-M52S128168A_08 Datasheet
1Mb / 47P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M12L128168A ESMT-M12L128168A Datasheet
808Kb / 44P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M52D128168A ESMT-M52D128168A_1 Datasheet
1Mb / 47P
   2M x 16 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
VDS7616A4A A-DATA-VDS7616A4A Datasheet
576Kb / 8P
   Synchronous DRAM(2M X 16 Bit X 4 Banks)
Rev 1.0 April, 2001
logo
AMIC Technology
A43L3616A AMICC-A43L3616A Datasheet
635Kb / 41P
   2M x 16 Bit x 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12S128168A ESMT-M12S128168A Datasheet
960Kb / 44P
   2M x 16 Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com