Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2601 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX2601
Description  3.6V, 1W RF Power Transistors for 900MHz Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2601 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX2601_08 Datasheet HTML 1Page - Maxim Integrated Products MAX2601_08 Datasheet HTML 2Page - Maxim Integrated Products MAX2601_08 Datasheet HTML 3Page - Maxim Integrated Products MAX2601_08 Datasheet HTML 4Page - Maxim Integrated Products MAX2601_08 Datasheet HTML 5Page - Maxim Integrated Products MAX2601_08 Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3.6V, 1W RF Power Transistors
for 900MHz Applications
_______________________________________________________________________________________
3
1.0
0
06
COLLECTOR CURRENT
0.2
0.8
VCE (V)
24
5
13
0.6
0.4
VBB = 1.00V
VBB = 0.95V
VBB = 0.90V
VBB = 0.85V
VBB = 0.80V
31
0.4
TWO-TONE OUTPUT POWER AND IM3
vs. COLLECTOR CURRENT
27
30
ICC (A)
0.6
0.8
0.5
0.7
29
28
20
16
19
18
17
POUT
IM3
POUT, IM3, AND IM5
ARE RMS COMPOSITE
TWO-TONE POWER LEVELS
35
5
TWO-TONE OUTPUT POWER, IM3, IM5
vs. INPUT POWER
-5
25
INPUT POWER (dBm)
15
25
10
20
15
5
POUT
IM5
IM3
POUT, IM3, AND IM5
ARE RMS COMPOSITE
TWO-TONE POWER
LEVELS
35
5
TWO-TONE OUTPUT POWER, IM3, IM5
vs. INPUT POWER (f = 433MHz)
-5
25
INPUT POWER (dBm)
15
25
10
20
15
5
POUT
IM5
IM3
POUT, IM3, AND IM5
ARE RMS COMPOSITE
TWO-TONE
POWER LEVELS
-20
-22
-24
-26
-28
10
ACPR vs. OUTPUT POWER
(IS-54
π/4 DQPSK MODULATION, VBB = 0.85V)
-40
OUTPUT POWER (dBm)
20
35
15
25
30
-30
-32
-34
-36
-38
3.0V
3.6V
4.8V
4.2V
60
10
COLLECTOR EFFICIENCY vs. OUTPUT POWER
(IS-54
π/4 DQPSK MODULATION, VBB = 0.85V)
0
OUTPUT POWER (dBm)
20
35
15
25
30
30
40
50
20
10
3.0V
3.6V
4.8V
4.2V
POUT, IM3, AND IM5
ARE RMS COMPOSITE
TWO-TONE POWER
LEVELS
__________________________________________Typical Operating Characteristics
(Test Circuit of Figure 1, input/output matching networks optimized for specific measurement frequency, VCC = 3.6V, VBB = 0.750V,
POUT = 30dBm, ZLOAD = ZSOURCE = 50Ω, f = 836MHz, TA = +25°C, unless otherwise noted.)
NAME
1, 8
C
Transistor Collector
2, 3, 6, 7, Slug
E
Transistor Emitter
BIAS
4, 5
B
Transistor Base
Anode of the Biasing Diode that matches the thermal and process char-
acteristics of the power transistor. Requires a high-RF-impedance, low-
DC-impedance (e.g., inductor) connection to the transistor base (Pin 4).
Current through the biasing diode (into Pin 3) is proportional to 1/15 the
collector current in the transistor.
FUNCTION
MAX2601
MAX2602
3
1, 8
2, 6, 7, Slug
PIN
4, 5
______________________________________________________________Pin Description


Similar Part No. - MAX2601_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2601-MAX2602 MAXIM-MAX2601-MAX2602 Datasheet
47Kb / 6P
   3.6V, 1W RF Power Transistors for 900MHz Applications
19-1185; Rev 2; 5/97
MAX2601ESA MAXIM-MAX2601ESA Datasheet
47Kb / 6P
   3.6V, 1W RF Power Transistors for 900MHz Applications
19-1185; Rev 2; 5/97
More results

Similar Description - MAX2601_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2601 MAXIM-MAX2601 Datasheet
47Kb / 6P
   3.6V, 1W RF Power Transistors for 900MHz Applications
19-1185; Rev 2; 5/97
MAX2235 MAXIM-MAX2235 Datasheet
149Kb / 8P
   3.6V, 1W Autoramping Power Amplifier for 900MHz Applications
19-1463; Rev 0; 5/99
logo
Tyco Electronics
MA02205AF MACOM-MA02205AF Datasheet
245Kb / 5P
   3.6V 0.5W RF Power Amplifier IC for DECT
MA02206GJ MACOM-MA02206GJ Datasheet
112Kb / 6P
   3.6V 0.5W RF Power Amplifier IC for DECT
logo
RF Micro Devices
RF6509 RFMD-RF6509 Datasheet
857Kb / 12P
   2.7V TO 3.6V MODULE FOR INTEGRATION WITH 900MHz SMART ENERGY AMI
logo
Qorvo, Inc
RF6509 QORVO-RF6509 Datasheet
857Kb / 12P
   2.7V TO 3.6V MODULE FOR INTEGRATION WITH 900MHz SMART ENERGY AMI
logo
Toshiba Semiconductor
TB31261AF TOSHIBA-TB31261AF Datasheet
2Mb / 26P
   RF 1CHIP IC FOR 900Mhz CORDLESS TELEPHONE
logo
STMicroelectronics
SD1477 STMICROELECTRONICS-SD1477_04 Datasheet
243Kb / 9P
   RF POWER BIPOLAR TRANSISTORS VHF MOBILE APPLICATIONS
SD1727 STMICROELECTRONICS-SD1727_04 Datasheet
407Kb / 9P
   RF POWER BIPOLAR TRANSISTORS HF SSB APPLICATIONS
AM1214-250 STMICROELECTRONICS-AM1214-250 Datasheet
36Kb / 4P
   RF POWER TRANSISTORS L-BAND RADAR APPLICATIONS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com