Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2601 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX2601
Description  3.6V, 1W RF Power Transistors for 900MHz Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2601 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX2601_08 Datasheet HTML 1Page - Maxim Integrated Products MAX2601_08 Datasheet HTML 2Page - Maxim Integrated Products MAX2601_08 Datasheet HTML 3Page - Maxim Integrated Products MAX2601_08 Datasheet HTML 4Page - Maxim Integrated Products MAX2601_08 Datasheet HTML 5Page - Maxim Integrated Products MAX2601_08 Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
General Description
The MAX2601/MAX2602 are RF power transistors opti-
mized for use in portable cellular and wireless equipment
that operates from three NiCd/NiMH cells or one Li-Ion
cell. These transistors deliver 1W of RF power from a
3.6V supply with efficiency of 58% when biased for con-
stant-envelope applications (e.g., FM or FSK). For NADC
(IS-54) operation, they deliver 29dBm with -28dBc ACPR
from a 4.8V supply.
The MAX2601 is a high-performance silicon bipolar RF
power transistor. The MAX2602 includes a high-
performance silicon bipolar RF power transistor, and a
biasing diode that matches the thermal and process
characteristics of the power transistor. This diode is
used to create a bias network that accurately controls
the power transistor’s collector current as the tempera-
ture changes.
The MAX2601/MAX2602 can be used as the final stage
in a discrete or module power amplifier. Silicon bipolar
technology eliminates the need for voltage inverters
and sequencing circuitry, as required by GaAsFET
power amplifiers. Furthermore, a drain switch is not
required to turn off the MAX2601/MAX2602. This
increases operating time in two ways: it allows lower
system end-of-life battery voltage, and it eliminates the
wasted power from a drain-switch device.
The MAX2601/MAX2602 are available in thermally
enhanced, 8-pin SO packages, which are screened to
the extended temperature range (-40°C to +85°C).
________________________Applications
Narrow-Band PCS (NPCS)
915MHz ISM Transmitters
Microcellular GSM (Power Class 5)
AMPS Cellular Phones
Digital Cellular Phones
Two-Way Paging
CDPD Modems
Land Mobile Radios
____________________________Features
♦♦ Low Voltage: Operates from 1 Li-Ion or
3 NiCd/NiMH Batteries
♦♦ DC-to-Microwave Operating Range
♦♦ 1W Output Power at 900MHz
♦♦ On-Chip Diode for Accurate Biasing (MAX2602)
♦♦ Low-Cost Silicon Bipolar Technology
♦♦ Does Not Require Negative Bias or Supply Switch
♦♦ High Efficiency: 58%
3.6V, 1W RF Power Transistors
for 900MHz Applications
________________________________________________________________
Maxim Integrated Products
1
19-1185; Rev 3; 9/08
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
Typical Application Circuit appears at end of data sheet.
PART
TEMP RANGE
PIN-PACKAGE
MAX2601ESA
-40°C to +85°C
8 SOIC
MAX2602ESA
-40°C to +85°C
8 SOIC
Pin Configurations
PSOPII
TOP VIEW
PSOPII
8
7
6
5
1
2
3
4
C
E
E
B
C
E
E
B
MAX2602
8
7
6
5
1
2
3
4
C
E
BIAS
B
C
E
E
B
MAX2601
EVALUATION
KIT
AVAILABLE


Similar Part No. - MAX2601_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2601-MAX2602 MAXIM-MAX2601-MAX2602 Datasheet
47Kb / 6P
   3.6V, 1W RF Power Transistors for 900MHz Applications
19-1185; Rev 2; 5/97
MAX2601ESA MAXIM-MAX2601ESA Datasheet
47Kb / 6P
   3.6V, 1W RF Power Transistors for 900MHz Applications
19-1185; Rev 2; 5/97
More results

Similar Description - MAX2601_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2601 MAXIM-MAX2601 Datasheet
47Kb / 6P
   3.6V, 1W RF Power Transistors for 900MHz Applications
19-1185; Rev 2; 5/97
MAX2235 MAXIM-MAX2235 Datasheet
149Kb / 8P
   3.6V, 1W Autoramping Power Amplifier for 900MHz Applications
19-1463; Rev 0; 5/99
logo
Tyco Electronics
MA02205AF MACOM-MA02205AF Datasheet
245Kb / 5P
   3.6V 0.5W RF Power Amplifier IC for DECT
MA02206GJ MACOM-MA02206GJ Datasheet
112Kb / 6P
   3.6V 0.5W RF Power Amplifier IC for DECT
logo
RF Micro Devices
RF6509 RFMD-RF6509 Datasheet
857Kb / 12P
   2.7V TO 3.6V MODULE FOR INTEGRATION WITH 900MHz SMART ENERGY AMI
logo
Qorvo, Inc
RF6509 QORVO-RF6509 Datasheet
857Kb / 12P
   2.7V TO 3.6V MODULE FOR INTEGRATION WITH 900MHz SMART ENERGY AMI
logo
Toshiba Semiconductor
TB31261AF TOSHIBA-TB31261AF Datasheet
2Mb / 26P
   RF 1CHIP IC FOR 900Mhz CORDLESS TELEPHONE
logo
STMicroelectronics
SD1477 STMICROELECTRONICS-SD1477_04 Datasheet
243Kb / 9P
   RF POWER BIPOLAR TRANSISTORS VHF MOBILE APPLICATIONS
SD1727 STMICROELECTRONICS-SD1727_04 Datasheet
407Kb / 9P
   RF POWER BIPOLAR TRANSISTORS HF SSB APPLICATIONS
AM1214-250 STMICROELECTRONICS-AM1214-250 Datasheet
36Kb / 4P
   RF POWER TRANSISTORS L-BAND RADAR APPLICATIONS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com