Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPD5002GE Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPD5002GE
Description  VDSL Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPD5002GE Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPD5002GE Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Insertion Loss
(dB Max.)
Electrical Parameters @ 25° C
VDSL Transformer
• Designed for Broadcom BCM6315 Transceiver Chip •
• Robust Construction •
• Surface Mount Package •
• Operating Temperature range -40
°C to +85°C •
• 1500 Vrms Isolation •
EPD5002GE
E L E C T R O N I C S I N C .
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Schematic
Product performance is limited to specified parameters. Data is subject to change without prior notice.
1CT:1CT
1
2
3
6
5
4
190
Inductance
(µH Min.)
Return Loss
(dB Min.)
Longitudinal Balance
(Typ.)
Package
Dimensions
A
B
C
D
E
F
G
H
I
J
K
L
M
N
P
Q
Dim.
Min.
.300
.275
.250
---
.015
---
.400
.022
.012
---
.045
---
---
---
---
Max.
Nom.
(Inches)
(Millimeters)
7.11
6.48
5.84
---
.127
---
9.65
.406
.203
---
.635
---
---
---
---
Min.
7.62
6.99
6.35
---
.381
---
10.16
.559
.305
---
1.14
---
---
---
---
Max.
Nom.
.280
.255
.230
---
.005
---
.380
.016
.008
---
.025
---
---
---
---
.290
.265
.240
.200
.013
.100
.390
.018
.010
.045
.035
.040
.100
.075
.408
7.37
6.73
6.10
5.08
.330
2.54
9.91
.457
.254
1.14
.889
1.02
2.54
1.91
10.36
Solder
Pad
Layout
PCA
EPD5002GE
Date Code
B
C
E
F
G
H
I
J
K
L
M
N
P
Q
Pin 1
I. D.
A
D
CSD5002GE
Rev. 1
2/27/02
200 KHz-
400 KHz
-0.75
400 KHz-
30 MHz
-0.50
300 Khz-
20 MHz
-20
20 MHz-
30 MHz
-18
200 KHz
-50
11 MHz
-50
100 MHz
-30
Line Impedance : 100
Ω •
CM Rejection
(dB Typ.)
10 MHz
-35
30 MHz
-30
100 MHz
-10


Similar Part No. - EPD5002GE

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPD5001E PCA-EPD5001E Datasheet
23Kb / 1P
VDSL Transformer
EPD5003GE PCA-EPD5003GE Datasheet
25Kb / 1P
VDSL Transformer
More results

Similar Description - EPD5002GE

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
BX4030 PULSE-BX4030 Datasheet
46Kb / 1P
VDSL TRANSFORMER VDSL TRANSFORMER
logo
XFMRS Inc.
X13131VS XFMRS-X13131VS Datasheet
57Kb / 1P
VDSL TRANSFORMER
logo
Bothhand USA, LP.
VD-4025A BOTHHAND-VD-4025A Datasheet
65Kb / 1P
VDSL TRANSFORMER
VD-4025 BOTHHAND-VD-4025 Datasheet
64Kb / 1P
VDSL TRANSFORMER
logo
Coilcraft lnc.
VD9233 COILCRAFT-VD9233_12 Datasheet
199Kb / 1P
VDSL Transformer
logo
XFMRS Inc.
XF00339A XFMRS-XF00339A Datasheet
60Kb / 1P
VDSL TRANSFORMER
XF00339CS XFMRS-XF00339CS Datasheet
47Kb / 1P
VDSL TRANSFORMER
XF0709-AD65S XFMRS-XF0709-AD65S Datasheet
78Kb / 1P
VDSL TRANSFORMER
XF0709-AD66S XFMRS-XF0709-AD66S Datasheet
83Kb / 1P
VDSL TRANSFORMER
XFATM9DTH XFMRS-XFATM9DTH Datasheet
86Kb / 1P
VDSL TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com