Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

400FH001M22 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 400FH001M22
Description  TAG Ring Backshell with Strain Relief
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

400FH001M22 Datasheet(HTML) 2 Page - Glenair, Inc.

  400FH001M22 Datasheet HTML 1Page - Glenair, Inc. 400FH001M22 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 40 - Page 7
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
See inside back cover
fold-out or pages 13 and
14 for Tables I and II.
TABLE III: ELBOW DIMENSIONS
A-F-L-S
08
10
12
14
16
18
20
22
24
Shell Size
Conn. Desig.
H
09
11
13
15
17
19
21
23
25
E
Max
.639 (16.2)
.664 (16.9)
.688 (17.5)
.705 (17.9)
.732 (18.6)
.748 (19.0)
.773 (19.6)
.800 (20.3)
.823 (20.9)
G
Max
.750 (19.1)
.810 (20.6)
.870 (22.1)
.920 (23.4)
.980 (24.9)
1.020 (25.9)
1.080 (27.4)
1.140 (29.0)
1.200 (30.5)
H
Max
1.620 (41.1)
1.680 (42.7)
1.740 (44.2)
1.810 (46.0)
1.870 (47.5)
1.890 (48.0)
1.950 (49.5)
2.030 (51.6)
2.100 (53.3)
1. When maximum cable entry (page 21) is exceeded, Style 2 will be supplied.
Dimensions E, F, G and H will not apply. Please consult factory.
2. Metric dimensions (mm) are indicated in parentheses.
3. Cable range is defined as the accommodations range for the wire bundle or cable.
Dimensions shown are not intended for inspection criteria.
4. -445 modification not available for MIL-DTL-38999 Series II.
F
Max
1.510 (38.4)
1.540 (39.1)
1.560 (39.6)
1.590 (40.4)
1.610 (40.9)
1.620 (41.1)
1.640 (41.7)
1.680 (42.7)
1.710 (43.4)
400-001
TAG® Ring Backshell
with Strain Relief
Rotatable Coupling - Standard Profile
Dash
No.
02
03
04
05
06
07
08
09
10
J
Max
.545 (13.8)
.670 (17.0)
.795 (20.2)
.920 (23.4)
1.045 (26.5)
1.170 (29.7)
1.295 (32.9)
1.420 (36.1)
1.670 (42.4)
Cable Entry
Max
.250
(6.4)
.375
(9.5)
.500 (12.7)
.625 (15.9)
.750 (19.1)
.875 (22.2)
1.000 (25.4)
1.125 (28.6)
1.250 (31.8)
TABLE IV: CABLE ENTRY
Cable Range
K
Max
.968 (24.6)
1.046 (26.6)
1.156 (29.4)
1.218 (30.9)
1.343 (34.1)
1.468 (37.3)
1.593 (40.5)
1.718 (43.6)
1.843 (46.8)
Dash
No.
02
03
04
05
06
07
08
09
10
Min
.125
(3.2)
.250
(6.4)
.250
(6.4)
.375
(9.5)
.500 (12.7)
.625 (15.9)
.625 (15.9)
.750 (19.1)
.875 (22.2)
Max
.250
(6.4)
.375
(9.5)
.500 (12.7)
.625 (15.9)
.750 (19.1)
.875 (22.2)
1.000 (25.4)
1.125 (28.6)
1.250 (31.8)
TABLE V: CABLE ENTRY
Add “-445” to Specify Glenair’s Non-Detent,
("NESTOR") Spring-Loaded, Self-Locking Coupling.
See Page 41 for Details.


Similar Part No. - 400FH001M22

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
400FH015M08 GLENAIR-400FH015M08 Datasheet
52Kb / 2P
   TAG Ring Backshell with Strain Relief
400FH015M10 GLENAIR-400FH015M10 Datasheet
52Kb / 2P
   TAG Ring Backshell with Strain Relief
400FH015M12 GLENAIR-400FH015M12 Datasheet
52Kb / 2P
   TAG Ring Backshell with Strain Relief
400FH015M14 GLENAIR-400FH015M14 Datasheet
52Kb / 2P
   TAG Ring Backshell with Strain Relief
400FH015M16 GLENAIR-400FH015M16 Datasheet
52Kb / 2P
   TAG Ring Backshell with Strain Relief
More results

Similar Description - 400FH001M22

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
400AH015M08 GLENAIR-400AH015M08 Datasheet
52Kb / 2P
   TAG Ring Backshell with Strain Relief
400AC015M08 GLENAIR-400AC015M08 Datasheet
76Kb / 2P
   TAG Ring Backshell with Strain Relief
400AC001M08 GLENAIR-400AC001M08 Datasheet
69Kb / 2P
   TAG Ring Backshell with Strain Relief
400AA001M08 GLENAIR-400AA001M08 Datasheet
80Kb / 2P
   TAG Ring Backshell with Strain Relief
400AC002M08 GLENAIR-400AC002M08 Datasheet
62Kb / 2P
   TAG Ring Backshell with Strain Relief
400AA002M08 GLENAIR-400AA002M08 Datasheet
63Kb / 2P
   TAG Ring Backshell with Strain Relief
400AS015M08 GLENAIR-400AS015M08 Datasheet
46Kb / 2P
   TAG Ring Backshell with Strain Relief
M85049-44-1 GLENAIR-M85049-44-1 Datasheet
73Kb / 1P
   Strain-Relief Backshell
527-149NFPA1B1C1 GLENAIR-527-149NFPA1B1C1 Datasheet
67Kb / 2P
   Strain Relief Backshell
507-146E09 GLENAIR-507-146E09_11 Datasheet
178Kb / 1P
   Strain Relief Backshell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com