Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC8178TB-E3 Datasheet(PDF) 5 Page - NEC

Part # UPC8178TB-E3
Description  SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8178TB-E3 Datasheet(HTML) 5 Page - NEC

  UPC8178TB-E3 Datasheet HTML 1Page - NEC UPC8178TB-E3 Datasheet HTML 2Page - NEC UPC8178TB-E3 Datasheet HTML 3Page - NEC UPC8178TB-E3 Datasheet HTML 4Page - NEC UPC8178TB-E3 Datasheet HTML 5Page - NEC UPC8178TB-E3 Datasheet HTML 6Page - NEC UPC8178TB-E3 Datasheet HTML 7Page - NEC UPC8178TB-E3 Datasheet HTML 8Page - NEC UPC8178TB-E3 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Data Sheet P14895EJ2V0DS00
5
µµµµPC8178TB
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Conditions
Ratings
Unit
Supply Voltage
VCC
TA = +25°C, Pin 4, Pin 6
3.6
V
Circuit Current
ICC
TA = +25°C
15
mA
Power Dissipation
PD
Mounted on double sided copper clad 50
× 50 × 1.6
mm epoxy glass PWB (TA = +85°C)
270
mW
Operating Ambient Temperature
TA
−40 to +85
°C
Storage Temperature
Tstg
−55 to +150
°C
Input Power
Pin
TA = +25°C
+5
dBm
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Remarks
Supply Voltage
VCC
2.4
3.0
3.3
V
The same voltage should be applied
to pin 4 and pin 6.
Operating Ambient Temperature
TA
−40
+25
+85
°C
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, TA = +25
°°°°C, VCC = Vout = 3.0 V, ZS = ZL = 50 Ω
Ω, at LC matched frequency)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Circuit Current
ICC
No signal
1.4
1.9
2.4
mA
Power Gain
GP
f = 1.0 GHz, Pin =
−30 dBm
f = 1.9 GHz, Pin =
−30 dBm
f = 2.4 GHz, Pin =
−30 dBm
9.0
9.0
9.0
11.0
11.5
11.5
13.0
13.5
13.5
dB
Isolation
ISL
f = 1.0 GHz, Pin =
−30 dBm
f = 1.9 GHz, Pin =
−30 dBm
f = 2.4 GHz, Pin =
−30 dBm
34
35
33
39
40
38
dB
Gain 1 dB Compression
Output Power
PO(1dB)
f = 1.0 GHz
f = 1.9 GHz
f = 2.4 GHz
−8.0
−11.0
−11.5
−4.0
−7.0
−7.5
dBm
Noise Figure
NF
f = 1.0 GHz
f = 1.9 GHz
f = 2.4 GHz
5.5
5.5
5.5
7.0
7.0
7.0
dB
Input Return Loss
RLin
f = 1.0 GHz, Pin =
−30 dBm
f = 1.9 GHz, Pin =
−30 dBm
f = 2.4 GHz, Pin =
−30 dBm
4
5
6.5
7
8
9.5
dB


Similar Part No. - UPC8178TB-E3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC8178TB-E3 RENESAS-UPC8178TB-E3 Datasheet
418Kb / 30P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2000
logo
California Eastern Labs
UPC8178TB-E3-A CEL-UPC8178TB-E3-A Datasheet
206Kb / 7P
   SILICON RFIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
More results

Similar Description - UPC8178TB-E3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC8178TK CEL-UPC8178TK Datasheet
593Kb / 27P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC8179TK CEL-UPC8179TK Datasheet
434Kb / 7P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
NEC
UPC8179TB NEC-UPC8179TB Datasheet
154Kb / 7P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
August 2000
UPC8179TB NEC-UPC8179TB_1 Datasheet
151Kb / 28P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
August 2000
UPC8178TK NEC-UPC8178TK Datasheet
308Kb / 27P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC8179TK NEC-UPC8179TK Datasheet
289Kb / 27P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
Renesas Technology Corp
PC8179TK RENESAS-PC8179TK_15 Datasheet
420Kb / 29P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
California Eastern Labs
UPC8178TB CEL-UPC8178TB Datasheet
206Kb / 7P
   SILICON RFIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC8179TB CEL-UPC8179TB Datasheet
283Kb / 11P
   SILICON RFIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC2747TB_V1 CEL-UPC2747TB_V1 Datasheet
1Mb / 17P
   3 V, SUPER MINIMOLD SILICON MMIC AMPLIFIER FOR MOBILE COMMUNICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com