Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC8179TB-E3 Datasheet(PDF) 13 Page - NEC

Part # PC8179TB-E3
Description  SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PC8179TB-E3 Datasheet(HTML) 13 Page - NEC

Back Button PC8179TB-E3 Datasheet HTML 9Page - NEC PC8179TB-E3 Datasheet HTML 10Page - NEC PC8179TB-E3 Datasheet HTML 11Page - NEC PC8179TB-E3 Datasheet HTML 12Page - NEC PC8179TB-E3 Datasheet HTML 13Page - NEC PC8179TB-E3 Datasheet HTML 14Page - NEC PC8179TB-E3 Datasheet HTML 15Page - NEC PC8179TB-E3 Datasheet HTML 16Page - NEC PC8179TB-E3 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Data Sheet P14730EJ2V0DS00
13
µµµµPC8179TB
1.0 GHz OUTPUT PORT MATCHING
+5
0
–5
–10
–15
–25
0.1
0.3
1.0
3.0
OUTPUT RETURN LOSS vs. FREQUENCY
Frequency f (GHz)
–20
VCC = 2.4 V
VCC = 3.0 V
VCC = 3.3 V
+5
0
–5
–10
–15
–25
0.1
0.3
1.0
3.0
OUTPUT RETURN LOSS vs. FREQUENCY
Frequency f (GHz)
–20
TA = –40
°C
VCC = 3.0 V
TA = +85
°C
TA = +25
°C
+10
+5
0
–5
–10
–30
–40
–30
0
+5
OUTPUT POWER vs. INPUT POWER
Input Power Pin (dBm)
–15
VCC = 2.4 V
VCC = 3.0 V
VCC = 3.3 V
–20
–25
–35
–25
–15
–20
–10
–5
+10
+5
0
–5
–10
–30
–40
–30
0
+5
OUTPUT POWER vs. INPUT POWER
Input Power Pin (dBm)
–15
–20
–25
–35
–25
–15
–20
–10
–5
TA = –40
°C
VCC = 3.0 V
TA = +85
°C
TA = +25
°C
+20
+10
–20
–30
–40
–80
–40
–30
0
3RD ORDER INTERMODULATION DISTORTION,
OUTPUT POWER OF EACH TONE
vs. INPUT POWER OF EACH TONE
Input Power of Each Tone Pin(each) (dBm)
–50
IM3
Pout(each)
VCC = 3.0 V
f1 = 1 000 MHz
f2 = 1 001 MHz
–60
–70
–35
–25
–15
–20
–10
–5
0
–10
60
50
40
30
0
–20
–15
+5
3RD ORDER INTERMODULATION DISTORTION
vs. OUTPUT POWER OF EACH TONE
Output Power of Each Tone Pout(each) (dBm)
20
f1 = 1 000 MHz
f2 = 1 001 MHz
10
–10
–5
0
VCC = 2.4 V
VCC = 3.0 V
VCC = 3.3 V


Similar Part No. - PC8179TB-E3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PC8179TK RENESAS-PC8179TK_15 Datasheet
420Kb / 29P
SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
More results

Similar Description - PC8179TB-E3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC8178TK CEL-UPC8178TK Datasheet
593Kb / 27P
SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC8179TK CEL-UPC8179TK Datasheet
434Kb / 7P
SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
NEC
UPC8179TB NEC-UPC8179TB Datasheet
154Kb / 7P
SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
August 2000
UPC8178TK NEC-UPC8178TK Datasheet
308Kb / 27P
SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC8178TB NEC-UPC8178TB Datasheet
165Kb / 28P
SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC8179TK NEC-UPC8179TK Datasheet
289Kb / 27P
SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
Renesas Technology Corp
PC8179TK RENESAS-PC8179TK_15 Datasheet
420Kb / 29P
SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
California Eastern Labs
UPC8178TB CEL-UPC8178TB Datasheet
206Kb / 7P
SILICON RFIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC8179TB CEL-UPC8179TB Datasheet
283Kb / 11P
SILICON RFIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC2747TB_V1 CEL-UPC2747TB_V1 Datasheet
1Mb / 17P
3 V, SUPER MINIMOLD SILICON MMIC AMPLIFIER FOR MOBILE COMMUNICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com