Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC8179TB-E3 Datasheet(PDF) 24 Page - NEC

Part # PC8179TB-E3
Description  SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PC8179TB-E3 Datasheet(HTML) 24 Page - NEC

Back Button PC8179TB-E3 Datasheet HTML 20Page - NEC PC8179TB-E3 Datasheet HTML 21Page - NEC PC8179TB-E3 Datasheet HTML 22Page - NEC PC8179TB-E3 Datasheet HTML 23Page - NEC PC8179TB-E3 Datasheet HTML 24Page - NEC PC8179TB-E3 Datasheet HTML 25Page - NEC PC8179TB-E3 Datasheet HTML 26Page - NEC PC8179TB-E3 Datasheet HTML 27Page - NEC PC8179TB-E3 Datasheet HTML 28Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
Data Sheet P14730EJ2V0DS00
24
µµµµPC8179TB
TYPICAL S-PARAMETER VALUES (TA = +25
°°°°C)
VCC = Vout = 3.0 V, ICC = 4.0 mA
FREQUENCY
S11
S21
S12
S22
MHz
MAG.ANG.MAG.ANG.MAG.ANG.MAG.ANG.
100.0000
0.824
−17.1
1.181
−177.7
0.002
108.8
0.996
−2.4
200.0000
0.692
−25.9
1.181
−172.4
0.003
64.7
0.986
−4.0
300.0000
0.594
−29.2
1.247
−167.4
0.004
51.3
0.980
−5.8
400.0000
0.533
−30.7
1.370
−164.1
0.005
55.8
0.965
−7.5
500.0000
0.499
−31.1
1.514
−162.4
0.005
60.6
0.958
−8.6
600.0000
0.474
−32.0
1.677
−162.9
0.006
46.6
0.950
−10.1
700.0000
0.460
−32.7
1.885
−163.8
0.006
42.9
0.941
−11.2
800.0000
0.450
−34.0
2.050
−166.3
0.006
45.9
0.935
−12.4
900.0000
0.441
−35.6
2.237
−169.2
0.005
42.1
0.929
−13.8
1000.0000
0.438
−37.7
2.460
−173.1
0.007
34.0
0.918
−14.9
1100.0000
0.431
−39.8
2.627
−177.3
0.007
46.9
0.914
−16.0
1200.0000
0.426
−42.0
2.772
178.4
0.005
27.7
0.903
−17.0
1300.0000
0.427
−44.8
2.965
173.2
0.005
40.2
0.895
−18.3
1400.0000
0.417
−48.1
3.123
168.0
0.004
24.4
0.891
−19.5
1500.0000
0.413
−50.6
3.199
161.8
0.006
45.5
0.884
−20.4
1600.0000
0.408
−54.6
3.351
156.8
0.005
44.6
0.877
−21.1
1700.0000
0.398
−57.6
3.345
151.2
0.003
42.4
0.867
−22.1
1800.0000
0.387
−61.6
3.403
145.5
0.005
42.7
0.861
−23.0
1900.0000
0.380
−64.9
3.361
140.9
0.005
59.5
0.859
−24.4
2000.0000
0.366
−69.1
3.375
136.3
0.004
45.4
0.852
−25.1
2100.0000
0.352
−72.1
3.350
132.3
0.003
58.3
0.846
−25.9
2200.0000
0.341
−75.6
3.304
127.9
0.003
73.9
0.847
−26.4
2300.0000
0.330
−79.4
3.347
124.8
0.006
81.1
0.839
−27.4
2400.0000
0.320
−82.4
3.325
121.2
0.006
98.3
0.839
−28.2
2500.0000
0.304
−85.6
3.275
117.3
0.006
100.5
0.838
−29.1
2600.0000
0.296
−88.2
3.284
113.7
0.004
114.6
0.834
−29.7
2700.0000
0.285
−91.7
3.283
111.0
0.005
104.8
0.830
−30.6
2800.0000
0.272
−94.3
3.224
106.5
0.005
114.1
0.831
−31.4
2900.0000
0.267
−96.9
3.333
104.3
0.008
127.8
0.837
−32.0
3000.0000
0.256
−99.5
3.251
101.1
0.009
126.3
0.831
−33.4
3100.0000
0.248
−101.9
3.381
96.0
0.008
134.1
0.833
−34.0


Similar Part No. - PC8179TB-E3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PC8179TK RENESAS-PC8179TK_15 Datasheet
420Kb / 29P
SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
More results

Similar Description - PC8179TB-E3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC8178TK CEL-UPC8178TK Datasheet
593Kb / 27P
SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC8179TK CEL-UPC8179TK Datasheet
434Kb / 7P
SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
NEC
UPC8179TB NEC-UPC8179TB Datasheet
154Kb / 7P
SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
August 2000
UPC8178TK NEC-UPC8178TK Datasheet
308Kb / 27P
SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC8178TB NEC-UPC8178TB Datasheet
165Kb / 28P
SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC8179TK NEC-UPC8179TK Datasheet
289Kb / 27P
SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
Renesas Technology Corp
PC8179TK RENESAS-PC8179TK_15 Datasheet
420Kb / 29P
SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
California Eastern Labs
UPC8178TB CEL-UPC8178TB Datasheet
206Kb / 7P
SILICON RFIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC8179TB CEL-UPC8179TB Datasheet
283Kb / 11P
SILICON RFIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC2747TB_V1 CEL-UPC2747TB_V1 Datasheet
1Mb / 17P
3 V, SUPER MINIMOLD SILICON MMIC AMPLIFIER FOR MOBILE COMMUNICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com