Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

360AA002M16 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 360AA002M16
Description  Non-Environmental Backshell
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

360AA002M16 Datasheet(HTML) 1 Page - Glenair, Inc.

  360AA002M16 Datasheet HTML 1Page - Glenair, Inc. 360AA002M16 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 36 - Page 4
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
360 F S 002 M 16 10 M 6
Product Series
Connector
Designator
Angle and Profile
A = 90°
B = 45°
S = Straight
Basic Part No.
Length: S only
(1/2 inch increments:
e.g. 6 = 3 inches)
Strain Relief Style
(H, A, M, F)
Cable Entry (Tables X, XI, XII)
Shell Size (Table I)
Finish (Table II)
CONNECTOR
DESIGNATORS
A-B*-C-D-E-F
G-H-J-K-L-S
* Conn. Desig. B See Note 5
DIRECT
COUPLING
360-002
Non-Environmental Backshell
with Strain Relief
Low Profile - Direct Coupling
A Thread
(Table I)
B
(Table I)
STYLE 2
(STRAIGHT - See Note 1)
Length ± .060 (1.52)
Min. Order Length 2.0 Inch
(See Note 4)
Length ± .060 (1.52)
Min. Order Length 1.5 Inch
(See Note 4)
J
(Table III)
E
(Table
IV)
F* (Table IV)
1. When maximum
cable entry (page
22) is exceeded,
Style 2 will be
supplied. (straight
only.)
2. Metric dimensions
(mm) are indicated in
parentheses.
3. Cable range is
defined as the
accommodations
range for the wire
bundle or cable.
Dimensions shown
are not intended for
inspection criteria.
4. Consult factory for
shorter lengths on
straight backshells.
5. When using
Connector Designa-
tor B refer to pages
18 and 19 for part
number develop-
ment.
B
(Table I)
Cable
Range
W
V
Y
Y
Cable
Range
X
Cable
Range
T
.416 (10.5)
Max
Z
Cable
Range
Z
STYLE F
Light Duty
(Table XII)
STYLE A
Medium Duty
(Table XI)
STYLE H
Heavy Duty
(Table X)
H*
(Table
IV)
B
(Table I)
G
(Table
IV)
J
(Table III)
* For Style F light
duty strain relief
use F1 and H1
dimensions in
Table V.
STYLE M
Medium Duty
(Table XI)
Now Available
with the “NESTOR”
Glenair’s Non-Detent, Spring-
Loaded, Self-Locking Coupling.
Add “-445” to Specify This
AS85049 Style “N” Coupling
Interface.


Similar Part No. - 360AA002M16

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
360AA001M16 GLENAIR-360AA001M16 Datasheet
123Kb / 2P
   Non-Environmental Backshell
More results

Similar Description - 360AA002M16

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
360AH017B08 GLENAIR-360AH017B08 Datasheet
85Kb / 2P
   Non-Environmental Backshell
360AA001M16 GLENAIR-360AA001M16 Datasheet
123Kb / 2P
   Non-Environmental Backshell
360GH003B17 GLENAIR-360GH003B17 Datasheet
126Kb / 2P
   Non-Environmental Backshell
360AS015XB08 GLENAIR-360AS015XB08 Datasheet
304Kb / 2P
   Composite Non-Environmental Backshell
360AS014XB08 GLENAIR-360AS014XB08 Datasheet
306Kb / 2P
   Composite Non-Environmental Backshell
380AH019B08 GLENAIR-380AH019B08 Datasheet
82Kb / 2P
   EMI/RFI Non-Environmental Backshell
380AM009B08 GLENAIR-380AM009B08 Datasheet
100Kb / 2P
   EMI/RFI Non-Environmental Backshell
380AD010B08 GLENAIR-380AD010B08 Datasheet
80Kb / 2P
   EMI/RFI Non-Environmental Backshell
380AA005B08 GLENAIR-380AA005B08 Datasheet
99Kb / 2P
   EMI/RFI Non-Environmental Backshell
380AA006B08 GLENAIR-380AA006B08 Datasheet
97Kb / 2P
   EMI/RFI Non-Environmental Backshell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com