Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGT2-30001002J Datasheet(PDF) 3 Page - IRC - a TT electronics Company.

Part # RGT2-30001002J
Description  Thick Film Temperature Compensation Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

RGT2-30001002J Datasheet(HTML) 3 Page - IRC - a TT electronics Company.

  RGT2-30001002J Datasheet HTML 1Page - IRC - a TT electronics Company. RGT2-30001002J Datasheet HTML 2Page - IRC - a TT electronics Company. RGT2-30001002J Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Sample Part No.
IRC Type
Size
2 sizes available
TCR
(-3000 ppm)
Resistance Value
Tolerance
G = 2%, J = 5%, K = 10%)
Ordering Data
RGT
2
-3000 1002
G
Thick Film Temperature
Compensation Resistor
Linearity
1.4
1.6
1.2
1.0
.8
.6
-50
Temperature (°C)
0
50 100 150 200
RGT Series Issue December 2008 Sheet 3 of 3


Similar Part No. - RGT2-30001002J

ManufacturerPart #DatasheetDescription
logo
Rohm
RGT20NL65 ROHM-RGT20NL65 Datasheet
709Kb / 10P
   650V 10A Field Stop Trench IGBT
2019.04 - Rev.A
More results

Similar Description - RGT2-30001002J

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CHPHT VISHAY-CHPHT Datasheet
91Kb / 6P
   High Temperature (245 °C) Thick Film Chip Resistor
Revision: 21-Jul-14
logo
MERITEK ELECTRONICS COR...
RA-RB MERITEK-RA-RB Datasheet
142Kb / 2P
   Thick Film Resistor Networks
logo
Samsung semiconductor
RC1608J000CS SAMSUNG-RC1608J000CS Datasheet
5Mb / 40P
   THICK-FILM CHIP RESISTOR
logo
Riedon Powertron
CLR0201 RIEDON-CLR0201_13 Datasheet
167Kb / 1P
   Thick Film Chip Resistor
logo
Vishay Siliconix
CRA06S083100RJTA VISHAY-CRA06S083100RJTA Datasheet
130Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA04P VISHAY-CRA04P Datasheet
107Kb / 4P
   Thick Film, Resistor Array
Revision: 09-Jan-07
CRA12E VISHAY-CRA12E Datasheet
173Kb / 5P
   Thick Film Resistor Array
Revision: 13-Oct-08
logo
YAGEO Corporation
RC0100JR-070RL YAGEO-RC0100JR-070RL Datasheet
117Kb / 7P
   Thick Film Chip Resistor
logo
Riedon Powertron
TF3006A RIEDON-TF3006A Datasheet
195Kb / 2P
   Thick Film Resistor Networks
logo
Samsung semiconductor
RC2012F2491CS SAMSUNG-RC2012F2491CS Datasheet
73Kb / 2P
   Thick - Film chip RESISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com