Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGT2-30001002J Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # RGT2-30001002J
Description  Thick Film Temperature Compensation Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

RGT2-30001002J Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  RGT2-30001002J Datasheet HTML 1Page - IRC - a TT electronics Company. RGT2-30001002J Datasheet HTML 2Page - IRC - a TT electronics Company. RGT2-30001002J Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Dimensions (Inches and (mm))
IRC Type
BL
(Body Length)
BD
(Body Diameter)
LD
(Lead Diameter)
LL
(Lead Length)
RGT-2
0.150
(3.81)
0.066
(1.70)
0.016
(0.41)
1.0
(25.4)
RGT-1
0.250
(6.35)
0.090
(2.29)
0.025
(0.64)
1.5
(38.1)
Resistance vs. Temperature
Physical Data
Thick Film Temperature
Compensation Resistor
°C
°F
R in
Ωs*
°C
°F
R in
Ωs*
°C
°F
R in
Ωs*
-60
-40
-30
-20
-10
0
+10
+20
+25
+30
-76
-40
-22
-4
+14
+32
+50
+68
+77
+86
1285.2
1208.5
1173.4
1139.3
1106.3
1074.6
1044.1
1014.6
1000.0
985.5
+40
+50
+60
+70
+75
+80
+90
+100
+110
+120
+104
+122
+140
+158
+167
+176
+194
+212
+230
+248
956.7
928.2
900.2
872.3
858.7
845.2
818.8
793.2
768.5
745.1
+125
+130
+140
+150
+160
+170
+180
+230
+257
+266
+284
+302
+320
+338
+356
+446
734.0
723.2
703.7
685.8
669.3
653.8
639.7
582.9
*Based on actual measurements of resistors that were 1000 ohms at 25°C.
LL
LD
BL
BD
RGT Series Issue December 2008 Sheet 2 of 3


Similar Part No. - RGT2-30001002J

ManufacturerPart #DatasheetDescription
logo
Rohm
RGT20NL65 ROHM-RGT20NL65 Datasheet
709Kb / 10P
650V 10A Field Stop Trench IGBT
2019.04 - Rev.A
More results

Similar Description - RGT2-30001002J

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRA04P VISHAY-CRA04P Datasheet
107Kb / 4P
Thick Film, Resistor Array
Revision: 09-Jan-07
CRA12E VISHAY-CRA12E Datasheet
173Kb / 5P
Thick Film Resistor Array
Revision: 13-Oct-08
logo
MERITEK ELECTRONICS COR...
RA-RB MERITEK-RA-RB Datasheet
142Kb / 2P
Thick Film Resistor Networks
logo
Samsung semiconductor
RC1608J000CS SAMSUNG-RC1608J000CS Datasheet
5Mb / 40P
THICK-FILM CHIP RESISTOR
logo
Riedon Powertron
CLR0201 RIEDON-CLR0201_13 Datasheet
167Kb / 1P
Thick Film Chip Resistor
TF3006A RIEDON-TF3006A Datasheet
195Kb / 2P
Thick Film Resistor Networks
logo
Samsung semiconductor
RC2012F2491CS SAMSUNG-RC2012F2491CS Datasheet
73Kb / 2P
Thick - Film chip RESISTOR
logo
Vishay Siliconix
CRA06S083100RJTA VISHAY-CRA06S083100RJTA Datasheet
130Kb / 4P
Thick Film Resistor Array
Revision: 13-Oct-08
logo
YAGEO Corporation
RC0100JR-070RL YAGEO-RC0100JR-070RL Datasheet
117Kb / 7P
Thick Film Chip Resistor
logo
Vishay Siliconix
CHPHT VISHAY-CHPHT Datasheet
91Kb / 6P
High Temperature (245 °C) Thick Film Chip Resistor
Revision: 21-Jul-14
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com