Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

383UBC Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # 383UBC
Description  BLUE GaN LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

383UBC Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  383UBC Datasheet HTML 1Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ROITHNER LASERTECHNIK
ROITHNER LASERTECHNIK
A-1040 WIEN, FLEISCHMANNGASSE 9
TEL: +43 -1- 586 52 43 FAX: +43 -1- 586 41 43
e-mail: rlt@mcb.at
http://www.roithner.mcb.at
383UBC TECHNICAL DATA
BLUE GaN LED
BLUE GaN LED
Technology: GaN on SiC substrate
Peak Wavelength: 430 nm typ.
Luminous Intensity: 1.25 cd
Package: 5 mm clear plastic
Absolute Maximum Ratings (Tc=25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Reverse Voltage
VR
5
V
Reverse Current
IR
100
µA
Soldering Temperature
TS
260
°C for 5 s
Operating Temperature
TOP
-20 .. +80
°C
Storage Temperature
TSTG
-30 .. +100
°C
Optical-Electrical Characteristics (Tc = 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Luminous Intensity
LI (430 nm)
IF = 20 mA
800
1250
mcd
Optical Output Power
PO
IF = 20 mA
200
250
300
µW
Forward Voltage
VF
IF = 20 mA
3.9
4.9
5.5
V
Forward Current
IF
cw
20
30
mA
Peak Forward Current
IP
Dutycycle 0.1 @ 10 kHz
100
mA
Power Dissipation
PD
98
mW
Peak Wavelength
λ
P
IF = 20 mA
430
nm
Spectrum Half Width
∆λ
IF = 20 mA
65
nm
Beam Divergence
2
θ ½
IF = 20 mA
12
°


Similar Part No. - 383UBC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
383UGC ETC2-383UGC Datasheet
22Kb / 1P
   GREEN GaP LED
logo
Roithner LaserTechnik G...
383UGC ROITHNER-383UGC Datasheet
23Kb / 1P
   GREEN GaP LED
383URC-1 ROITHNER-383URC-1 Datasheet
77Kb / 4P
   T-1 3/4(5mm) High Intensity LEDs
383URC-1/SN/F180 ROITHNER-383URC-1/SN/F180 Datasheet
77Kb / 4P
   T-1 3/4(5mm) High Intensity LEDs
383URC-2 ROITHNER-383URC-2 Datasheet
218Kb / 4P
   T-1 3/4(5mm) High Intensity LEDs
More results

Similar Description - 383UBC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLB470-1330A ETC-MLB470-1330A Datasheet
32Kb / 2P
   470nm GaN Blue LED chip
logo
DOMINANT Semiconductors
DDB-JJS-KL2-1-I1 DOMINANT-DDB-JJS-KL2-1-I1 Datasheet
176Kb / 8P
   LED GaN
DDB-KJS-LM2-1-I1 DOMINANT-DDB-KJS-LM2-1-I1 Datasheet
795Kb / 12P
   LED GaN
logo
Roithner LaserTechnik G...
383UWC ROITHNER-383UWC Datasheet
29Kb / 1P
   WHITE GaN LED
logo
List of Unclassifed Man...
NSPW510S ETC2-NSPW510S Datasheet
41Kb / 1P
   WHITE GaN LED
CLE546W ETC-CLE546W Datasheet
100Kb / 1P
   High Power GaN Blue LED Flat Window Hermetic Coaxial Package
logo
Clairex Technologies, I...
CLE546W CLAIREX-CLE546W Datasheet
104Kb / 1P
   High Power GaN Blue LED Flat Window Hermetic Coaxial Package
logo
Micro Electronics
MLM-192 MICRO-ELECTRONICS-MLM-192 Datasheet
496Kb / 2P
   Visible LED Special Color-GaN, InGaN
MLM-S91 MICRO-ELECTRONICS-MLM-S91 Datasheet
338Kb / 2P
   Visible LED Special Color-GaN, InGaN
MLM-150 MICRO-ELECTRONICS-MLM-150_01 Datasheet
121Kb / 1P
   Visible LED Special Color GaN, InGaN
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com