Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN100 Datasheet(PDF) 2 Page - Extech Instruments Corporation.

Part # AN100
Description  CFM/CMM Thermo Anemometer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

AN100 Datasheet(HTML) 2 Page - Extech Instruments Corporation.

  AN100 Datasheet HTML 1Page - Extech Instruments Corporation. AN100 Datasheet HTML 2Page - Extech Instruments Corporation. AN100 Datasheet HTML 3Page - Extech Instruments Corporation. AN100 Datasheet HTML 4Page - Extech Instruments Corporation. AN100 Datasheet HTML 5Page - Extech Instruments Corporation. AN100 Datasheet HTML 6Page - Extech Instruments Corporation. AN100 Datasheet HTML 7Page - Extech Instruments Corporation. AN100 Datasheet HTML 8Page - Extech Instruments Corporation. AN100 Datasheet HTML 9Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Model AN100 Version 2.0 02/06
2
Introduction
Congratulations on your purchase of the Extech AN100 CFM/CMM Thermo
Anemometer. This instrument measures Air Velocity, Air Flow (volume) and
Temperature. The large, easy-to-read backlit LCD includes primary and secondary
displays plus numerous status indicators. The meter is shipped fully tested and
calibrated and with proper use will provide years of reliable service.
Meter Description
1.
LCD Display
2.
Vane
3.
Rubber Boot
4.
Meter
5.
Power On/Off
6.
Area
7.
AVG
8.
Backlight
9.
Temperature Buttons
10. Airflow/Velocity Buttons
Keypad
AUTO POWER OFF
Press to turn the meter ON or OFF
MAX/MIN
Used to record and store the highest, lowest and average airflow or
velocity readings.
◄ (LEFT) also serves as change decimal point button in AREA mode
UNITS
Press to select the mode of operation. In FLOW mode, the meter displays
air volume. In VELOCITY mode, the meter displays air speed.
▲(UP) also serves as increase number button in AREA mode.
AVG
Used to Average multiple readings in FLOW or VELOCITY mode. Up to 20
readings can be averaged.
HOLD
Press to freeze the displayed reading. Press again to unlock display. This
button also functions as the ►RIGHT scroll button in AREA mode and RECALL
mode.
AREA
Press and hold to manually enter the area of a duct in CFM or CMM mode
NEXT
In AREA mode, used to select memory locations 1-8.
Press to turn the backlight on/off
MAX/MIN (Temperature)
Used to record and store the highest, lowest readings for
air temperature.
°C °F HOLD (Temperature)
Press to freeze the displayed temperature reading.
Press again to unlock the display. Press and hold for 3 seconds to switch between
°C and °F. Meter will beep twice to indicate change.
Battery compartment located on the back of the instrument. The rubber protective jacket
must be removed from the meter to access the compartment.


Similar Part No. - AN100

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AN1000 MICROCHIP-AN1000 Datasheet
1Mb / 16P
A broad portfolio of high performance, best-in-class Serial Memory Products to meet all your design requirements.
3/10
logo
STMicroelectronics
AN1000 STMICROELECTRONICS-AN1000 Datasheet
67Kb / 3P
Application note
logo
List of Unclassifed Man...
AN1000-521P ETC1-AN1000-521P Datasheet
39Kb / 1P
AN0625-521P
logo
NXP Semiconductors
AN1000 PHILIPS-AN1000_15 Datasheet
147Kb / 18P
Evaluation of the SA601/SA606 demoboard
1997 Aug 20
logo
Vishay Siliconix
AN1001 VISHAY-AN1001 Datasheet
50Kb / 2P
The Next Step in Surface-Mount Power MOSFETs
12-Dec-03
More results

Similar Description - AN100

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
HD300 EXTECH-HD300 Datasheet
226Kb / 13P
Heavy Duty CFM-CMM Thermo-Anemometer
AN100 EXTECH-AN100_15 Datasheet
265Kb / 1P
CFM/CMM Thermo-Anemometer IR Thermometer
AN200 EXTECH-AN200 Datasheet
354Kb / 14P
CFM/CMM Thermo Anemometer InfraRed Thermometer
AN200 EXTECH-AN200_15 Datasheet
265Kb / 1P
CFM/CMM Thermo-Anemometer IR Thermometer
AN500 EXTECH-AN500 Datasheet
95Kb / 1P
AN500 Hot Wire CFM/CMM Thermo-Anemometer
HD300 EXTECH-HD300_15 Datasheet
573Kb / 1P
CFM/CMM Thermo-Anemometer with IR Temperature
AN340 EXTECH-AN340 Datasheet
101Kb / 1P
AN340 CMM/CFM Anemometer/ Psychrometer Datalogger
407113 EXTECH-407113 Datasheet
129Kb / 8P
Heavy Duty CFM Thermo-Anemometer
407119 EXTECH-407119 Datasheet
461Kb / 1P
Heavy Duty Hot Wire CFM Thermo-Anemometer
SDL350 EXTECH-SDL350 Datasheet
201Kb / 2P
Hot Wire CFM Thermo-Anemometer/Datalogger
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com