Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN100 Datasheet(PDF) 9 Page - Extech Instruments Corporation.

Part # AN100
Description  CFM/CMM Thermo Anemometer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

AN100 Datasheet(HTML) 9 Page - Extech Instruments Corporation.

  AN100 Datasheet HTML 1Page - Extech Instruments Corporation. AN100 Datasheet HTML 2Page - Extech Instruments Corporation. AN100 Datasheet HTML 3Page - Extech Instruments Corporation. AN100 Datasheet HTML 4Page - Extech Instruments Corporation. AN100 Datasheet HTML 5Page - Extech Instruments Corporation. AN100 Datasheet HTML 6Page - Extech Instruments Corporation. AN100 Datasheet HTML 7Page - Extech Instruments Corporation. AN100 Datasheet HTML 8Page - Extech Instruments Corporation. AN100 Datasheet HTML 9Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Model AN100 Version 2.0 02/06
9
Useful Equations and Conversions
Area equation for rectangular or square ducts
Area equation for circular ducts
Cubic equations
NOTE:
Measurements made in inches
must be converted to feet or meters before using the above formulae.
Unit of Measure Conversion Table
m/s
ft/min
knots
km/h
MPH
1 m/s
1
196.87
1.944
3.6
2.24
1 ft/min
0.00508
1
0.00987
0.01829
0.01138
1 knot
0.5144
101.27
1
1.8519
1.1523
1 km/h
0.2778
54.69
0.54
1
0.6222
1 MPH
0.4464
87.89
0.8679
1.6071
1
Width (W)
Height (H)
Area (A) = Width (W) x Height (H)
CFM (ft3/min) = Air Velocity (ft/min) x Area (ft2)
CMM (m3/min) = Air Velocity (m/sec) x Area (m2) x 60
Radius
Area (A) =
x r2
Where
= 3.14 and r2 = radius x radius


Similar Part No. - AN100

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AN1000 MICROCHIP-AN1000 Datasheet
1Mb / 16P
A broad portfolio of high performance, best-in-class Serial Memory Products to meet all your design requirements.
3/10
logo
STMicroelectronics
AN1000 STMICROELECTRONICS-AN1000 Datasheet
67Kb / 3P
Application note
logo
List of Unclassifed Man...
AN1000-521P ETC1-AN1000-521P Datasheet
39Kb / 1P
AN0625-521P
logo
NXP Semiconductors
AN1000 PHILIPS-AN1000_15 Datasheet
147Kb / 18P
Evaluation of the SA601/SA606 demoboard
1997 Aug 20
logo
Vishay Siliconix
AN1001 VISHAY-AN1001 Datasheet
50Kb / 2P
The Next Step in Surface-Mount Power MOSFETs
12-Dec-03
More results

Similar Description - AN100

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
HD300 EXTECH-HD300 Datasheet
226Kb / 13P
Heavy Duty CFM-CMM Thermo-Anemometer
AN100 EXTECH-AN100_15 Datasheet
265Kb / 1P
CFM/CMM Thermo-Anemometer IR Thermometer
AN200 EXTECH-AN200 Datasheet
354Kb / 14P
CFM/CMM Thermo Anemometer InfraRed Thermometer
AN200 EXTECH-AN200_15 Datasheet
265Kb / 1P
CFM/CMM Thermo-Anemometer IR Thermometer
AN500 EXTECH-AN500 Datasheet
95Kb / 1P
AN500 Hot Wire CFM/CMM Thermo-Anemometer
HD300 EXTECH-HD300_15 Datasheet
573Kb / 1P
CFM/CMM Thermo-Anemometer with IR Temperature
AN340 EXTECH-AN340 Datasheet
101Kb / 1P
AN340 CMM/CFM Anemometer/ Psychrometer Datalogger
407113 EXTECH-407113 Datasheet
129Kb / 8P
Heavy Duty CFM Thermo-Anemometer
407119 EXTECH-407119 Datasheet
461Kb / 1P
Heavy Duty Hot Wire CFM Thermo-Anemometer
SDL350 EXTECH-SDL350 Datasheet
201Kb / 2P
Hot Wire CFM Thermo-Anemometer/Datalogger
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com