Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN100 Datasheet(PDF) 7 Page - Extech Instruments Corporation.

Part # AN100
Description  CFM/CMM Thermo Anemometer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

AN100 Datasheet(HTML) 7 Page - Extech Instruments Corporation.

  AN100 Datasheet HTML 1Page - Extech Instruments Corporation. AN100 Datasheet HTML 2Page - Extech Instruments Corporation. AN100 Datasheet HTML 3Page - Extech Instruments Corporation. AN100 Datasheet HTML 4Page - Extech Instruments Corporation. AN100 Datasheet HTML 5Page - Extech Instruments Corporation. AN100 Datasheet HTML 6Page - Extech Instruments Corporation. AN100 Datasheet HTML 7Page - Extech Instruments Corporation. AN100 Datasheet HTML 8Page - Extech Instruments Corporation. AN100 Datasheet HTML 9Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Model AN100 Version 2.0 02/06
7
Specifications
Air Velocity
Range
Resolution
Accuracy
m/s (meters per sec)
0.40 - 30.00 m/s
0.01 m/s
± (3% + 0.20 m/s)
km/h (kilometers/hour)
1.4 - 108.0 km/h
0.1 km/h
± (3% + 0.8 km/hr)
ft/min (feet per minute)
80 – 5900 ft/min
1 ft/min
± (3% + 40 ft/m)
mph (miles per hour)
0.9 – 67.0 mph
0.1 mph
± (3% + 0.4 MPH)
knots (nautical MPH)
0.8 to 58.0 knots
0.1 knots
± (3% + 0.4 knots)
Air Flow
Range
Resolution
Area
CMM (cubic meters/min)
0-9999 m
3/min
1
0 to 9.999m
2
CFM (cubic ft/min)
0-9999 ft
3/min
1
0 to 9.999ft
2
Range
Resolution
Accuracy
Air Temperature
14 - 140
oF (-10 - 60oC)
0.1
oF/C
4.0
oF (2.0oC)
Circuit
Custom LSI microprocessor circuit
Display
Dual function 0.5" (13 mm) 4-digit LCD
Sampling rate
1 reading per second approx.
Sensors
Air velocity/flow sensor: Conventional angled vane arms with
low-friction ball bearing
Temperature sensor: NTC-type precision thermistor
Automatic Power off
Auto shut off after 20 minutes to preserve battery life
Operating Temperature
32°F to 122°F (0°C to 50°C)
Storage Temperature
14 to 140
oF (-10 to 60oC)
Operating Humidity
<80% RH
Storage Humidity
<80% RH
Operating Altitude
2000 meters (7000ft) maximum
Battery
One 9 volt (NEDA 1604) battery
Battery life
80 hours approx. (if the Backlight is used continuously, battery
life will be reduced significantly)
Battery Current
8.3 mA DC approx.
Weight
1.6 lbs. (725g) including battery & probe
Dimensions
Main instrument: 7.0 x 2.9 x1.2" (178 x 74 x 33mm)
Sensor Head: 2.75” (70mm) Diameter


Similar Part No. - AN100

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AN1000 MICROCHIP-AN1000 Datasheet
1Mb / 16P
A broad portfolio of high performance, best-in-class Serial Memory Products to meet all your design requirements.
3/10
logo
STMicroelectronics
AN1000 STMICROELECTRONICS-AN1000 Datasheet
67Kb / 3P
Application note
logo
List of Unclassifed Man...
AN1000-521P ETC1-AN1000-521P Datasheet
39Kb / 1P
AN0625-521P
logo
NXP Semiconductors
AN1000 PHILIPS-AN1000_15 Datasheet
147Kb / 18P
Evaluation of the SA601/SA606 demoboard
1997 Aug 20
logo
Vishay Siliconix
AN1001 VISHAY-AN1001 Datasheet
50Kb / 2P
The Next Step in Surface-Mount Power MOSFETs
12-Dec-03
More results

Similar Description - AN100

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
HD300 EXTECH-HD300 Datasheet
226Kb / 13P
Heavy Duty CFM-CMM Thermo-Anemometer
AN100 EXTECH-AN100_15 Datasheet
265Kb / 1P
CFM/CMM Thermo-Anemometer IR Thermometer
AN200 EXTECH-AN200 Datasheet
354Kb / 14P
CFM/CMM Thermo Anemometer InfraRed Thermometer
AN200 EXTECH-AN200_15 Datasheet
265Kb / 1P
CFM/CMM Thermo-Anemometer IR Thermometer
AN500 EXTECH-AN500 Datasheet
95Kb / 1P
AN500 Hot Wire CFM/CMM Thermo-Anemometer
HD300 EXTECH-HD300_15 Datasheet
573Kb / 1P
CFM/CMM Thermo-Anemometer with IR Temperature
AN340 EXTECH-AN340 Datasheet
101Kb / 1P
AN340 CMM/CFM Anemometer/ Psychrometer Datalogger
407113 EXTECH-407113 Datasheet
129Kb / 8P
Heavy Duty CFM Thermo-Anemometer
407119 EXTECH-407119 Datasheet
461Kb / 1P
Heavy Duty Hot Wire CFM Thermo-Anemometer
SDL350 EXTECH-SDL350 Datasheet
201Kb / 2P
Hot Wire CFM Thermo-Anemometer/Datalogger
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com