Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN100 Datasheet(PDF) 6 Page - Extech Instruments Corporation.

Part # AN100
Description  CFM/CMM Thermo Anemometer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

AN100 Datasheet(HTML) 6 Page - Extech Instruments Corporation.

  AN100 Datasheet HTML 1Page - Extech Instruments Corporation. AN100 Datasheet HTML 2Page - Extech Instruments Corporation. AN100 Datasheet HTML 3Page - Extech Instruments Corporation. AN100 Datasheet HTML 4Page - Extech Instruments Corporation. AN100 Datasheet HTML 5Page - Extech Instruments Corporation. AN100 Datasheet HTML 6Page - Extech Instruments Corporation. AN100 Datasheet HTML 7Page - Extech Instruments Corporation. AN100 Datasheet HTML 8Page - Extech Instruments Corporation. AN100 Datasheet HTML 9Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Model AN100 Version 2.0 02/06
6
Data Hold (Air Velocity/Air Flow)
1. While taking measurements, press the HOLD button to freeze the air velocity/air flow
reading.
2. The HOLD indicator will appear in the bottom of the LCD display.
3. Press HOLD again to return to normal operation.
MAX/MIN/AVG Record (Air Velocity/Air Flow)
This allows the user to record and view the highest (MAX), lowest (MIN) and average
(AVG) readings.
1. Press the button MAX/MIN button. The MAX indicator and RECORD indicator along
with the Max reading will appear on the LCD display and the meter will begin keeping
track of the MAX, MIN and Average values.
2. Press the MAX/MIN button again to view the minimum reading. The MIN indicator
along with the minimum reading will appear on the LCD display.
3. Press the MAX/MIN button again to view the average reading. The AVG indicator
along with the average reading will appear on the LCD display.
4. Press the MAX/MIN button again to display current readings. NOTE: the meter will
keep recording MAX/MIN/AVG readings.
5. To clear and stop MAX/MIN/AVG recording and return to normal operation, press and
hold the MAX/MIN button until the meter beeps twice.
Automatic Power OFF
To conserve battery life, the meter automatically turns off after 20 minutes. To defeat this
feature:
1. Turn the meter OFF.
2. Press and hold the
(Backlight) key while turning the meter ON.
3. “dis APO” will appear in the display. The AUTO POWER OFF feature will now be
disabled.
4. Note that AUTO POWER OFF is re-enabled each time the meter is turned on.
5. Also note that AUTO POWER OFF is disabled in CFM/CMM or Average mode.
Battery Replacement
When
appears on the LCD, the 9V battery must be replaced.
1. Disconnect the sensor.
2. Remove the meter’s rubber protective jacket
3. Use a Phillips screwdriver to open the rear battery compartment
4. Replace the 9V battery
5. Close the battery compartment and replace the meter’s protective jacket


Similar Part No. - AN100

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AN1000 MICROCHIP-AN1000 Datasheet
1Mb / 16P
A broad portfolio of high performance, best-in-class Serial Memory Products to meet all your design requirements.
3/10
logo
STMicroelectronics
AN1000 STMICROELECTRONICS-AN1000 Datasheet
67Kb / 3P
Application note
logo
List of Unclassifed Man...
AN1000-521P ETC1-AN1000-521P Datasheet
39Kb / 1P
AN0625-521P
logo
NXP Semiconductors
AN1000 PHILIPS-AN1000_15 Datasheet
147Kb / 18P
Evaluation of the SA601/SA606 demoboard
1997 Aug 20
logo
Vishay Siliconix
AN1001 VISHAY-AN1001 Datasheet
50Kb / 2P
The Next Step in Surface-Mount Power MOSFETs
12-Dec-03
More results

Similar Description - AN100

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
HD300 EXTECH-HD300 Datasheet
226Kb / 13P
Heavy Duty CFM-CMM Thermo-Anemometer
AN100 EXTECH-AN100_15 Datasheet
265Kb / 1P
CFM/CMM Thermo-Anemometer IR Thermometer
AN200 EXTECH-AN200 Datasheet
354Kb / 14P
CFM/CMM Thermo Anemometer InfraRed Thermometer
AN200 EXTECH-AN200_15 Datasheet
265Kb / 1P
CFM/CMM Thermo-Anemometer IR Thermometer
AN500 EXTECH-AN500 Datasheet
95Kb / 1P
AN500 Hot Wire CFM/CMM Thermo-Anemometer
HD300 EXTECH-HD300_15 Datasheet
573Kb / 1P
CFM/CMM Thermo-Anemometer with IR Temperature
AN340 EXTECH-AN340 Datasheet
101Kb / 1P
AN340 CMM/CFM Anemometer/ Psychrometer Datalogger
407113 EXTECH-407113 Datasheet
129Kb / 8P
Heavy Duty CFM Thermo-Anemometer
407119 EXTECH-407119 Datasheet
461Kb / 1P
Heavy Duty Hot Wire CFM Thermo-Anemometer
SDL350 EXTECH-SDL350 Datasheet
201Kb / 2P
Hot Wire CFM Thermo-Anemometer/Datalogger
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com