Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK14D88 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # STK14D88
Description  32Kx8 AutoStore nvSRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK14D88 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button STK14D88 Datasheet HTML 9Page - Cypress Semiconductor STK14D88 Datasheet HTML 10Page - Cypress Semiconductor STK14D88 Datasheet HTML 11Page - Cypress Semiconductor STK14D88 Datasheet HTML 12Page - Cypress Semiconductor STK14D88 Datasheet HTML 13Page - Cypress Semiconductor STK14D88 Datasheet HTML 14Page - Cypress Semiconductor STK14D88 Datasheet HTML 15Page - Cypress Semiconductor STK14D88 Datasheet HTML 16Page - Cypress Semiconductor STK14D88 Datasheet HTML 17Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
STK14D88
Document Number: 001-52037 Rev. **
Page 13 of 17
Figure 13. Current versus Cycle Time
Noise Considerations
The STK14D88 is a high-speed memory and so must have a
high-frequency bypass capacitor of 0.1 µF connected between
both VCC pins and VSS ground plane with no plane break to chip
VSS. Use leads and traces that are as short as possible. As with
all high-speed CMOS ICs, careful routing of power, ground, and
signals will reduce circuit noise.
Preventing AutoStore
The AutoStore function can be disabled by initiating an
AutoStore Disable sequence. A sequence of READ operations
is performed in a manner similar to the software STORE initi-
ation. To initiate the AutoStore Disable sequence, the following
sequence of E controlled or G controlled READ operations must
be performed:
1. Read Address 0x0E38, Valid READ
2. Read Address 0x31C7, Valid READ
3. Read Address 0x03E0, Valid READ
4. Read Address 0x3C1F, Valid READ
5. Read Address 0x303F, Valid READ
6. Read Address 0x03F8, AutoStore Disable
The AutoStore can be re-enabled by initiating an AutoStore
Enable sequence. A sequence of READ operations is performed
in a manner similar to the software RECALL initiation. To initiate
the AutoStore Enable sequence, the following sequence of E
controlled or G controlled READ operations must be performed:
1. Read Address 0x0E38, Valid READ
2. Read Address 0x31C7, Valid READ
3. Read Address 0x03E0, Valid READ
4. Read Address 0x3C1F, Valid READ
5. Read Address 0x303F, Valid READ
6. Read Address 0x07F0, AutoStore Enable
If the AutoStore function is disabled or re-enabled, a manual
STORE operation (Hardware or Software) needs to be issued to
save the AutoStore state through subsequent power down
cycles. The part comes from the factory with AutoStore enabled.
In all cases, make sure the READ sequence is uninterrupted. For
example, an interrupt that occurs in the sequence that reads the
nvSRAM would abort this sequence, resulting in an error.
100 150 200 300
0
10
20
30
40
50
Writes
Reads
Cycle Time (ns)
50
[+] Feedback


Similar Part No. - STK14D88

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK14D88 ETC-STK14D88 Datasheet
216Kb / 15P
32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
32Kx8 Autostore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
519Kb / 20P
32Kx8 Autostore nvSRAM
logo
List of Unclassifed Man...
STK14D88-N25 ETC-STK14D88-N25 Datasheet
216Kb / 15P
32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
STK14D88-N25I ETC-STK14D88-N25I Datasheet
216Kb / 15P
32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
More results

Similar Description - STK14D88

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
32Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88_08 Datasheet
519Kb / 20P
32Kx8 Autostore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
32Kx8 Autostore nvSRAM
STK14C88 SIMTEK-STK14C88_08 Datasheet
388Kb / 19P
32Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3_08 Datasheet
425Kb / 18P
32Kx8 AutoStore nvSRAM
STK16C88-3 SIMTEK-STK16C88-3_08 Datasheet
343Kb / 13P
32Kx8 AutoStore nvSRAM
STK16C88-3 SIMTEK-STK16C88-3 Datasheet
363Kb / 12P
32Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88 Datasheet
378Kb / 12P
32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com