Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK14D88 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # STK14D88
Description  32Kx8 AutoStore nvSRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK14D88 Datasheet(HTML) 5 Page - Cypress Semiconductor

  STK14D88 Datasheet HTML 1Page - Cypress Semiconductor STK14D88 Datasheet HTML 2Page - Cypress Semiconductor STK14D88 Datasheet HTML 3Page - Cypress Semiconductor STK14D88 Datasheet HTML 4Page - Cypress Semiconductor STK14D88 Datasheet HTML 5Page - Cypress Semiconductor STK14D88 Datasheet HTML 6Page - Cypress Semiconductor STK14D88 Datasheet HTML 7Page - Cypress Semiconductor STK14D88 Datasheet HTML 8Page - Cypress Semiconductor STK14D88 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
STK14D88
Document Number: 001-52037 Rev. **
Page 5 of 17
Figure 5. SRAM READ Cycle 2: E Controlled [4, 7]
SRAM READ Cycles #1 and #2
NO.
Symbols
Parameter
STK14D88-25 STK14D88-35 STK14D88-45
Unit
Min
Max
Min
Max
Min
Max
#1
#2
Alt.
1tELQV
tACS
Chip Enable Access Time
25
35
45
ns
2tAVAV
[4]
tELEH
[4]
tRC
Read Cycle Time
25
35
45
ns
3tAVQV
[5]
tAVQV
[5]
tAA
Address Access Time
25
35
45
ns
4tGLQV
tOE
Output Enable to Data Valid
12
15
20
ns
5tAXQX
[5]
tAXQX
[5]
tOH
Output Hold after Address Change
3
3
3
ns
6tELQX
tLZ
Address Change or Chip Enable to
Output Active
33
3
ns
7tEHQZ
[6]
tHZ
Address Change or Chip Disable to
Output Inactive
10
13
15
ns
8tGLQX
tOLZ
Output Enable to Output Active
0
0
0
ns
9tGHQZ
[6]
tOHZ
Output Disable to Output Inactive
10
13
15
ns
10
tELICCH
[3]
tPA
Chip Enable to Power Active
0
0
0
ns
11
tEHICCL
[3]
tPS
Chip Disable to Power Standby
25
35
45
ns
Figure 4. SRAM READ Cycle 1: Address Controlled [4, 5, 6]
Notes
4. W must be high during SRAM READ cycles.
5. Device is continuously selected with E and G both low.
6. Measured ± 200mV from steady state output voltage.
7. HSB must remain high during READ and WRITE cycles.
DATA VALID
5
tAXQX
3
tAVQV
DQ (DATA OUT)
ADDRESS
2
tAVAV
2
29
11
7
9
10
8
4
3
6
1
[+] Feedback


Similar Part No. - STK14D88

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK14D88 ETC-STK14D88 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
519Kb / 20P
   32Kx8 Autostore nvSRAM
logo
List of Unclassifed Man...
STK14D88-N25 ETC-STK14D88-N25 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
STK14D88-N25I ETC-STK14D88-N25I Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
More results

Similar Description - STK14D88

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88_08 Datasheet
519Kb / 20P
   32Kx8 Autostore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
STK14C88 SIMTEK-STK14C88_08 Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3_08 Datasheet
425Kb / 18P
   32Kx8 AutoStore nvSRAM
STK16C88-3 SIMTEK-STK16C88-3_08 Datasheet
343Kb / 13P
   32Kx8 AutoStore nvSRAM
STK16C88-3 SIMTEK-STK16C88-3 Datasheet
363Kb / 12P
   32Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88 Datasheet
378Kb / 12P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com