Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK14D88 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # STK14D88
Description  32Kx8 AutoStore nvSRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK14D88 Datasheet(HTML) 4 Page - Cypress Semiconductor

  STK14D88 Datasheet HTML 1Page - Cypress Semiconductor STK14D88 Datasheet HTML 2Page - Cypress Semiconductor STK14D88 Datasheet HTML 3Page - Cypress Semiconductor STK14D88 Datasheet HTML 4Page - Cypress Semiconductor STK14D88 Datasheet HTML 5Page - Cypress Semiconductor STK14D88 Datasheet HTML 6Page - Cypress Semiconductor STK14D88 Datasheet HTML 7Page - Cypress Semiconductor STK14D88 Datasheet HTML 8Page - Cypress Semiconductor STK14D88 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
STK14D88
Document Number: 001-52037 Rev. **
Page 4 of 17
VOL
Output Logic “0” Voltage
0.4
0.4
V
IOUT = 4mA
TA
Operating Temperature
0
70
- 40
85
°C
VCC
Operating Voltage
2.7
3.6
2.7
3.6
V
3.3V +20%, -10%
VCAP
Storage Capacitance
17
120
17
120
μFBetween V
CAP pin and VSS, 5V
Rated
DATAR
Data Retention
20
20
K
NVC
Nonvolatile STORE Operations
200
200
Years @ 55
°C
AC Test Conditions
Figure 2. AC Output Loading
Figure 3. AC Output Loading for Tri-state Specs (tHZ, tLZ, tWLQZ, tWHQZ, tGLQX, tGHQZ
Capacitance
Parameter[3]
Description
Test Conditions
Max
Unit
Conditions
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
7
pF
ΔV = 0 to 3V
COUT
Output Capacitance
7
pF
ΔV = 0 to 3V
DC Characteristics (continued)
(VCC = 2.7V-3.6V)
Symbol
Parameter[2]
Commercial
Industrial
Unit
Notes
Min
Max
Min
Max
Input Pulse Levels .................................................... 0V to 3V
Input Rise and Fall Times ............................................ <5 ns
Input and Output Timing Reference Levels .................... 1.5V
Output Load.................................. See Figure 2 and Figure 3
577
Ω
30 pF
789
Ω
3.0V
INCLUDING
SCOPE AND
OUTPUT
FIXTURE
577
Ω
5 pF
789
Ω
3.0V
INCLUDING
SCOPE AND
OUTPUT
FIXTURE
Note
3. These parameters are guaranteed but not tested.
[+] Feedback


Similar Part No. - STK14D88

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK14D88 ETC-STK14D88 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
519Kb / 20P
   32Kx8 Autostore nvSRAM
logo
List of Unclassifed Man...
STK14D88-N25 ETC-STK14D88-N25 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
STK14D88-N25I ETC-STK14D88-N25I Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
More results

Similar Description - STK14D88

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88_08 Datasheet
519Kb / 20P
   32Kx8 Autostore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
STK14C88 SIMTEK-STK14C88_08 Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3_08 Datasheet
425Kb / 18P
   32Kx8 AutoStore nvSRAM
STK16C88-3 SIMTEK-STK16C88-3_08 Datasheet
343Kb / 13P
   32Kx8 AutoStore nvSRAM
STK16C88-3 SIMTEK-STK16C88-3 Datasheet
363Kb / 12P
   32Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88 Datasheet
378Kb / 12P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com