Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK14C88-3 Datasheet(PDF) 14 Page - Cypress Semiconductor

Part # STK14C88-3
Description  256 Kbit (32K x 8) AutoStore nvSRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK14C88-3 Datasheet(HTML) 14 Page - Cypress Semiconductor

Back Button STK14C88-3 Datasheet HTML 9Page - Cypress Semiconductor STK14C88-3 Datasheet HTML 10Page - Cypress Semiconductor STK14C88-3 Datasheet HTML 11Page - Cypress Semiconductor STK14C88-3 Datasheet HTML 12Page - Cypress Semiconductor STK14C88-3 Datasheet HTML 13Page - Cypress Semiconductor STK14C88-3 Datasheet HTML 14Page - Cypress Semiconductor STK14C88-3 Datasheet HTML 15Page - Cypress Semiconductor STK14C88-3 Datasheet HTML 16Page - Cypress Semiconductor STK14C88-3 Datasheet HTML 17Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
STK14C88-3
Document Number: 001-50592 Rev. **
Page 14 of 17
Ordering Information
Speed
(ns)
Ordering Code
Package Diagram
Package Type
Operating
Range
35
STK14C88-3NF35TR
51-85127
32-pin SOIC
Commercial
STK14C88-3NF35
51-85127
32-pin SOIC
STK14C88-3WF35
51-85018
32-pin PDIP
STK14C88-3NF35ITR
51-85127
32-pin SOIC
Industrial
STK14C88-3NF35I
51-85127
32-pin SOIC
STK14C88-3WF35I
51-85018
32-pin PDIP
45
STK14C88-3NF45TR
51-85127
32-pin SOIC
Commercial
STK14C88-3NF45
51-85127
32-pin SOIC
STK14C88-3WF45
51-85018
32-pin PDIP
STK14C88-3NF45ITR
51-85127
32-pin SOIC
Industrial
STK14C88-3NF45I
51-85127
32-pin SOIC
STK14C88-3WF45I
51-85018
32-pin PDIP
All parts are Pb-free. The above table contains Final information. Please contact your local Cypress sales representative for availability of these parts
Packaging Option:
TR = Tape and Reel
Blank = Tube
Speed:
35 - 35 ns
45 - 45 ns
Package:
N = Plastic 32-pin 300 mil SOIC
Part Numbering Nomenclature
STK14C88- 3N F 45 I TR
Temperature Range:
Blank - Commercial (0 to 70°C)
W= Plastic 32-pin 600 mil DIP
Lead Finish
F = 100% Sn (Matte Tin)
I - Industrial (-40 to 85°C)
[+] Feedback


Similar Part No. - STK14C88-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK14C88-3 ETC-STK14C88-3 Datasheet
371Kb / 13P
32K x 8 AutoStore??nvSRAM QuantumTrap CMOS Nonvolatile StaticRAM
logo
Simtek Corporation
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
32Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
425Kb / 18P
32Kx8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
1Mb / 18P
256 Kbit (32K x 8) AutoStore nvSRAM Unlimited Read/Write endurance
logo
List of Unclassifed Man...
STK14C88-3N35 ETC-STK14C88-3N35 Datasheet
371Kb / 13P
32K x 8 AutoStore??nvSRAM QuantumTrap CMOS Nonvolatile StaticRAM
More results

Similar Description - STK14C88-3

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B256L CYPRESS-CY14B256L Datasheet
1Mb / 17P
256-Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L Datasheet
799Kb / 16P
256-Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L_09 Datasheet
657Kb / 18P
256 Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L_09 Datasheet
1Mb / 18P
256 Kbit (32K x 8) nvSRAM
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88 CYPRESS-STK16C88 Datasheet
468Kb / 14P
256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88-3 CYPRESS-STK16C88-3 Datasheet
456Kb / 14P
256 Kbit (32K x 8) AutoStore nvSRAM
CY14B256LA CYPRESS-CY14B256LA Datasheet
648Kb / 21P
256 Kbit (32K x 8) nvSRAM
CY14E256LA CYPRESS-CY14E256LA Datasheet
606Kb / 19P
256 Kbit (32K x 8) nvSRAM
STK14C88-3 CYPRESS-STK14C88-3_11 Datasheet
1Mb / 18P
256 Kbit (32K x 8) AutoStore nvSRAM Unlimited Read/Write endurance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com