Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK14C88-3 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # STK14C88-3
Description  256 Kbit (32K x 8) AutoStore nvSRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK14C88-3 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button STK14C88-3 Datasheet HTML 7Page - Cypress Semiconductor STK14C88-3 Datasheet HTML 8Page - Cypress Semiconductor STK14C88-3 Datasheet HTML 9Page - Cypress Semiconductor STK14C88-3 Datasheet HTML 10Page - Cypress Semiconductor STK14C88-3 Datasheet HTML 11Page - Cypress Semiconductor STK14C88-3 Datasheet HTML 12Page - Cypress Semiconductor STK14C88-3 Datasheet HTML 13Page - Cypress Semiconductor STK14C88-3 Datasheet HTML 14Page - Cypress Semiconductor STK14C88-3 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
STK14C88-3
Document Number: 001-50592 Rev. **
Page 11 of 17
AutoStore or Power Up RECALL
Parameter
Alt
Description
STK14C88-3
Unit
Min
Max
tHRECALL
[15]
tRESTORE
Power up RECALL Duration
550
μs
tSTORE
[16, 17]
tHLHZ
STORE Cycle Duration
10
ms
tVSBL
[16]
Low Voltage Trigger (VSWITCH) to HSB low
300
ns
VRESET
Low Voltage Reset Level
2.4
V
VSWITCH
Low Voltage Trigger Level
2.7
2.95
V
tDELAY
[16]
tBLQZ
Time Allowed to Complete SRAM Cycle
1
μs
Switching Waveforms
Figure 11. AutoStore/Power Up RECALL
WE
Notes
15. tHRECALL starts from the time VCC rises above VSWITCH.
16. CE and OE low and WE high for output behavior.
17. HSB is asserted low for 1us when VCAP drops through VSWITCH. If an SRAM WRITE has not taken place since the last nonvolatile cycle, HSB will be released and no
store will take place.
[+] Feedback


Similar Part No. - STK14C88-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK14C88-3 ETC-STK14C88-3 Datasheet
371Kb / 13P
32K x 8 AutoStore??nvSRAM QuantumTrap CMOS Nonvolatile StaticRAM
logo
Simtek Corporation
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
32Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
425Kb / 18P
32Kx8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
1Mb / 18P
256 Kbit (32K x 8) AutoStore nvSRAM Unlimited Read/Write endurance
logo
List of Unclassifed Man...
STK14C88-3N35 ETC-STK14C88-3N35 Datasheet
371Kb / 13P
32K x 8 AutoStore??nvSRAM QuantumTrap CMOS Nonvolatile StaticRAM
More results

Similar Description - STK14C88-3

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B256L CYPRESS-CY14B256L Datasheet
1Mb / 17P
256-Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L Datasheet
799Kb / 16P
256-Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L_09 Datasheet
657Kb / 18P
256 Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L_09 Datasheet
1Mb / 18P
256 Kbit (32K x 8) nvSRAM
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88 CYPRESS-STK16C88 Datasheet
468Kb / 14P
256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88-3 CYPRESS-STK16C88-3 Datasheet
456Kb / 14P
256 Kbit (32K x 8) AutoStore nvSRAM
CY14B256LA CYPRESS-CY14B256LA Datasheet
648Kb / 21P
256 Kbit (32K x 8) nvSRAM
CY14E256LA CYPRESS-CY14E256LA Datasheet
606Kb / 19P
256 Kbit (32K x 8) nvSRAM
STK14C88-3 CYPRESS-STK14C88-3_11 Datasheet
1Mb / 18P
256 Kbit (32K x 8) AutoStore nvSRAM Unlimited Read/Write endurance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com