Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6703HDC-2TRPBF Datasheet(PDF) 6 Page - Linear Technology

Part # LT6703HDC-2TRPBF
Description  Micropower, Low Voltage Comparator with 400mV Reference
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6703HDC-2TRPBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LT6703HDC-2TRPBF Datasheet HTML 2Page - Linear Technology LT6703HDC-2TRPBF Datasheet HTML 3Page - Linear Technology LT6703HDC-2TRPBF Datasheet HTML 4Page - Linear Technology LT6703HDC-2TRPBF Datasheet HTML 5Page - Linear Technology LT6703HDC-2TRPBF Datasheet HTML 6Page - Linear Technology LT6703HDC-2TRPBF Datasheet HTML 7Page - Linear Technology LT6703HDC-2TRPBF Datasheet HTML 8Page - Linear Technology LT6703HDC-2TRPBF Datasheet HTML 9Page - Linear Technology LT6703HDC-2TRPBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
LT6703-2/LT6703-3
LT6703HV-2/LT6703HV-3
6
670323fd
ELECTRICAL CHARACTERISTICS
OUT: Open-Collector Output of Comparator. This pin
provides drive for up to 40mA of load current. Off-state
voltage may be as high as 18V (36V for LT6703HV) above
GND, regardless of VS used.
GND: Ground. This pin is also the low side return of the
internal 400mV reference.
IN: External Input for Comparator. The voltage on this
pin can range from –0.3V to 18V (36V for LT6703HV)
with respect to GND regardless of VS used. The input is
noninverting for the LT6703-3/LT6703HV-3, and inverting
for the LT6703-2/LT6703HV-2. The other comparator input
is internally connected to the 400mV reference.
VS: Supply Voltage. The parts are characterized for opera-
tion with 1.4V ≤ VS ≤ 18V with respect to GND.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: A heat sink may be required to keep the junction temperature
below the absolute maximum rating when the output is shorted
indefinitely.
Note 3: The inputs are protected by ESD diodes to the ground pin. If the
input voltage exceeds –0.3V below ground, the input current should be
limited to less than 10mA.
Note 4: The LT6703C-2/-3/LT6703HVC-2/-3, and LT6703I-2/-3/LT6703HVI-
2/-3 are guaranteed functional over the operating temperature range of
–40°C to 85°C.
The LT6703H-2/-3/LT6703HVH-2/-3, is guaranteed functional over the
operating temperature range of –40°C to 125°C.
Note 5: The LT6703C-2/-3/LT6703HVC-2/-3, are guaranteed to meet the
specified performance from 0°C to 70°C. The LT6703C-2/-3/LT6703HVC-
2/-3 are designed, characterized and expected to meet specified
performance from –40°C to 85°C but are not tested or QA sampled at
these temperatures. The LT6703I-2/-3/LT6703HVI-2/-3, are guaranteed
to meet specified performance from –40°C to 85°C. The LT6703H-2/-
3/LT6703HVH-2/-3, is guaranteed to meet specified performance from
–40°C to 125°C.
Note 6: VTH defines the threshold voltage of the comparator and combines
the effect of offset and reference accuracy.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VTH(R)
Rising Input Threshold Voltage (Note 6)
RL = 100k, VO = 2V Swing, VS = 5V
l
392
410
mV
VTH(F)
Falling Input Threshold Voltage (Note 6) RL = 100k, VO = 2V Swing, VS = 5V
l 382.5
404.5
mV
HYS
HYS = VTH(R) – VTH(F)
VS = 5V, RL = 100k, VO = 2V Swing
l
2
13.5
mV
IB
Input Bias Current
VS = 1.4V, 18V, VIN = VS
VS = 1.4V, VIN = 18V, 36V
VS = 1.4V, 18V, VIN = 0.1V
l
l
l
±45
±45
±50
nA
nA
nA
VOL
Output Low Voltage
10mV Input Overdrive, VS = 5V, IOUT = 5mA
l
250
mV
IOFF
Output Leakage Current
VS = 1.4V, 18V, VOUT = VS, VIN = 40mV Overdrive
VS = 18V, VOUT = 18V, (36V, RL = 100k), VIN = 40mV Overdrive
l
l
1
1
μA
μA
IS
Supply Current
No Load Current, VS = 5V
l
17.0
μA
The
l denotes the specifications which apply over the temperature range of –40°C ≤ TA ≤ 125°C, (LT6703HVH-2/LT6703HVH-3) unless
otherwise specified (Notes 4, 5).
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOL
Output Low Voltage
10mV Input Overdrive, VS = 5V, IOUT = 5mA
l
250
mV
IOFF
Output Leakage Current
VS = 1.4V, 18V, VOUT = VS, VIN = 40mV Overdrive
VS = 18V, VOUT = 18V, (36V, RL = 100k), VIN = 40mV Overdrive
l
l
1
1
μA
μA
IS
Supply Current
No Load Current, VS = 5V
l
15
μA
The
l denotes the specifications which apply over the temperature range of
–40°C ≤ TA ≤ 85°C, (LT6703HVI-2/LT6703HVI-3) unless otherwise specified (Notes 4, 5).
PIN FUNCTIONS


Similar Part No. - LT6703HDC-2TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6703HDC-2-TRMPBF LINER-LT6703HDC-2-TRMPBF Datasheet
166Kb / 12P
Micropower, Low Voltage Comparator with 400mV Reference
LT6703HDC-2-TRPBF LINER-LT6703HDC-2-TRPBF Datasheet
166Kb / 12P
Micropower, Low Voltage Comparator with 400mV Reference
More results

Similar Description - LT6703HDC-2TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6703-2 LINER-LT6703-2 Datasheet
166Kb / 12P
Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2_15 Datasheet
187Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-2 LINER-LT6703HV-2_15 Datasheet
187Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-3 LINER-LT6703HV-3_15 Datasheet
187Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
LT6703-3 LINER-LT6703-3_15 Datasheet
187Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
LT6700 LINER-LT6700 Datasheet
289Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Dimensions Semic...
LT6700CS6-3TRMPBF LINEAR_DIMENSIONS-LT6700CS6-3TRMPBF Datasheet
455Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Technology
LT6700CDCB-3 LINER-LT6700CDCB-3 Datasheet
412Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700HV LINER-LT6700HV_15 Datasheet
455Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700 LINER-LT6700_15 Datasheet
455Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com